データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MB85R1001ANC-GE1 データシート(PDF) 12 Page - Fujitsu Component Limited.

部品番号 MB85R1001ANC-GE1
部品情報  1 M Bit (128 K 횞 8)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FUJITSU [Fujitsu Component Limited.]
ホームページ  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB85R1001ANC-GE1 データシート(HTML) 12 Page - Fujitsu Component Limited.

Back Button MB85R1001ANC-GE1 Datasheet HTML 8Page - Fujitsu Component Limited. MB85R1001ANC-GE1 Datasheet HTML 9Page - Fujitsu Component Limited. MB85R1001ANC-GE1 Datasheet HTML 10Page - Fujitsu Component Limited. MB85R1001ANC-GE1 Datasheet HTML 11Page - Fujitsu Component Limited. MB85R1001ANC-GE1 Datasheet HTML 12Page - Fujitsu Component Limited. MB85R1001ANC-GE1 Datasheet HTML 13Page - Fujitsu Component Limited. MB85R1001ANC-GE1 Datasheet HTML 14Page - Fujitsu Component Limited. MB85R1001ANC-GE1 Datasheet HTML 15Page - Fujitsu Component Limited. MB85R1001ANC-GE1 Datasheet HTML 16Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
MB85R1001A
12
DS501-00003-1v0-E
■ PACKAGE DIMENSIONS
Please check the latest package dimension at the following URL.
http://edevice.fujitsu.com/package/en-search/
48-pin plastic TSOP
Lead pitch
0.50 mm
Package width
×
package length
12.00 mm
× 12.40 mm
Lead shape
Gullwing
Sealing method
Plastic mold
Mounting height
1.20 mm MAX
Weight
0.36 g
48-pin plastic TSOP
(FPT-48P-M48)
(FPT-48P-M48)
C
2010 FUJITSU SEMICONDUCTOR LIMITED F48048Sc-1-1
14.00±0.20(.551±.008)
#12.00±0.10
0.10±0.05 (.004±.002)
(.472±.004)
0.08(.003)
0.50(.020)
0.22
(.009
)
1
25
24
48
A
0.145
(.006
)
M
0.10(.004)
Details of A part
0~8
(.024±.006)
0.60±0.15
INDEX
(STAND OFF)
*12.40±0.10(.488±.004)
+0.05
–0.03
+.002
–.001
+.002
–.002
+0.05
–0.04
1.13±0.07 (.044±.003)
(MOUNTING HEIGHT)
0.25(.010)
Dimensions in mm (inches).
Note: The values in parentheses are reference values.
Note 1) # : Resin protrusion. (Each side : +0.15 (.006) Max).
Note 2) * : These dimensions do not include resin protrusion.
Note 3) Pins width and pins thickness include plating thickness.
Note 4) Pins width do not include tie bar cutting remainder.


同様の部品番号 - MB85R1001ANC-GE1

メーカー部品番号データシート部品情報
logo
Fujitsu Component Limit...
MB85R1001A FUJITSU-MB85R1001A Datasheet
206Kb / 16P
   Memory FRAM CMOS 1 M Bit (128 K x 8)
More results

同様の説明 - MB85R1001ANC-GE1

メーカー部品番号データシート部品情報
logo
Fujitsu Component Limit...
MB85R1001 FUJITSU-MB85R1001_08 Datasheet
302Kb / 12P
   1 M Bit (128 K 횞 8)
MB85R1001 FUJITSU-MB85R1001 Datasheet
136Kb / 12P
   1 M Bit (128 K 횞 8)
MB85R1001 FUJITSU-MB85R1001_09 Datasheet
94Kb / 12P
   Memory FRAM CMOS 1 M Bit (128 K 횞 8)
MB85RS1MTPH-G FUJITSU-MB85RS1MTPH-G Datasheet
426Kb / 28P
   1M (128 K 횞 8) Bit SPI
logo
Cypress Semiconductor
CY14B101LA CYPRESS-CY14B101LA_12 Datasheet
725Kb / 29P
   1-Mbit (128 K 횞 8/64 K 횞 16) nvSRAM
logo
Fujitsu Component Limit...
MB85RS1MTPNF-G FUJITSU-MB85RS1MTPNF-G Datasheet
426Kb / 28P
   1M (128 K 횞 8) Bit SPI
MB85RS1MTPW-G FUJITSU-MB85RS1MTPW-G Datasheet
426Kb / 28P
   1M (128 K 횞 8) Bit SPI
logo
Cypress Semiconductor
CY14B101LA CYPRESS-CY14B101LA_11 Datasheet
1,013Kb / 26P
   1-Mbit (128 K 횞 8/64 K 횞 16) nvSRAM
CY7C1019DV-3310VXI CYPRESS-CY7C1019DV-3310VXI Datasheet
553Kb / 16P
   1-Mbit (128 K 횞 8) Static RAM
CY7C1019CV33 CYPRESS-CY7C1019CV33_12 Datasheet
463Kb / 13P
   1-Mbit (128 K 횞 8) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com