データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MB85RC04VPNF-G データシート(PDF) 8 Page - Fujitsu Component Limited.

部品番号 MB85RC04VPNF-G
部品情報  4 K (512 횞 8) Bit I2C
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FUJITSU [Fujitsu Component Limited.]
ホームページ  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB85RC04VPNF-G データシート(HTML) 8 Page - Fujitsu Component Limited.

Back Button MB85RC04VPNF-G Datasheet HTML 4Page - Fujitsu Component Limited. MB85RC04VPNF-G Datasheet HTML 5Page - Fujitsu Component Limited. MB85RC04VPNF-G Datasheet HTML 6Page - Fujitsu Component Limited. MB85RC04VPNF-G Datasheet HTML 7Page - Fujitsu Component Limited. MB85RC04VPNF-G Datasheet HTML 8Page - Fujitsu Component Limited. MB85RC04VPNF-G Datasheet HTML 9Page - Fujitsu Component Limited. MB85RC04VPNF-G Datasheet HTML 10Page - Fujitsu Component Limited. MB85RC04VPNF-G Datasheet HTML 11Page - Fujitsu Component Limited. MB85RC04VPNF-G Datasheet HTML 12Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
MB85RC04V
8
DS501-00016-2v0-E
■ COMMAND
•Byte Write
If the device address word (R/W “0” input) is sent after the start condition, the slave responds with an ACK.
After this ACK, write memory addresses and write data are sent in the same way, and the write ends by
generating a stop condition at the end.
• Page Write
If additional 8 bits are continuously sent after the same command (except stop condition) as Byte Write, a
page write is performed. The memory address rolls over to first memory address (000H) at the end of the
address. Therefore, if more than 512bytes are sent, the data is overwritten in order starting from the start of
the memory address that was written first.
As the FRAM performs the high-speed write operations, the data will be written to FRAM right after the ACK
response finished.
Start Condition
Stop Condition
ACK (SDA is the "L" level)
A
S
P
LSB
XXXXXX X X
S
A2 A1 A8
A
A
A P
Address
Low 8bits
Write
Data 8bits
0
1
010
MSB
X
Access from master
Access from slave
Start Condition
Stop Condition
ACK (SDA is the "L" level)
A
S
P
S
A2 A1 A8
A
A
A
A P
Address
Low 8bits
Write
Data 8bits
Write
Data
...
0
1
010
Access from master
Access from slave


同様の部品番号 - MB85RC04VPNF-G

メーカー部品番号データシート部品情報
logo
Fujitsu Component Limit...
MB85RC04V FUJITSU-MB85RC04V Datasheet
307Kb / 29P
   4 K (512 횞 8) I2C
More results

同様の説明 - MB85RC04VPNF-G

メーカー部品番号データシート部品情報
logo
Fujitsu Component Limit...
MB85RC04V FUJITSU-MB85RC04V Datasheet
307Kb / 29P
   4 K (512 횞 8) I2C
MB85RC64PNF-G FUJITSU-MB85RC64PNF-G Datasheet
143Kb / 20P
   64 K (8 K 횞 8) Bit I2C
MB85RC64TAPNF-G FUJITSU-MB85RC64TAPNF-G Datasheet
200Kb / 27P
   64 K (8 K 횞 8) Bit I2C
MB85RC64APNF-G FUJITSU-MB85RC64APNF-G Datasheet
287Kb / 28P
   64 K (8 K 횞 8) Bit I2C
MB85RQ4MLPF-G FUJITSU-MB85RQ4MLPF-G Datasheet
360Kb / 30P
   4 M (512 K 횞 8) Bit Quad SPI
MB85RC16VPNF-G FUJITSU-MB85RC16VPNF-G Datasheet
306Kb / 29P
   16 K (2 K 횞 8) Bit I2C
MB85RC256VPNF-G FUJITSU-MB85RC256VPNF-G Datasheet
317Kb / 28P
   256 K (32 K 횞 8) Bit I2C
logo
Cypress Semiconductor
CG7501AA CYPRESS-CG7501AA Datasheet
498Kb / 20P
   4-Mbit (512 K 횞 8) nvSRAM
CY14C512J CYPRESS-CY14C512J_12 Datasheet
1Mb / 30P
   512-Kbit (64 K 횞 8) Serial (I2C) nvSRAM
CY14B104LA CYPRESS-CY14B104LA_12 Datasheet
977Kb / 26P
   4-Mbit (512 K 횞 8/256 K 횞 16) nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com