データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MB85RC16VPNF-G データシート(PDF) 16 Page - Fujitsu Component Limited.

部品番号 MB85RC16VPNF-G
部品情報  16 K (2 K 횞 8) Bit I2C
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FUJITSU [Fujitsu Component Limited.]
ホームページ  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB85RC16VPNF-G データシート(HTML) 16 Page - Fujitsu Component Limited.

Back Button MB85RC16VPNF-G Datasheet HTML 12Page - Fujitsu Component Limited. MB85RC16VPNF-G Datasheet HTML 13Page - Fujitsu Component Limited. MB85RC16VPNF-G Datasheet HTML 14Page - Fujitsu Component Limited. MB85RC16VPNF-G Datasheet HTML 15Page - Fujitsu Component Limited. MB85RC16VPNF-G Datasheet HTML 16Page - Fujitsu Component Limited. MB85RC16VPNF-G Datasheet HTML 17Page - Fujitsu Component Limited. MB85RC16VPNF-G Datasheet HTML 18Page - Fujitsu Component Limited. MB85RC16VPNF-G Datasheet HTML 19Page - Fujitsu Component Limited. MB85RC16VPNF-G Datasheet HTML 20Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 29 page
background image
MB85RC16V
16
DS501-00010-6v0-E
■ ESD AND LATCH-UP
• Current method of Latch-Up Resistance Test
Note : The voltage VIN is increased gradually and the current IIN of 300 mA at maximum shall flow.
Confirm the latch up does not occur under IIN
= ± 300 mA.
In case the specific requirement is specified for I/O and IIN cannot be 300 mA, the voltage shall be
increased to the level that meets the specific requirement.
Test
DUT
Value
ESD HBM (Human Body Model)
JESD22-A114 compliant
MB85RC16VPNF-G-JNE1
|2000 V|
ESD MM (Machine Model)
JESD22-A115 compliant
|200 V|
ESD CDM (Charged Device Model)
JESD22-C101 compliant
|1000 V|
Latch-Up (I-test)
JESD78 compliant
Latch-Up (Vsupply overvoltage test)
JESD78 compliant
Latch-Up (Current Method)
Proprietary method
|300 mA|
Latch-Up (C-V Method)
Proprietary method
A
VDD
VSS
DUT
V
IIN
VIN
+
-
Test terminal
Protection Resistor
VDD
(Max.Rating)
Reference
terminal


同様の部品番号 - MB85RC16VPNF-G

メーカー部品番号データシート部品情報
logo
Fujitsu Component Limit...
MB85RC16V FUJITSU-MB85RC16V Datasheet
295Kb / 32P
   16 K (2 K횞8) ?볝긿?뉹2C
More results

同様の説明 - MB85RC16VPNF-G

メーカー部品番号データシート部品情報
logo
Fujitsu Component Limit...
MB85RS16NPNF-G FUJITSU-MB85RS16NPNF-G Datasheet
375Kb / 28P
   16 K (2 K 횞 8) Bit SPI
MB85RS16N FUJITSU-MB85RS16N Datasheet
375Kb / 28P
   16 K (2 K 횞 8) Bit SPI
MB85RC64PNF-G FUJITSU-MB85RC64PNF-G Datasheet
143Kb / 20P
   64 K (8 K 횞 8) Bit I2C
MB85RC64TAPNF-G FUJITSU-MB85RC64TAPNF-G Datasheet
200Kb / 27P
   64 K (8 K 횞 8) Bit I2C
MB85RC64APNF-G FUJITSU-MB85RC64APNF-G Datasheet
287Kb / 28P
   64 K (8 K 횞 8) Bit I2C
MB85RC256VPNF-G FUJITSU-MB85RC256VPNF-G Datasheet
317Kb / 28P
   256 K (32 K 횞 8) Bit I2C
MB85RC16 FUJITSU-MB85RC16 Datasheet
138Kb / 20P
   Memory FRAM 16 K (2 K x 8) Bit I2C
MB85RC04VPNF-G FUJITSU-MB85RC04VPNF-G Datasheet
317Kb / 29P
   4 K (512 횞 8) Bit I2C
logo
Cypress Semiconductor
CYDC128B16 CYPRESS-CYDC128B16_11 Datasheet
689Kb / 29P
   1.8 V 4 K/8 K/16 K 횞 16 and 8 K/16 K 횞 8 ConsuMoBL Dual-Port Static RAM
logo
Fujitsu Component Limit...
MB85RC04V FUJITSU-MB85RC04V Datasheet
307Kb / 29P
   4 K (512 횞 8) I2C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com