データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LTO-50 データシート(PDF) 4 Page - Vishay Siliconix

部品番号 LTO-50
部品情報  Power Resistor Thick Film Technology
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VISHAY [Vishay Siliconix]
ホームページ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

LTO-50 データシート(HTML) 4 Page - Vishay Siliconix

  LTO-50 Datasheet HTML 1Page - Vishay Siliconix LTO-50 Datasheet HTML 2Page - Vishay Siliconix LTO-50 Datasheet HTML 3Page - Vishay Siliconix LTO-50 Datasheet HTML 4Page - Vishay Siliconix LTO-50 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
LTO 50
www.vishay.com
Vishay Sfernice
Revision: 09-Dec-15
4
Document Number: 50050
For technical questions, contact: sferfixedresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
ORDERING INFORMATION
LTO
50
F
2.7 k
Ω
± 1 %
xxx
TU50
e3
MODEL
STYLE
CONNECTIONS
RESISTANCE VALUE
TOLERANCE
± 1 %
± 2 %
± 5 %
± 10 %
CUSTOM DESIGN
optional
on request:
special TCR,
shape etc.
PACKAGING
LEAD (Pb)-FREE
GLOBAL PART NUMBER INFORMATION
GLOBAL
MODEL
SIZE
LEADS
OHMIC VALUE
TOLERANCE
PACKAGING
LEAD (Pb)-FREE
LTO
050
F = radial leads
The first four digits are
significant figures and the
last digit specifies the
number of zeros to follow.
R designates decimal point.
48R70 = 48.7
Ω
48701 = 48 700
Ω
10002 = 100 000
Ω
R0100 = 0.01
Ω
R4700 = 0.47
Ω
27000 = 2700
Ω = 2.7 kΩ
F = 1 %
G = 2 %
J = 5 %
K = 10 %
T = tube
tube 50 pieces
E3 = pure tin
RELATED DOCUMENTS
APPLICATION NOTES
Potentiometers and Trimmers
www.vishay.com/doc?51001
Guidelines for Vishay Sfernice Resistive and Inductive Components
www.vishay.com/doc?52029
05
0
F
2
7
0
0
T
3
T
O
L
0J
E


同様の部品番号 - LTO-50

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
LTO-100F10002F-T-E3 VISHAY-LTO-100F10002F-T-E3 Datasheet
107Kb / 6P
   Power Resistor Thick Film Technology
01-Jan-2022
LTO-100F10002G-T-E3 VISHAY-LTO-100F10002G-T-E3 Datasheet
107Kb / 6P
   Power Resistor Thick Film Technology
01-Jan-2022
LTO-100F10002J-T-E3 VISHAY-LTO-100F10002J-T-E3 Datasheet
107Kb / 6P
   Power Resistor Thick Film Technology
01-Jan-2022
LTO-100F10002K-T-E3 VISHAY-LTO-100F10002K-T-E3 Datasheet
107Kb / 6P
   Power Resistor Thick Film Technology
01-Jan-2022
LTO-100F27000-F-T-E3 VISHAY-LTO-100F27000-F-T-E3 Datasheet
107Kb / 6P
   Power Resistor Thick Film Technology
01-Jan-2022
More results

同様の説明 - LTO-50

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
LTO50 VISHAY-LTO50 Datasheet
90Kb / 4P
   Power Resistor Thick Film Technology
Revision 26-Mar-07
LTO050F1R000JTE3 VISHAY-LTO050F1R000JTE3 Datasheet
109Kb / 4P
   Power Resistor Thick Film Technology
Revision: 16-Oct-08
RTO50 VISHAY-RTO50 Datasheet
121Kb / 4P
   Power Resistor, Thick Film Technology
Revision 14-Jan-05
LTO100 VISHAY-LTO100_V01 Datasheet
107Kb / 6P
   Power Resistor Thick Film Technology
01-Jan-2022
LTO100 VISHAY-LTO100_15 Datasheet
103Kb / 5P
   Power Resistor Thick Film Technology
Revision: 08-Dec-14
LTO100 VISHAY-LTO100 Datasheet
90Kb / 4P
   Power Resistor Thick Film Technology
Revision: 26-Mar-07
LTO050F50R00JTE3 VISHAY-LTO050F50R00JTE3 Datasheet
91Kb / 5P
   Power Resistor Thick Film Technology
Revision: 22-Jan-14
LTO50 VISHAY-LTO50_15 Datasheet
86Kb / 5P
   Power Resistor Thick Film Technology
Revision: 01-Aug-13
LTO030F47R00JTE3 VISHAY-LTO030F47R00JTE3 Datasheet
94Kb / 5P
   30 W Power Resistor Thick Film Technology
Revision: 01-Aug-13
LTO-150 VISHAY-LTO-150 Datasheet
99Kb / 4P
   Clip Mount Power Resistor Thick Film Technology
Revision: 15-Feb-18
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com