データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MLV0603E3 データシート(PDF) 1 Page - Vishay Siliconix

部品番号 MLV0603E3
部品情報  SMD 0603 Multilayer Varistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VISHAY [Vishay Siliconix]
ホームページ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MLV0603E3 データシート(HTML) 1 Page - Vishay Siliconix

  MLV0603E3 Datasheet HTML 1Page - Vishay Siliconix MLV0603E3 Datasheet HTML 2Page - Vishay Siliconix MLV0603E3 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MLV0603E3
www.vishay.com
Vishay BCcomponents
Revision: 22-Apr-15
1
Document Number: 29108
For technical questions, contact: nlr@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
SMD 0603 Multilayer Varistor
FEATURES
• Surface mount multilayer surge suppressor
• Inherent bidirectional clamping
• Excellent energy/volume ratio
• Suitable for reflow soldering
• Material categorization:
for
definitions
of
compliance
please
see
www.vishay.com/doc?99912
APPLICATIONS
Over-voltage and transient voltage protection:
• Data lines and I/O port protection
• Protection against ESD transients
• On-board protection of IC’s and transistors
• Modem protection
• LCD protection
DESCRIPTION
Size 0603 (1608M) multilayer chip varistor with NiSn
terminations.
PACKAGING
Available in 8 mm paper tape, component pitch 4 mm on
180 mm reels containing 4000 pieces.
Notes
• Sinusoidal voltage assumed as normal operating condition.
If a non-sinusoidal voltage is present, the crest voltage x 0.707 should be used for type selection.
• Breakdown voltage at a current of 1 mA, measured according to 4.5 of IEC 61051-1.
• Parts are not recommended for automotive applications.
QUICK REFERENCE DATA
PARAMETER
VALUE
UNIT
Maximum continuous voltage
DC
5.6 to 30.0
V
AC
4.0 to 25.0
V
Maximum clamping voltage
at 1 A
15.5 to 65
V
Capacitance range
(at 1 MHz)
150 to 825
pF
Maximum energy (10/1000 μs)
0.1
J
Maximum peak current
30
A
Operating temperature range
-55 to 125
°C
Weight
± 0.005
g
ELECTRICAL DATA AND ORDERING INFORMATION
WORKING VOLTAGE
BREAKDOWN
VOLTAGE
MAXIMUM
CLAMPING
VOLTAGE
TYPICAL
CAPACITANCE
PART NUMBER
VRMS
VDC
Vb
VC
CSAP
V
V
V
V
pF
MLV0603E3
< 10 μA
1 mA
1 A, 8/20 μs
1 MHz
4.0
5.6
7.1 to 9.3
15.5
825
0403T
7.0
9.0
11.0 to 14.0
20.0
550
0703T
11.0
14.0
16.0 to 20.0
30.0
425
1103T
14.0
18.0
23.0 to 28.0
40.0
225
1403T
20.0
26.0
31.0 to 38.0
58.0
160
2003T
25.0
30.0
37.0 to 46.0
65.0
150
2503T


同様の部品番号 - MLV0603E3

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
MLV0603E3 VISHAY-MLV0603E3 Datasheet
64Kb / 3P
   SMD 0603 Multilayer Varistor
01-Jan-2022
MLV0603E3 VISHAY-MLV0603E3_V01 Datasheet
64Kb / 3P
   SMD 0603 Multilayer Varistor
01-Jan-2022
More results

同様の説明 - MLV0603E3

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
MLV0603E3 VISHAY-MLV0603E3_V01 Datasheet
64Kb / 3P
   SMD 0603 Multilayer Varistor
01-Jan-2022
logo
Wurth Elektronik GmbH &...
82536070 WURTH-82536070 Datasheet
281Kb / 5P
   0603 SMD VARISTOR
82556200 WURTH-82556200 Datasheet
165Kb / 5P
   0603 SMD VARISTOR
82556250 WURTH-82556250 Datasheet
165Kb / 5P
   0603 SMD VARISTOR
82536040 WURTH-82536040 Datasheet
281Kb / 5P
   0603 SMD VARISTOR
82536110 WURTH-82536110 Datasheet
281Kb / 5P
   0603 SMD VARISTOR
82556170 WURTH-82556170 Datasheet
165Kb / 5P
   0603 SMD VARISTOR
82556140 WURTH-82556140 Datasheet
165Kb / 5P
   0603 SMD VARISTOR
82536140 WURTH-82536140 Datasheet
281Kb / 5P
   0603 SMD VARISTOR
82556060 WURTH-82556060 Datasheet
165Kb / 5P
   0603 SMD VARISTOR
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com