データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SL1011B データシート(PDF) 1 Page - Littelfuse

部品番号 SL1011B
部品情報  Gas Plasma Arrester
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LITTELFUSE [Littelfuse]
ホームページ  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SL1011B データシート(HTML) 1 Page - Littelfuse

  SL1011B Datasheet HTML 1Page - Littelfuse SL1011B Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
8
333
www .littelfuse .com
Gas Discharge Tubes
2 ELECTRODE GDT
GRAPHICAL SYMBOL
1011 B
Voltage
Pin Configuration
SL
ORDERING INFORMATION
All dimensions in mm
SL1011B Series Gas Plasma Arrester
High Performance Beta Range
60 +
_ 0.4
8.0 +
_ 0.2
8.0 +
_ 0.2
8.0 +
_ 0.2
SL1011BxxxA
SL1011BxxxC
The SL1011B series offers high levels of performance on fast ris-
ing transients in the domain of 100V/
µS to 1KV/µS, which are
those most likely from induced Lightning disturbances. The
SL1011B series also features ultra low capacitance (typically 1pF
or less) making them ideal for the protection of high-speed
transmission equipment. These devices are extremely robust and
are able to divert a 10,000A pulse without destruction.
FEATURES
Excellent response to fast rising transients.
Ultra low capacitance.
10KA surge capability tested with 8/20
µs pulse as defined by
IEC 61000-4-5
10,000 A single shot surge capability tested with 8/20
µs
pulse as defined by IEC 61000-4-5
Applications:
Broadband equipment.
ADSL equipment.
XDSL equipment.
Satellite and CATV equipment.
General telecom equipment.
Mechanical Specifications:
Weight:
2.7g (0.095 oz.)
Materials:
Electrode Base: Nickel Iron Alloy
Electrode Plating: Bright Sn
Body: Ceramic
Device Marking:
Littelfuse ‘LF’ marking, Voltage and
date code.
®


同様の部品番号 - SL1011B

メーカー部品番号データシート部品情報
logo
Littelfuse
SL1011B075 LITTELFUSE-SL1011B075 Datasheet
420Kb / 6P
   SL1011A/B and SL1411A Series
SL1011B075 LITTELFUSE-SL1011B075 Datasheet
156Kb / 2P
   Surface Mount Surge Arresters SL1011B Series
SL1011B075 LITTELFUSE-SL1011B075 Datasheet
684Kb / 6P
   SL1011A/B and SL1411A Series
SL1011B075 LITTELFUSE-SL1011B075 Datasheet
100Kb / 2P
   SL1011B Series Gas Plasma Arrester
SL1011B090 LITTELFUSE-SL1011B090 Datasheet
420Kb / 6P
   SL1011A/B and SL1411A Series
More results

同様の説明 - SL1011B

メーカー部品番号データシート部品情報
logo
Littelfuse
SL1024A090 LITTELFUSE-SL1024A090 Datasheet
329Kb / 4P
   Gas Plasma Arrester
SL1011B250A LITTELFUSE-SL1011B250A Datasheet
100Kb / 2P
   SL1011B Series Gas Plasma Arrester
SL1411A LITTELFUSE-SL1411A Datasheet
189Kb / 2P
   Two-terminal Gas Plasma Arrester
SL1002A LITTELFUSE-SL1002A Datasheet
206Kb / 2P
   Greentube??SL1002A Series Gas Plasma Arrester
SL1024A LITTELFUSE-SL1024A Datasheet
203Kb / 3P
   Gas Plasma Arresters
XT350 LITTELFUSE-XT350 Datasheet
76Kb / 2P
   Switching Gas Discharge Tubes - Gas Plasma Voltage Dependent Switches
LT230 LITTELFUSE-LT230 Datasheet
110Kb / 2P
   Switching Gas Discharge Tubes - Gas Plasma Voltage Dependent Switches
VS230 LITTELFUSE-VS230 Datasheet
81Kb / 2P
   Switching Gas Discharge Tubes - Gas Plasma Voltage Dependent Switches
P0080SAL LITTELFUSE-P0080SAL Datasheet
843Kb / 52P
   gas plasma arresters-package dimensions/specifications
SL1003 LITTELFUSE-SL1003 Datasheet
220Kb / 3P
   Greentube SL1003 Series Gas Plasma Arresters
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com