データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SL1011B260 データシート(PDF) 2 Page - Littelfuse

部品番号 SL1011B260
部品情報  Gas Plasma Arrester
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LITTELFUSE [Littelfuse]
ホームページ  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SL1011B260 データシート(HTML) 2 Page - Littelfuse

  SL1011B260 Datasheet HTML 1Page - Littelfuse SL1011B260 Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SL1011B Series Gas Plasma Arrester
Gas Discharge Tubes
High Performance Beta Range
334
www .littelfuse .com
Note: Other outlines available on request.
LITTELFUSE 2 TERMINAL ARRESTER SERIES
TOTALLY NON-RADIOACTIVE, UL RECOGNIZED
Part Number
SL1011B230
SL1011B250
SL1011B260
SL1011B350
SL1011B500
SL1011B600
DC Voltage
(V)
230
250
260
350
500
600
DC
Breakover
Voltage
Min-Max
(V)
184-276
200-300
210-310
280-420
400-500
480-720
Max
Dynamic
Breakover
Voltage
@ 100V/µs2
(V)
375
400
420
500
750
450
Alternating
Discharge
Current
(A)
10
10
10
10
10
10
Max Single
Impulse
Discharge
Current
8/20µs
(kA)
20
20
20
20
20
20
Max Single
Impulse
Discharge
Current
10/350µs
(kA)
2.5
2.5
2.5
2.5
2.5
2.5
Max
Repetitive
Impulse
Discharge
Current1
(kA)
10
10
10
10
10
(1) 10 shots, 8/20µs waveform.
(2) 10 shots, A.C. 60 Hz, 1 sec duration.
Time (ns)
0
200
400
600
800
1000
1200
Max dynamic breakover
voltage
Hold-over voltage
On-State voltage
Voltage vs Time Characteristic
®


同様の部品番号 - SL1011B260

メーカー部品番号データシート部品情報
logo
Littelfuse
SL1011B260 LITTELFUSE-SL1011B260 Datasheet
420Kb / 6P
   SL1011A/B and SL1411A Series
SL1011B260 LITTELFUSE-SL1011B260 Datasheet
156Kb / 2P
   Surface Mount Surge Arresters SL1011B Series
SL1011B260 LITTELFUSE-SL1011B260 Datasheet
684Kb / 6P
   SL1011A/B and SL1411A Series
SL1011B260 LITTELFUSE-SL1011B260 Datasheet
100Kb / 2P
   SL1011B Series Gas Plasma Arrester
More results

同様の説明 - SL1011B260

メーカー部品番号データシート部品情報
logo
Littelfuse
SL1024A090 LITTELFUSE-SL1024A090 Datasheet
329Kb / 4P
   Gas Plasma Arrester
SL1011B250A LITTELFUSE-SL1011B250A Datasheet
100Kb / 2P
   SL1011B Series Gas Plasma Arrester
SL1411A LITTELFUSE-SL1411A Datasheet
189Kb / 2P
   Two-terminal Gas Plasma Arrester
SL1002A LITTELFUSE-SL1002A Datasheet
206Kb / 2P
   Greentube??SL1002A Series Gas Plasma Arrester
SL1024A LITTELFUSE-SL1024A Datasheet
203Kb / 3P
   Gas Plasma Arresters
XT350 LITTELFUSE-XT350 Datasheet
76Kb / 2P
   Switching Gas Discharge Tubes - Gas Plasma Voltage Dependent Switches
LT230 LITTELFUSE-LT230 Datasheet
110Kb / 2P
   Switching Gas Discharge Tubes - Gas Plasma Voltage Dependent Switches
VS230 LITTELFUSE-VS230 Datasheet
81Kb / 2P
   Switching Gas Discharge Tubes - Gas Plasma Voltage Dependent Switches
P0080SAL LITTELFUSE-P0080SAL Datasheet
843Kb / 52P
   gas plasma arresters-package dimensions/specifications
SL1003 LITTELFUSE-SL1003 Datasheet
220Kb / 3P
   Greentube SL1003 Series Gas Plasma Arresters
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com