データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LRC-LRF3WLF-01 データシート(PDF) 1 Page - TT Electronics.

部品番号 LRC-LRF3WLF-01
部品情報  LOW Value 3W Chip Resistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TTELEC [TT Electronics.]
ホームページ  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

LRC-LRF3WLF-01 データシート(HTML) 1 Page - TT Electronics.

  LRC-LRF3WLF-01 Datasheet HTML 1Page - TT Electronics. LRC-LRF3WLF-01 Datasheet HTML 2Page - TT Electronics. LRC-LRF3WLF-01 Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Low Value 3W Chip Resistors
LRF3W Series
3W in 1225 package
Resistancerangefrom0.003to0.1Ω
Tolerances to ±1%
AEC-Q200Qualified
Lowthermalimpedance
Wideterminationsenhancerobustness
RoHScompliantandSnPbvariants
e
u
l
a
V
c
i
t
s
i
r
e
t
c
a
r
a
h
C
Power dissipation @70°C
3 Watts
Resistance Range
R003to 1R0
V
0
0
2
d
n
a
t
s
h
ti
w
c
ir
t
c
e
l
e
i
D
Ambient temp range
-55 to +150°C
Resistance tolerance
<R004 5%,
≥R004 1, 2, 5%
C
°
/
m
p
p
0
0
1
±
R
C
T
Pad & trace area for maximum
power rating*
300mm2
Low Value 3W
Chip Resistors
LRF3W Series
3 Watts @ 70°C
Resistance range from 0.003 to 1Ω
Tolerances to ±1%
AEC-Q200 Qualified
General Note
Welwyn Components reserves the right to make changes in product specification without notice or liability.
All information is subject to Welwyn’s own data and is considered accurate at time of going to print.
© Welwyn Components Limited · Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
Electrical Data
Power Derating Curve
04.10
A subsidiary of
TT electronics plc
Welwyn Components
84
0.51
± 0.13mm
6.5
± 0.38mm
3.25
± 0.25mm
0.94 mm max
thickness
Plating
wrap-around
0.81
± 0.13mm
2.29
± 0.13mm
7.6mm
2mm
1mm
Physical Data
100
80
60
40
20
0
25°
70°
150°
Temperature in °C
Top
Bottom
(Board Side)
Recommended
Solder Pad Layout
Weight 0.065g typ.
e
u
l
a
V
c
i
t
s
i
r
e
t
c
a
r
a
h
C
Power dissipation @70°C
3 Watts
Resistance Range
R003to 1R0
V
0
0
2
d
n
a
t
s
h
ti
w
c
ir
t
c
e
l
e
i
D
Ambient temp range
-55 to +150°C
Resistance tolerance
<R004 5%,
≥R004 1, 2, 5%
C
°
/
m
p
p
0
0
1
±
R
C
T
Pad & trace area for maximum
power rating*
300mm2
Low Value 3W
Chip Resistors
LRF3W Series
3 Watts @ 70°C
Resistance range from 0.003 to 1Ω
Tolerances to ±1%
AEC-Q200 Qualified
General Note
Welwyn Components reserves the right to make changes in product specification without notice or liability.
All information is subject to Welwyn’s own data and is considered accurate at time of going to print.
© Welwyn Components Limited · Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
Electrical Data
Power Derating Curve
04.10
A subsidiary of
TT electronics plc
Welwyn Components
84
0.51
± 0.13mm
6.5
± 0.38mm
3.25
± 0.25mm
0.94 mm max
thickness
Plating
wrap-around
0.81
± 0.13mm
2.29
± 0.13mm
7.6mm
2mm
1mm
Physical Data
100
80
60
40
20
0
25°
70°
150°
Temperature in °C
Top
Bottom
(Board Side)
Recommended
Solder Pad Layout
Weight 0.065g typ.
LRF3W
Power rating @70°C
watts
3
Resistance range1
ohms
R003 to R10
Resistance tolerance
%
<R004: 5, ≥R004: 1, 2, 5
TCR
ppm/°C
<R004: ±550, ≥R004: ±100
Dielectric withstand
volts
200
Ambient temperature range
°C
-55 to +150
Values
E24 preferred2
Pad / trace area3
mm2
500
Recommended Solder Pad Dimensions
with example Kelvin PCB traces
7.6 mm
1 mm
2 mm
Sense Tracks: V+
V-
Current Track: I
Current Track: I
Recommended Solder Pad Dimensions
with example Kelvin PCB traces
Top
Bottom
(Board Side)
Note 1: Contact factory for values outside this range. Note 2: Many values = N x R001 and N x R005 up to N=10 are also available.
Note 3: Recommended minimum pad & adjacent trace area for each termination for rated dissipation on FR4 PCB
e
u
l
a
V
c
i
t
s
i
r
e
t
c
a
r
a
h
C
Power dissipation @70°C
3 Watts
Resistance Range
R003to 1R0
V
0
0
2
d
n
a
t
s
h
ti
w
c
ir
t
c
e
l
e
i
D
Ambient temp range
-55 to +150°C
Resistance tolerance
<R004 5%,
≥R004 1, 2, 5%
C
°
/
m
p
p
0
0
1
±
R
C
T
Pad & trace area for maximum
power rating*
300mm2
Low Value 3W
Chip Resistors
LRF3W Series
3 Watts @ 70°C
Resistance range from 0.003 to 1Ω
Tolerances to ±1%
AEC-Q200 Qualified
General Note
Welwyn Components reserves the right to make changes in product specification without notice or liability.
All information is subject to Welwyn’s own data and is considered accurate at time of going to print.
© Welwyn Components Limited · Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
Electrical Data
Power Derating Curve
04.10
A subsidiary of
TT electronics plc
Welwyn Components
84
0.51
± 0.13mm
6.5
± 0.38mm
3.25
± 0.25mm
0.94 mm max
thickness
Plating
wrap-around
0.81
± 0.13mm
2.29
± 0.13mm
7.6mm
2mm
1mm
Physical Data
100
80
60
40
20
0
25°
70°
150°
Temperature in °C
Top
Bottom
(Board Side)
Recommended
Solder Pad Layout
Weight 0.065g typ.
Resistors
AllPb-freepartscomplywithEUDirective2011/65/EU(RoHS2)
09.16
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronicsresistors.com
BI Technologies IRC Welwyn


同様の部品番号 - LRC-LRF3WLF-01

メーカー部品番号データシート部品情報
logo
IRC - a TT electronics ...
LRC-LRF3WLF-01-R020-F IRCTT-LRC-LRF3WLF-01-R020-F Datasheet
245Kb / 3P
   Low Range 3 Watt SMT Chip Resistor
logo
TT Electronics.
LRC-LRF3WLF-01-R020-F TTELEC-LRC-LRF3WLF-01-R020-F Datasheet
538Kb / 3P
   Low Value 3W Chip Resistors
logo
IRC - a TT electronics ...
LRC-LRF3WLF-01-R020-G IRCTT-LRC-LRF3WLF-01-R020-G Datasheet
245Kb / 3P
   Low Range 3 Watt SMT Chip Resistor
logo
TT Electronics.
LRC-LRF3WLF-01-R020-G TTELEC-LRC-LRF3WLF-01-R020-G Datasheet
538Kb / 3P
   Low Value 3W Chip Resistors
logo
IRC - a TT electronics ...
LRC-LRF3WLF-01-R020-J IRCTT-LRC-LRF3WLF-01-R020-J Datasheet
245Kb / 3P
   Low Range 3 Watt SMT Chip Resistor
More results

同様の説明 - LRC-LRF3WLF-01

メーカー部品番号データシート部品情報
logo
Welwyn Components Limit...
LRF3W WELWYN-LRF3W Datasheet
306Kb / 3P
   Low Value 3W Chip Resistors
logo
TT Electronics.
LRF3W TTELEC-LRF3W_17 Datasheet
538Kb / 3P
   Low Value 3W Chip Resistors
logo
Bi technologies
LRF3W-R05JW BITECH-LRF3W-R05JW Datasheet
139Kb / 3P
   Low Value 3W Chip Resistors
logo
List of Unclassifed Man...
LRF3W-R10JW ETC2-LRF3W-R10JW Datasheet
501Kb / 4P
   Low Value 3W Chip Resistors
logo
Bourns Electronic Solut...
CRL0603-FW-R090ELF BOURNS-CRL0603-FW-R090ELF Datasheet
215Kb / 3P
   Low Value Chip Resistors
CRL BOURNS-CRL Datasheet
225Kb / 3P
   Low Value Chip Resistors
logo
Panasonic Semiconductor
ERJ-M1WTJ2M0U PANASONIC-ERJ-M1WTJ2M0U Datasheet
75Kb / 2P
   Low Resistance Value Chip Resistors
ERJ-M1WSF5M0U PANASONIC-ERJ-M1WSF5M0U Datasheet
75Kb / 2P
   Low Resistance Value Chip Resistors
ERJ-M1WTF4M0U PANASONIC-ERJ-M1WTF4M0U Datasheet
75Kb / 2P
   Low Resistance Value Chip Resistors(Current Sensing Resistors)
ERJ-M1WSF10MU PANASONIC-ERJ-M1WSF10MU Datasheet
75Kb / 2P
   Low Resistance Value Chip Resistors(Current Sensing Resistors)
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com