データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UMD3NFHA データシート(PDF) 11 Page - Rohm

部品番号 UMD3NFHA
部品情報  NPN PNP Complex Digital Transistors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ROHM [Rohm]
ホームページ  http://www.rohm.com
Logo ROHM - Rohm

UMD3NFHA データシート(HTML) 11 Page - Rohm

Back Button UMD3NFHA Datasheet HTML 4Page - Rohm UMD3NFHA Datasheet HTML 5Page - Rohm UMD3NFHA Datasheet HTML 6Page - Rohm UMD3NFHA Datasheet HTML 7Page - Rohm UMD3NFHA Datasheet HTML 8Page - Rohm UMD3NFHA Datasheet HTML 9Page - Rohm UMD3NFHA Datasheet HTML 10Page - Rohm UMD3NFHA Datasheet HTML 11Page - Rohm UMD3NFHA Datasheet HTML 12Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Datasheet
Datasheet
Notice – WE
Rev.001
© 2015 ROHM Co., Ltd. All rights reserved.
General Precaution
1. Before you use our Pro ducts, you are requested to care fully read this document and fully understand its contents.
ROHM shall n ot be in an y way responsible or liabl e for fa ilure, malfunction or acci dent arising from the use of a ny
ROHM’s Products against warning, caution or note contained in this document.
2. All information contained in this docume nt is current as of the issuing date and subj ect to change without any prior
notice. Before purchasing or using ROHM’s Products, please confirm the la test information with a ROHM sale s
representative.
3. The information contained in this doc ument is provi ded on an “as is” basis and ROHM does not warrant that all
information contained in this document is accurate an d/or error-free. ROHM shall not be in an y way responsible or
liable for any damages, expenses or losses incurred by you or third parties resulting from inaccuracy or errors of or
concerning such information.


同様の部品番号 - UMD3NFHA

メーカー部品番号データシート部品情報
logo
Rohm
UMD3N ROHM-UMD3N Datasheet
83Kb / 4P
   General purpose (dual digital transistors)
UMD3N ROHM-UMD3N Datasheet
103Kb / 4P
   General purpose (Dual digital transistors)
logo
SeCoS Halbleitertechnol...
UMD3N SECOS-UMD3N Datasheet
384Kb / 2P
   Multi-Chip Digital Transistor
logo
Shenzhen Jin Yu Semicon...
UMD3N HTSEMI-UMD3N Datasheet
481Kb / 1P
   DUAL DIGITAL TRANSISTOR (NPN PNP)
logo
Jiangsu Changjiang Elec...
UMD3N JIANGSU-UMD3N Datasheet
1Mb / 5P
   DUAL DIGITAL TRANSISTOR
More results

同様の説明 - UMD3NFHA

メーカー部品番号データシート部品情報
logo
Rohm
EMD6T2R ROHM-EMD6T2R Datasheet
517Kb / 8P
   NPN PNP Complex Digital Transistors (Bias Resistor Built-in Transistors)
IMD9AT108 ROHM-IMD9AT108 Datasheet
591Kb / 9P
   NPN PNP Complex Digital Transistors (Bias Resistor Built-in Transistors)
UMD6NTR ROHM-UMD6NTR Datasheet
516Kb / 8P
   NPN PNP Complex Digital Transistors (Bias Resistor Built-in Transistors)
EMD4T2R ROHM-EMD4T2R Datasheet
563Kb / 8P
   NPN PNP Complex Digital Transistors (Bias Resistor Built-in Transistors)
UMB2NTN ROHM-UMB2NTN Datasheet
471Kb / 8P
   PNP -100mA -50V Complex Digital Transistors
UMB10NTN ROHM-UMB10NTN Datasheet
486Kb / 8P
   PNP -100mA -50V Complex Digital Transistors
UMB4NTN ROHM-UMB4NTN Datasheet
447Kb / 7P
   PNP -100mA -50V Complex Digital Transistors
UMB11NTN ROHM-UMB11NTN Datasheet
486Kb / 8P
   PNP -100mA -50V Complex Digital Transistors
IMB10AFRA ROHM-IMB10AFRA Datasheet
1Mb / 10P
   PNP -100mA -50V Complex Digital Transistors
2012.06 - Rev.D
UMH9NTN ROHM-UMH9NTN Datasheet
482Kb / 8P
   NPN 100mA 50V Complex Digital Transistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com