データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UMB3NFHA データシート(PDF) 5 Page - Rohm

部品番号 UMB3NFHA
部品情報  General purpose (Dual digital transistor)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ROHM [Rohm]
ホームページ  http://www.rohm.com
Logo ROHM - Rohm

UMB3NFHA データシート(HTML) 5 Page - Rohm

  UMB3NFHA Datasheet HTML 1Page - Rohm UMB3NFHA Datasheet HTML 2Page - Rohm UMB3NFHA Datasheet HTML 3Page - Rohm UMB3NFHA Datasheet HTML 4Page - Rohm UMB3NFHA Datasheet HTML 5Page - Rohm UMB3NFHA Datasheet HTML 6Page - Rohm UMB3NFHA Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Notice-PAA-E
Rev.003
© 2015 ROHM Co., Ltd. All rights reserved.
Notice
Precaution on using ROHM Products
1.
If you intend to use our Products in devices requiring extremely high reliability (such as medical equipment
(Note 1),
aircraft/spacecraft, nuclear power controllers, etc.) and whose malfunction or failure may cause loss of human life,
bodily injury or serious damage to property (
“Specific Applications”), please consult with the ROHM sales
representative in advance. Unless otherwise agreed in writing by ROHM in advance, ROHM shall not be in any way
responsible or liable for any damages, expenses or losses incurred by you or third parties arising from the use of any
ROHM
’s Products for Specific Applications.
(Note1) Medical Equipment Classification of the Specific Applications
JAPAN
USA
EU
CHINA
CLASSⅢ
CLASSⅢ
CLASSⅡb
CLASSⅢ
CLASSⅣ
CLASSⅢ
2.
ROHM designs and manufactures its Products subject to strict quality control system. However, semiconductor
products can fail or malfunction at a certain rate. Please be sure to implement, at your own responsibilities, adequate
safety measures including but not limited to fail-safe design against the physical injury, damage to any property, which
a failure or malfunction of our Products may cause. The following are examples of safety measures:
[a] Installation of protection circuits or other protective devices to improve system safety
[b] Installation of redundant circuits to reduce the impact of single or multiple circuit failure
3.
Our Products are not designed under any special or extraordinary environments or conditions, as exemplified below.
Accordingly, ROHM shall not be in any way responsible or liable for any damages, expenses or losses arising from the
use of any ROHM’s Products under any special or extraordinary environments or conditions. If you intend to use our
Products under any special or extraordinary environments or conditions (as exemplified below), your independent
verification and confirmation of product performance, reliability, etc, prior to use, must be necessary:
[a] Use of our Products in any types of liquid, including water, oils, chemicals, and organic solvents
[b] Use of our Products outdoors or in places where the Products are exposed to direct sunlight or dust
[c] Use of our Products in places where the Products are exposed to sea wind or corrosive gases, including Cl2,
H2S, NH3, SO2, and NO2
[d] Use of our Products in places where the Products are exposed to static electricity or electromagnetic waves
[e] Use of our Products in proximity to heat-producing components, plastic cords, or other flammable items
[f] Sealing or coating our Products with resin or other coating materials
[g] Use of our Products without cleaning residue of flux (even if you use no-clean type fluxes, cleaning residue of
flux is recommended); or Washing our Products by using water or water-soluble cleaning agents for cleaning
residue after soldering
[h] Use of the Products in places subject to dew condensation
4.
The Products are not subject to radiation-proof design.
5.
Please verify and confirm characteristics of the final or mounted products in using the Products.
6.
In particular, if a transient load (a large amount of load applied in a short period of time, such as pulse. is applied,
confirmation of performance characteristics after on-board mounting is strongly recommended. Avoid applying power
exceeding normal rated power; exceeding the power rating under steady-state loading condition may negatively affect
product performance and reliability.
7.
De-rate Power Dissipation depending on ambient temperature. When used in sealed area, confirm that it is the use in
the range that does not exceed the maximum junction temperature.
8.
Confirm that operation temperature is within the specified range described in the product specification.
9.
ROHM shall not be in any way responsible or liable for failure induced under deviant condition from what is defined in
this document.
Precaution for Mounting / Circuit board design
1.
When a highly active halogenous (chlorine, bromine, etc.) flux is used, the residue of flux may negatively affect product
performance and reliability.
2.
In principle, the reflow soldering method must be used on a surface-mount products, the flow soldering method must
be used on a through hole mount products. If the flow soldering method is preferred on a surface-mount products,
please consult with the ROHM representative in advance.
For details, please refer to ROHM Mounting specification


同様の部品番号 - UMB3NFHA

メーカー部品番号データシート部品情報
logo
Rohm
UMB3N ROHM-UMB3N Datasheet
57Kb / 2P
   General purpose (dual digital transistors)
UMB3N ROHM-UMB3N Datasheet
70Kb / 3P
   General purpose (dual digital transistors)
logo
Shenzhen Jin Yu Semicon...
UMB3N HTSEMI-UMB3N Datasheet
508Kb / 1P
   General purpose transistors (dual transistors)
logo
Rohm
UMB3N ROHM-UMB3N Datasheet
447Kb / 7P
   PNP -100mA -50V Complex Digital Transistors
logo
Jiangsu Changjiang Elec...
UMB3N JIANGSU-UMB3N Datasheet
1Mb / 4P
   Dual Digital Transistors
More results

同様の説明 - UMB3NFHA

メーカー部品番号データシート部品情報
logo
Rohm
EMB53 ROHM-EMB53_16 Datasheet
966Kb / 7P
   General purpose Dual digital transistor
EMB52 ROHM-EMB52 Datasheet
865Kb / 9P
   General purpose Dual digital transistor
EMB10 ROHM-EMB10_15 Datasheet
1Mb / 11P
   General purpose Dual digital transistor
EMB4 ROHM-EMB4_15 Datasheet
999Kb / 9P
   General purpose Dual digital transistor
UMD12NFHA ROHM-UMD12NFHA Datasheet
1Mb / 10P
   General purpose (Dual digital transistor)
EMH25FHA ROHM-EMH25FHA Datasheet
924Kb / 8P
   General purpose (Dual digital transistor)
EMH4FHA ROHM-EMH4FHA Datasheet
1Mb / 7P
   General purpose (dual digital transistor)
EMH4 ROHM-EMH4_15 Datasheet
1Mb / 10P
   General purpose (dual digital transistor)
EMD9 ROHM-EMD9_15 Datasheet
1Mb / 13P
   General purpose (dual digital transistor)
EMH51 ROHM-EMH51_16 Datasheet
1Mb / 8P
   General purpose (dual digital transistor)
EMB4FHA ROHM-EMB4FHA Datasheet
972Kb / 7P
   General purpose (Dual digital transistor)
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com