データシートサーチシステム |
|
SM5023BNEH データシート(PDF) 5 Page - Nippon Precision Circuits Inc |
|
SM5023BNEH データシート(HTML) 5 Page - Nippon Precision Circuits Inc |
5 / 9 page SM5023 series NIPPON PRECISION CIRCUITS INC.—5 Electrical Characteristics 3V operation: SM5023BNDH, BNEH, CNDH VDD = 2.7 to 3.6V, VSS = 0V, Ta = −20 to +80°C unless otherwise noted. 5V operation: SM5023BNDH, CNDH VDD = 4.5 to 5.5V, VSS = 0V, Ta = −40 to +85°C unless otherwise noted. Parameter Symbol Condition Rating Unit min typ max HIGH-level output voltage VOH Q: Measurement cct 1, VDD = 2.7V, IOH = 8mA 2.1 2.4 – V LOW-level output voltage VOL Q: Measurement cct 2, VDD = 2.7V, IOL = 8mA – 0.3 0.5 V HIGH-level input voltage VIH INHN 2.0 – – V LOW-level input voltage VIL INHN – – 0.5 V Output leakage current IZ Q: Measurement cct 2, INHN = LOW, VDD = 3.3V VOH = VDD – – 10 µA VOL = VSS – – 10 µA Current consumption IDD Measurement cct 3, load cct 1, INHN = open, CL = 15pF, f = 70MHz –15 30 mA INHN pull-up resistance RUP Measurement cct 4 25 100 250 k Ω Built-in capacitance CG Design value. A monitor pattern on a wafer is tested. SM5023BNDH SM5023BNEH 7.44 8 8.56 pF CD Design value. A monitor pattern on a wafer is tested. SM5023BNDH 13.95 15 16.05 pF SM5023BNEH 11.16 12 12.84 pF Parameter Symbol Condition Rating Unit min typ max HIGH-level output voltage VOH Q: Measurement cct 1, VDD = 4.5V, IOH = 16mA 3.9 4.2 – V LOW-level output voltage VOL Q: Measurement cct 2, VDD = 4.5V, IOL = 16mA – 0.3 0.5 V HIGH-level input voltage VIH INHN 2.0 – – V LOW-level input voltage VIL INHN – – 0.8 V Output leakage current IZ Q: Measurement cct 2, INHN = LOW, VDD = 5.5V VOH = VDD – – 10 µA VOL = VSS – – 10 µA Current consumption IDD1 Measurement cct 3, load cct 1, INHN = open CL = 15pF f = 70MHz –20 40 mA IDD2 CL = 50pF f = 50MHz –25 50 mA INHN pull-up resistance RUP Measurement cct 4 25 100 250 k Ω Built-in capacitance CG Design value. A monitor pattern on a wafer is tested. SM5023BNDH 7.44 8 8.56 pF CD Design value. A monitor pattern on a wafer is tested. SM5023BNDH 13.95 15 16.05 pF |
同様の部品番号 - SM5023BNEH |
|
同様の説明 - SM5023BNEH |