データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

IRLU9343 データシート(PDF) 5 Page - International Rectifier

部品番号 IRLU9343
部品情報  DIGITAL AUDIO MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IRF [International Rectifier]
ホームページ  http://www.irf.com
Logo IRF - International Rectifier

IRLU9343 データシート(HTML) 5 Page - International Rectifier

  IRLU9343 Datasheet HTML 1Page - International Rectifier IRLU9343 Datasheet HTML 2Page - International Rectifier IRLU9343 Datasheet HTML 3Page - International Rectifier IRLU9343 Datasheet HTML 4Page - International Rectifier IRLU9343 Datasheet HTML 5Page - International Rectifier IRLU9343 Datasheet HTML 6Page - International Rectifier IRLU9343 Datasheet HTML 7Page - International Rectifier IRLU9343 Datasheet HTML 8Page - International Rectifier IRLU9343 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
IRLR/U9343 & IRLU9343-701
www.irf.com
5
Fig 13. Maximum Avalanche Energy Vs. Drain Current
Fig 12. On-Resistance Vs. Gate Voltage
Fig 14. Typical Avalanche Current Vs.Pulsewidth
Fig 15. Maximum Avalanche Energy Vs. Temperature
Notes on Repetitive Avalanche Curves , Figures 14, 15:
(For further info, see AN-1005 at www.irf.com)
1. Avalanche failures assumption:
Purely a thermal phenomenon and failure occurs at a
temperature far in excess of Tjmax. This is validated for
every part type.
2. Safe operation in Avalanche is allowed as long asTjmax is
not exceeded.
3. Equation below based on circuit and waveforms shown in
Figures 17a, 17b.
4. PD (ave) = Average power dissipation per single
avalanche pulse.
5. BV = Rated breakdown voltage (1.3 factor accounts for
voltage increase during avalanche).
6. Iav = Allowable avalanche current.
7.
∆T = Allowable rise in junction temperature, not to exceed
Tjmax (assumed as 25°C in Figure 14, 15).
tav = Average time in avalanche.
D = Duty cycle in avalanche = tav ·f
ZthJC(D, tav) = Transient thermal resistance, see figure 11)
PD (ave) = 1/2 ( 1.3·BV·Iav) = DT/ ZthJC
Iav = 2DT/ [1.3·BV·Zth]
EAS (AR) = PD (ave)·tav
4.0
6.0
8.0
10.0
-VGS, Gate-to-Source Voltage (V)
0
100
200
300
400
500
600
TJ = 25°C
TJ = 125°C
ID = -14A
25
50
75
100
125
150
175
Starting TJ, Junction Temperature (°C)
0
100
200
300
400
500
ID
TOP
-4.0A
-5.5A
BOTTOM
-14A
25
50
75
100
125
150
175
Starting TJ , Junction Temperature (°C)
0
20
40
60
80
100
120
140
TOP
Single Pulse
BOTTOM 1% Duty Cycle
ID = -14A
1.0E-06
1.0E-05
1.0E-04
1.0E-03
1.0E-02
tav (sec)
0.1
1
10
100
1000
0.05
Duty Cycle = Single Pulse
0.10
Allowed avalanche Current vs
avalanche
pulsewidth,
tav
assuming
∆ Tj = 25°C due to
avalanche losses. Note: In no
case should Tj be allowed to
exceed Tjmax
0.01


同様の部品番号 - IRLU9343

メーカー部品番号データシート部品情報
logo
Kersemi Electronic Co.,...
IRLU9343 KERSEMI-IRLU9343 Datasheet
1Mb / 10P
   Advanced Process Technology
logo
Inchange Semiconductor ...
IRLU9343 ISC-IRLU9343 Datasheet
304Kb / 2P
   isc P-Channel MOSFET Transistor
logo
International Rectifier
IRLU9343-701PBF IRF-IRLU9343-701PBF Datasheet
299Kb / 10P
   DIGITAL AUDIO MOSFET
IRLU9343PBF IRF-IRLU9343PBF Datasheet
299Kb / 10P
   DIGITAL AUDIO MOSFET
More results

同様の説明 - IRLU9343

メーカー部品番号データシート部品情報
logo
International Rectifier
IRLR4343PBF IRF-IRLR4343PBF Datasheet
306Kb / 11P
   DIGITAL AUDIO MOSFET
IRFSL5620PBF IRF-IRFSL5620PBF Datasheet
338Kb / 9P
   DIGITAL AUDIO MOSFET
IRFSL5615PBF IRF-IRFSL5615PBF Datasheet
351Kb / 9P
   DIGITAL AUDIO MOSFET
IRF6785MTRPBF IRF-IRF6785MTRPBF Datasheet
604Kb / 9P
   DIGITAL AUDIO MOSFET
IRLIB4343 IRF-IRLIB4343 Datasheet
239Kb / 7P
   DIGITAL AUDIO MOSFET
IRLIB9343PBF IRF-IRLIB9343PBF Datasheet
208Kb / 7P
   DIGITAL AUDIO MOSFET
IRLR9343PBF IRF-IRLR9343PBF Datasheet
299Kb / 10P
   DIGITAL AUDIO MOSFET
IRFI4019H-117P IRF-IRFI4019H-117P Datasheet
286Kb / 7P
   DIGITAL AUDIO MOSFET
IRFS5620PBF IRF-IRFS5620PBF Datasheet
338Kb / 9P
   DIGITAL AUDIO MOSFET
IRFB5620PBF IRF-IRFB5620PBF Datasheet
274Kb / 7P
   DIGITAL AUDIO MOSFET
IRLIB9343 IRF-IRLIB9343 Datasheet
190Kb / 7P
   DIGITAL AUDIO MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com