データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

IRLU9343 データシート(PDF) 2 Page - International Rectifier

部品番号 IRLU9343
部品情報  DIGITAL AUDIO MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IRF [International Rectifier]
ホームページ  http://www.irf.com
Logo IRF - International Rectifier

IRLU9343 データシート(HTML) 2 Page - International Rectifier

  IRLU9343 Datasheet HTML 1Page - International Rectifier IRLU9343 Datasheet HTML 2Page - International Rectifier IRLU9343 Datasheet HTML 3Page - International Rectifier IRLU9343 Datasheet HTML 4Page - International Rectifier IRLU9343 Datasheet HTML 5Page - International Rectifier IRLU9343 Datasheet HTML 6Page - International Rectifier IRLU9343 Datasheet HTML 7Page - International Rectifier IRLU9343 Datasheet HTML 8Page - International Rectifier IRLU9343 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
IRLR/U9343 & IRLU9343-701
2
www.irf.com
S
D
G
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
Parameter
Min.
Typ. Max. Units
BVDSS
Drain-to-Source Breakdown Voltage
-55
–––
–––
V
∆ΒV
DSS/∆TJ
Breakdown Voltage Temp. Coefficient
–––
-52
–––
mV/°C
RDS(on)
Static Drain-to-Source On-Resistance
–––
93
105
m
–––
150
170
VGS(th)
Gate Threshold Voltage
-1.0
–––
–––
V
∆V
GS(th)/∆TJ
Gate Threshold Voltage Coefficient
–––
-3.7
–––
mV/°C
IDSS
Drain-to-Source Leakage Current
–––
–––
-2.0
µA
–––
–––
-25
IGSS
Gate-to-Source Forward Leakage
–––
–––
-100
nA
Gate-to-Source Reverse Leakage
–––
–––
100
gfs
Forward Transconductance
5.3
–––
–––
S
Qg
Total Gate Charge
–––
31
47
Qgs
Gate-to-Source Charge
–––
7.1
–––
VGS = -10V
Qgd
Gate-to-Drain Charge
–––
8.5
–––
ID = -14A
Qgodr
Gate Charge Overdrive
–––
15
–––
See Fig. 6 and 19
td(on)
Turn-On Delay Time
–––
9.5
–––
tr
Rise Time
–––
24
–––
td(off)
Turn-Off Delay Time
–––
21
–––
ns
tf
Fall Time
–––
9.5
–––
Ciss
Input Capacitance
–––
660
–––
Coss
Output Capacitance
–––
160
–––
pF
Crss
Reverse Transfer Capacitance
–––
72
–––
Coss
Effective Output Capacitance
–––
280
–––
LD
Internal Drain Inductance
–––
4.5
–––
Between lead,
nH
6mm (0.25in.)
LS
Internal Source Inductance
–––
7.5
–––
from package
Avalanche Characteristics
Parameter
Units
EAS
Single Pulse Avalanche Energy
d
mJ
IAR
Avalanche Current
i
A
EAR
Repetitive Avalanche Energy
i
mJ
Diode Characteristics
Parameter
Min.
Typ. Max. Units
IS @ TC = 25°C Continuous Source Current
–––
–––
-20
(Body Diode)
A
ISM
Pulsed Source Current
–––
–––
-60
(Body Diode)
c
VSD
Diode Forward Voltage
–––
–––
-1.2
V
trr
Reverse Recovery Time
–––
57
86
ns
Qrr
Reverse Recovery Charge
–––
120
180
nC
VGS = -4.5V, ID = -2.7A
e
–––
120
See Fig. 14, 15, 17a, 17b
VDS = VGS, ID = -250µA
VDS = -55V, VGS = 0V
VDS = -55V, VGS = 0V, TJ = 125°C
VGS = -20V
VGS = 20V
ID = -14A
Typ.
Max.
ƒ = 1.0MHz,
See Fig.5
VGS = 0V, VDS = 0V to -44V
VGS = 0V
TJ = 25°C, IF = -14A
di/dt = 100A/µs
e
TJ = 25°C, IS = -14A, VGS = 0V
e
showing the
integral reverse
p-n junction diode.
Conditions
VGS = 0V, ID = -250µA
Reference to 25°C, ID = -1mA
VGS = -10V, ID = -3.4A
e
MOSFET symbol
RG = 2.5Ω
VDS = -25V, ID = -14A
VDS = -44V
Conditions
and center of die contact
f
VDD = -28V, VGS = -10V
e
VDS = -50V


同様の部品番号 - IRLU9343

メーカー部品番号データシート部品情報
logo
Kersemi Electronic Co.,...
IRLU9343 KERSEMI-IRLU9343 Datasheet
1Mb / 10P
   Advanced Process Technology
logo
Inchange Semiconductor ...
IRLU9343 ISC-IRLU9343 Datasheet
304Kb / 2P
   isc P-Channel MOSFET Transistor
logo
International Rectifier
IRLU9343-701PBF IRF-IRLU9343-701PBF Datasheet
299Kb / 10P
   DIGITAL AUDIO MOSFET
IRLU9343PBF IRF-IRLU9343PBF Datasheet
299Kb / 10P
   DIGITAL AUDIO MOSFET
More results

同様の説明 - IRLU9343

メーカー部品番号データシート部品情報
logo
International Rectifier
IRLR4343PBF IRF-IRLR4343PBF Datasheet
306Kb / 11P
   DIGITAL AUDIO MOSFET
IRFSL5620PBF IRF-IRFSL5620PBF Datasheet
338Kb / 9P
   DIGITAL AUDIO MOSFET
IRFSL5615PBF IRF-IRFSL5615PBF Datasheet
351Kb / 9P
   DIGITAL AUDIO MOSFET
IRF6785MTRPBF IRF-IRF6785MTRPBF Datasheet
604Kb / 9P
   DIGITAL AUDIO MOSFET
IRLIB4343 IRF-IRLIB4343 Datasheet
239Kb / 7P
   DIGITAL AUDIO MOSFET
IRLIB9343PBF IRF-IRLIB9343PBF Datasheet
208Kb / 7P
   DIGITAL AUDIO MOSFET
IRLR9343PBF IRF-IRLR9343PBF Datasheet
299Kb / 10P
   DIGITAL AUDIO MOSFET
IRFI4019H-117P IRF-IRFI4019H-117P Datasheet
286Kb / 7P
   DIGITAL AUDIO MOSFET
IRFS5620PBF IRF-IRFS5620PBF Datasheet
338Kb / 9P
   DIGITAL AUDIO MOSFET
IRFB5620PBF IRF-IRFB5620PBF Datasheet
274Kb / 7P
   DIGITAL AUDIO MOSFET
IRLIB9343 IRF-IRLIB9343 Datasheet
190Kb / 7P
   DIGITAL AUDIO MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com