データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPA4411 データシート(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
部品番号 TPA4411
部品情報  80-mW CAPLESS STEREO HEADPHONE DRIVER
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TPA4411 データシート(HTML) 10 Page - Texas Instruments

Back Button TPA4411 Datasheet HTML 6Page - Texas Instruments TPA4411 Datasheet HTML 7Page - Texas Instruments TPA4411 Datasheet HTML 8Page - Texas Instruments TPA4411 Datasheet HTML 9Page - Texas Instruments TPA4411 Datasheet HTML 10Page - Texas Instruments TPA4411 Datasheet HTML 11Page - Texas Instruments TPA4411 Datasheet HTML 12Page - Texas Instruments TPA4411 Datasheet HTML 13Page - Texas Instruments TPA4411 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
www.ti.com
0
50
100
150
200
250
300
0
50
100
150
200
PO − Output Power − mW
In Phase
180
° Out of Phase
VDD = 3 V,
RL = 16 Ω
PO − Output Power − mW
0
50
100
150
200
250
300
350
400
0
50
100
150
200
250
300
In Phase
180
° Out of Phase
VDD = 3.6 V,
RL = 16 Ω
0
20
40
60
80
100
120
140
160
0
50
100
150
200
PO − Output Power − mW
In Phase
VDD = 3 V,
RL = 32 Ω
180
° Out of Phase
PO − Output Power − mW
0
50
100
150
200
250
300
350
0
50
100
150
200
250
300
In Phase
180
° Out of Phase
VDD = 4.5 V,
RL = 32 Ω
0
50
100
150
200
250
0
50
100
150
200
250
300
350
PO − Output Power − mW
In Phase
180
° Out of Phase
VDD = 3.6 V,
RL = 32 Ω
0
100
200
300
400
500
600
0
50
100
150
200
250
PO − Output Power − mW
In Phase
180
° Out of Phase
VDD = 4.5 V,
RL = 16 Ω
−120
−100
−80
−60
−40
−20
0
10
100
1 k
10 k
100 k
Left to Right
Right to Left
f − Frequency − Hz
VDD = 3 V,
PO = 20 mW
RL = 16 Ω
−120
−100
−80
−60
−40
−20
0
10
100
1 k
10 k
100 k
Left to Right
Right to Left
f − Frequency − Hz
VDD = 3.6 V,
PO = 1.6 mW
RL = 16 Ω
−120
−100
−80
−60
−40
−20
0
10
100
1 k
10 k
100 k
Left to Right
Right to Left
VDD = 3 V,
PO = 1.6 mW
RL = 16 Ω
f − Frequency − Hz
TPA4411
SLOS430 – AUGUST 2004
POWER DISSIPATION
POWER DISSIPATION
POWER DISSIPATION
vs
vs
vs
OUTPUT POWER
OUTPUT POWER
OUTPUT POWER
Figure 37.
Figure 38.
Figure 39.
POWER DISSIPATION
POWER DISSIPATION
POWER DISSIPATION
vs
vs
vs
OUTPUT POWER
OUTPUT POWER
OUTPUT POWER
Figure 40.
Figure 41.
Figure 42.
CROSSTALK
CROSSTALK
CROSSTALK
vs
vs
vs
FREQUENCY
FREQUENCY
FREQUENCY
Figure 43.
Figure 44.
Figure 45.
10


同様の部品番号 - TPA4411

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA4411 TI-TPA4411 Datasheet
1Mb / 33P
[Old version datasheet]   80-mW DIRECTPATH STEREO HEADPHONE DRIVER
logo
TEXAS ADVANCED OPTOELEC...
TPA4411 TAOS-TPA4411 Datasheet
1Mb / 30P
   80-mW DIRECTPATH??STEREO HEADPHONE DRIVER
logo
Texas Instruments
TPA4411M TI-TPA4411M Datasheet
1Mb / 33P
[Old version datasheet]   80-mW DIRECTPATH STEREO HEADPHONE DRIVER
logo
TEXAS ADVANCED OPTOELEC...
TPA4411M TAOS-TPA4411M Datasheet
1Mb / 30P
   80-mW DIRECTPATH??STEREO HEADPHONE DRIVER
logo
Texas Instruments
TPA4411MRTJ TI-TPA4411MRTJ Datasheet
1Mb / 33P
[Old version datasheet]   80-mW DIRECTPATH STEREO HEADPHONE DRIVER
More results

同様の説明 - TPA4411

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA4411 TI-TPA4411_07 Datasheet
1Mb / 33P
[Old version datasheet]   80-mW DIRECTPATH STEREO HEADPHONE DRIVER
logo
TEXAS ADVANCED OPTOELEC...
TPA4411 TAOS-TPA4411 Datasheet
1Mb / 30P
   80-mW DIRECTPATH??STEREO HEADPHONE DRIVER
logo
Integrated Silicon Solu...
IS31AP4912 ISSI-IS31AP4912 Datasheet
295Kb / 9P
   STEREO HEADPHONE DRIVER
IS31AP4912-UTLS2-TR ISSI-IS31AP4912-UTLS2-TR Datasheet
285Kb / 11P
   STEREO HEADPHONE DRIVER
logo
Texas Instruments
TPA6133A2 TI1-TPA6133A2 Datasheet
1Mb / 18P
[Old version datasheet]   138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER
TPA6133A2 TI1-TPA6133A2_15 Datasheet
1Mb / 26P
[Old version datasheet]   138-mW DirectPath Stereo Headphone Amplifier
TPA6133A2 TI1-TPA6133A2_17 Datasheet
1Mb / 26P
[Old version datasheet]   138-mW DirectPath Stereo Headphone Amplifier
TPA6133A2 TI1-TPA6133A2_14 Datasheet
1Mb / 19P
[Old version datasheet]   138-mW DIRECTPATH??STEREO HEADPHONE AMPLIFIER
logo
Synaptics Incorporated.
CX20672 CONEXANT-CX20672 Datasheet
672Kb / 2P
   Capless headphone eliminates BOM
logo
Texas Instruments
TPA6133A2 TI-TPA6133A2_15 Datasheet
1Mb / 26P
[Old version datasheet]   TPA6133A2 138-mW DirectPath??Stereo Headphone Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com