データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TSB43CA42 データシート(PDF) 9 Page - Texas Instruments

部品番号 TSB43CA42
部品情報  TI iceLynx-Micro??IEEE 1394a-2000 Consumer Electronics Solution
Download  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TSB43CA42 データシート(HTML) 9 Page - Texas Instruments

Back Button TSB43CA42 Datasheet HTML 5Page - Texas Instruments TSB43CA42 Datasheet HTML 6Page - Texas Instruments TSB43CA42 Datasheet HTML 7Page - Texas Instruments TSB43CA42 Datasheet HTML 8Page - Texas Instruments TSB43CA42 Datasheet HTML 9Page - Texas Instruments TSB43CA42 Datasheet HTML 10Page - Texas Instruments TSB43CA42 Datasheet HTML 11Page - Texas Instruments TSB43CA42 Datasheet HTML 12Page - Texas Instruments TSB43CA42 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 97 page
background image
TSB43Cx43A/
TI iceLynx-Micro™ IEEE 1394a-2000
TSB43CA42
Consumer Electronics Solution
TEXAS INSTRUMENTS
SLLS546F – March 2004 – Revised September 2004
PRODUCTION DATA information is current as of public
date. Products conform to specifications per the terms of
Texas Instruments standard warranty. Production processing
does not necessarily include testing of all parameters.
TEXAS
INSTRUMENTS
Copyright
 2004, Texas Instruments Incorporated
MARCH 12, 2004
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
9
1.1.3
High Speed Data Interface (HSDI)
Two configurable high speed data interfaces support the following audio and video modes:
MPEG2-DVB interface
MPEG2-DSS interface
DV codec interface
IEC60958 interface
Audio DAC interface
SACD interface
1.1.4
External CPU Interface
16-bit parallel asynchronous I/O-type
16-bit parallel synchronous I/O-type
16-bit parallel synchronous memory type
1.1.5
Internal ARM7
50-MHz operating frequency
32-bit and thumb (16-bit) mode support
UART included for communication
256K bytes of program memory included on chip
ARM JTAG included for software debug
1.1.6
Data Buffers
Large 16.5K byte total FIFO
Programmable data/space available indicators for buffer flow control
1.1.7
Hardware Packet Formatting for the Following Standards
DVB MPEG2 transport stream (IEC61883-4)
DSS MPEG2 transport stream per standard
DV Stream (IEC 61883-2) SD-DV
Audio over 1394 (IEC 61883-6)
Audio Music Protocol (version 1.0 and enhancements)
Asynchronous and asynchronous stream (as defined by IEEE 1394)
1.1.8
Additional Features
PID filtering for transmit function (up to 16 separate PIDs per HSDI)
Packet insertion – two insertion buffers per HSDI
11 general-purpose inputs/outputs (GPIOs)
Interrupt driven to minimize CPU polling.
Single 3.3-V supply
JTAG interface to support post-assembly scan of device I/O – boundary scan


同様の部品番号 - TSB43CA42

メーカー部品番号データシート部品情報
logo
Texas Instruments
TSB43CA42GGW TI1-TSB43CA42GGW Datasheet
163Kb / 8P
[Old version datasheet]   iceLynx-Micro IEEE 1394a-2000 Consumer Electronics Solution
TSB43CA42ZGW TI1-TSB43CA42ZGW Datasheet
163Kb / 8P
[Old version datasheet]   iceLynx-Micro IEEE 1394a-2000 Consumer Electronics Solution
More results

同様の説明 - TSB43CA42

メーカー部品番号データシート部品情報
logo
Texas Instruments
TSB43CA43A TI1-TSB43CA43A Datasheet
163Kb / 8P
[Old version datasheet]   iceLynx-Micro IEEE 1394a-2000 Consumer Electronics Solution
TSB43EA42 TI-TSB43EA42 Datasheet
206Kb / 13P
[Old version datasheet]   TI IEEE 1394a-2000 Consumer Electronics Solution
TSB43DA42 TI-TSB43DA42_08 Datasheet
157Kb / 7P
[Old version datasheet]   IEEE 1394a-2000 CONSUMER ELECTRONICS SOLUTION
TSB43DA42 TI-TSB43DA42 Datasheet
200Kb / 7P
[Old version datasheet]   IEEE 1394a-2000 CONSUMER ELECTRONICS SOLUTION
TSB43EX4X TI1-TSB43EX4X_15 Datasheet
169Kb / 11P
[Old version datasheet]   IEEE 1394a-2000 CONSUMER ELECTRONICS SOLUTION
TSB43DA42 TI1-TSB43DA42_14 Datasheet
777Kb / 12P
[Old version datasheet]   IEEE 1394a-2000 CONSUMER ELECTRONICS SOLUTION
TSB43EX4X TI1-TSB43EX4X Datasheet
173Kb / 12P
[Old version datasheet]   IEEE 1394a-2000 CONSUMER ELECTRONICS SOLUTION Data Sheet Extract, Rev 1.2
TSB41AB1PAP TI-TSB41AB1PAP Datasheet
1Mb / 69P
[Old version datasheet]   IEEE 1394a-2000 ONE-PORT CABLE
TSB43AB23 TI-TSB43AB23 Datasheet
625Kb / 109P
[Old version datasheet]   IEEE 1394A 2000 OHCI PHY /LINK LAYER CONTROLLER
TSB41AB3 TI-TSB41AB3 Datasheet
747Kb / 52P
[Old version datasheet]   IEEE 1394A-2000 THREE-PORT CABLE TRANSCEIVER / ARBITER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com