データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BA17808T データシート(PDF) 7 Page - Rohm

部品番号 BA17808T
部品情報  Standard 78 series, 3-pin regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ROHM [Rohm]
ホームページ  http://www.rohm.com
Logo ROHM - Rohm

BA17808T データシート(HTML) 7 Page - Rohm

Back Button BA17808T Datasheet HTML 3Page - Rohm BA17808T Datasheet HTML 4Page - Rohm BA17808T Datasheet HTML 5Page - Rohm BA17808T Datasheet HTML 6Page - Rohm BA17808T Datasheet HTML 7Page - Rohm BA17808T Datasheet HTML 8Page - Rohm BA17808T Datasheet HTML 9Page - Rohm BA17808T Datasheet HTML 10Page - Rohm BA17808T Datasheet HTML 11Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
BA178!!T / FP series
Regulator ICs
<BA17815T / FP individual specifications> (unless otherwise noted, Ta=25
°C, VIN=23V, IO=500mA)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Measurement
circuit
VO1
14.4
15.0
15.6
V
IO=500mA
VO2
14.25
15.75
V
Reg.I1
9
300
mV
Reg.I2
5
150
mV
R.R.
54
62
dB
Reg.L1
27
300
mV
IO=5mA
∼1A
Reg.L2
10
150
mV
IO=250
∼750mA
TCVO
−−0.6
mV/˚C
Vn
125
−µV
f=10Hz
∼100kHz
Vd
2.0
VIO=1A
Ib
4.5
8.0
mA
IO=0mA
Ib1
−−
0.5
mA
Ib2
−−
0.8
mA
IO-P
1.7
ATj =25˚C
IOS
0.3
AVIN=30V
VIN=17.5
∼30V, IO=5mA∼1A
VIN=17.5
∼30V, IO=500mA
VIN=20
∼26V, IO=500mA
eIN=1Vrms , f=120Hz, IO=100mA
IO=5mA, Tj=0
∼125˚C
VIN=17.5
∼30V
IO=5mA
∼1A
Output voltage 1
Output voltage 2
Input stability 1
Input stability 2
Ripple rejection ratio
Load regulation 1
Load regulation 2
Temperature coefficient of output voltage
Output noise voltage
Minimum I/O voltage differential
Bias current
Bias current change 1
Bias current change 2
Peak output current
Output short-circuit current
Fig.1
Fig.1
Fig.1
Fig.1
Fig.2
Fig.1
Fig.1
Fig.1
Fig.3
Fig.4
Fig.5
Fig.5
Fig.5
Fig.1
Fig.6
<BA17818T / FP individual specifications> (unless otherwise noted, Ta=25
°C, VIN=27V, IO=500mA)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Measurement
circuit
VO1
17.3
18.0
18.7
V
IO=500mA
VO2
17.1
18.9
V
Reg.I1
10
360
mV
Reg.I2
5
180
mV
R.R.
55
61
dB
Reg.L1
30
360
mV
IO=5mA
∼1A
Reg.L2
12
180
mV
IO=250
∼750mA
TCVO
−−0.6
mV/˚C
Vn
140
−µV
f=10Hz
∼100kHz
Vd
2.0
VIO=1A
Ib
4.5
8.0
mA
IO=0mA
Ib1
−−
0.5
mA
Ib2
−−
0.8
mA
IO-P
1.7
ATj=25˚C
IOS
0.3
AVIN=30V
VIN=21
∼33V, IO =5mA∼1A
VIN=21
∼33V, IO=500mA
VIN=24
∼33V, IO =500mA
eIN=1Vrms, f=120Hz, IO =100mA
IO=5mA, Tj=0
∼125˚C
VIN=21
∼33V
IO=5mA
∼1A
Output voltage 1
Output voltage 2
Input stability 1
Input stability 2
Ripple rejection ratio
Load regulation 1
Load regulation 2
Temperature coefficient of output voltage
Output noise voltage
Minimum I/O voltage differential
Bias current
Bias current change 1
Bias current change 2
Peak output current
Output short-circuit current
Fig.1
Fig.1
Fig.1
Fig.1
Fig.2
Fig.1
Fig.1
Fig.1
Fig.3
Fig.4
Fig.5
Fig.5
Fig.5
Fig.1
Fig.6


同様の部品番号 - BA17808T

メーカー部品番号データシート部品情報
logo
Rohm
BA17808T ROHM-BA17808T Datasheet
244Kb / 6P
   Three-Terminal Regulator
More results

同様の説明 - BA17808T

メーカー部品番号データシート部品情報
logo
Rohm
BA178M00T ROHM-BA178M00T Datasheet
123Kb / 11P
   Standard 78M series, 3-pin regulator
BA78 ROHM-BA78 Datasheet
391Kb / 13P
   1A Output 78 series Regulators 500mA Output 78 series Regulators
logo
Panasonic Semiconductor
AN6541 PANASONIC-AN6541 Datasheet
25Kb / 3P
   3-pin Positive Voltage Regulator
logo
Rohm
BA7812FP-E2 ROHM-BA7812FP-E2 Datasheet
373Kb / 13P
   1A Output 78 series Regulators 500mA Output 78 series Regulators
BA7806FP-E2 ROHM-BA7806FP-E2 Datasheet
495Kb / 15P
   1A Output 78 series Regulators 500mA Output 78 series Regulators
BA17812FP-E2 ROHM-BA17812FP-E2 Datasheet
347Kb / 13P
   1A Output 78 series Regulators 500mA Output 78 series Regulators
BA7810CP-E2 ROHM-BA7810CP-E2 Datasheet
347Kb / 13P
   1A Output 78 series Regulators 500mA Output 78 series Regulators
BA17805CP-E2 ROHM-BA17805CP-E2 Datasheet
347Kb / 13P
   1A Output 78 series Regulators 1A Output 78 series Regulators
BA17805FP-E2 ROHM-BA17805FP-E2 Datasheet
347Kb / 13P
   1A Output 78 series Regulators 500mA Output 78 series Regulators
BA7805FP-E2 ROHM-BA7805FP-E2 Datasheet
505Kb / 15P
   1A Output 78 series Regulators 500mA Output 78 series Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com