データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS5A3159 データシート(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
部品番号 TS5A3159
部品情報  1 SPDT ANALOG SWITCH
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TS5A3159 データシート(HTML) 6 Page - Texas Instruments

Back Button TS5A3159 Datasheet HTML 2Page - Texas Instruments TS5A3159 Datasheet HTML 3Page - Texas Instruments TS5A3159 Datasheet HTML 4Page - Texas Instruments TS5A3159 Datasheet HTML 5Page - Texas Instruments TS5A3159 Datasheet HTML 6Page - Texas Instruments TS5A3159 Datasheet HTML 7Page - Texas Instruments TS5A3159 Datasheet HTML 8Page - Texas Instruments TS5A3159 Datasheet HTML 9Page - Texas Instruments TS5A3159 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
TS5A3159
1 W SPDT ANALOG SWITCH
SCDS174A − AUGUST 2004 – REVISED SEPTEMBER 2004
www.ti.com
6
Electrical Characteristics for 3.3-V Supply (continued)
(V+ = 3 V to 3.6 V and TA = −40 °C to 85 °C) (unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
TA
V+
MIN
TYP(1)
MAX
UNIT
Dynamic
Turn-on time
tON
VCOM = V+,
CL = 35 pF,
25
°C
3 V to
30
40
ns
Turn-on time
tON
VCOM = V+,
RL = 50 Ω,
CL = 35 pF,
see Figure 15
Full
3 V to
3.6 V
55
ns
Turn-off time
tOFF
VCOM = V+,
CL = 35 pF,
25
°C
3 V to
20
25
ns
Turn-off time
tOFF
VCOM = V+,
RL = 50 Ω,
CL = 35 pF,
see Figure 15
Full
3 V to
3.6 V
40
ns
Break-before-make
time
tBBM
VNC = VNO = V+/2,
CL = 35 pF,
25
°C
3 V to
1
21
29
ns
Break-before-make
time
tBBM
VNC = VNO = V+/2,
RL = 50 Ω,
CL = 35 pF,
see Figure 16
Full
3 V to
3.6 V
1
ns
Charge injection
QC
CL = 1 nF, VGEN = 0 V,
see Figure 20
25
°C
3.3 V
20
pC
NC, NO
OFF capacitance
CNC(OFF),
CNO(OFF)
VNC or VNO = V+ or GND,
Switch OFF,
see Figure 14
25
°C
3.3 V
23
pF
NC, NO
ON capacitance
CNC(ON),
CNO(ON)
VNC or VNO = V+ or GND,
Switch ON,
see Figure 14
25
°C
3.3V
84
pF
COM
ON capacitance
CCOM(ON)
VCOM = V+ or GND,
Switch ON,
see Figure 14
25
°C
3.3 V
84
pF
Digital input
capacitance
CIN
VIN = V+ or GND,
see Figure 14
25
°C
3.3 V
2.1
pF
Bandwidth
BW
RL = 50 Ω,
Switch ON,
see Figure 17
25
°C
3.3 V
100
MHz
OFF isolation
OISO
RL = 50 Ω,
f = 1 MHz,
Switch OFF,
see Figure 18
25
°C
3.3 V
−65
dB
Crosstalk
XTALK
RL = 50 Ω,
f = 1 MHz,
Switch ON,
see Figure 19
25
°C
3.3 V
−65
dB
Total harmonic
distortion
THD
RL = 600 Ω,
CL = 50 pF,
f = 600 Hz to 20 kHz,
see Figure 21
25
°C
3.3 V
0.015
%
Supply
Positive supply
current
I+
VIN = V+ or GND,
Switch ON or OFF
Full
3.6 V
0.1
µA
(1) TA = 25°C


同様の部品番号 - TS5A3159

メーカー部品番号データシート部品情報
logo
Texas Instruments
TS5A3159 TI-TS5A3159 Datasheet
612Kb / 26P
[Old version datasheet]   1-R SPDT ANALOG SWITCH
TS5A3159 TI1-TS5A3159 Datasheet
712Kb / 28P
[Old version datasheet]   1 SPDT ANALOG SWITCH
TS5A3159 TI-TS5A3159 Datasheet
802Kb / 26P
[Old version datasheet]   1-W SPDT ANALOG SWITCH
TS5A3159 TI-TS5A3159 Datasheet
989Kb / 29P
[Old version datasheet]   TS5A3159 1-廓 SPDT Analog Switch
TS5A3159-EP TI-TS5A3159-EP Datasheet
364Kb / 22P
[Old version datasheet]   1-廓 SPDT ANALOG SWITCH
More results

同様の説明 - TS5A3159

メーカー部品番号データシート部品情報
logo
Texas Instruments
TS5A3159-Q1 TI-TS5A3159-Q1 Datasheet
919Kb / 25P
[Old version datasheet]   1- SPDT ANALOG SWITCH
logo
SG Micro Corp
SGM4157 SGMICRO-SGM4157_15 Datasheet
317Kb / 11P
   SPDT 1 Analog Switch
logo
Global Mixed-mode Techn...
G3202 GMT-G3202 Datasheet
294Kb / 3P
   1 SPDT Analog Switch
G3202A GMT-G3202A Datasheet
679Kb / 2P
   1 SPDT Analog Switch
logo
Texas Instruments
TS5A3159 TI1-TS5A3159_14 Datasheet
712Kb / 28P
[Old version datasheet]   1 SPDT ANALOG SWITCH
TS5A3159-Q1 TI-TS5A3159-Q1_15 Datasheet
923Kb / 25P
[Old version datasheet]   1-廓 SPDT ANALOG SWITCH
TS5A3159-EP TI-TS5A3159-EP Datasheet
364Kb / 22P
[Old version datasheet]   1-廓 SPDT ANALOG SWITCH
logo
Global Mixed-mode Techn...
G3205 GMT-G3205 Datasheet
100Kb / 1P
   Dual 1 SPDT Analog Switch
logo
Texas Instruments
TS5A3159-EP TI1-TS5A3159-EP_14 Datasheet
876Kb / 27P
[Old version datasheet]   1-W SPDT ANALOG SWITCH
TS5A3159-Q1 TI1-TS5A3159-Q1_14 Datasheet
961Kb / 26P
[Old version datasheet]   1-廓 SPDT ANALOG SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com