データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD1888JST-REEL データシート(PDF) 10 Page - Analog Devices

部品番号 AD1888JST-REEL
部品情報  AC 97 SoundMAX Codec
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD1888JST-REEL データシート(HTML) 10 Page - Analog Devices

Back Button AD1888JST-REEL Datasheet HTML 6Page - Analog Devices AD1888JST-REEL Datasheet HTML 7Page - Analog Devices AD1888JST-REEL Datasheet HTML 8Page - Analog Devices AD1888JST-REEL Datasheet HTML 9Page - Analog Devices AD1888JST-REEL Datasheet HTML 10Page - Analog Devices AD1888JST-REEL Datasheet HTML 11Page - Analog Devices AD1888JST-REEL Datasheet HTML 12Page - Analog Devices AD1888JST-REEL Datasheet HTML 13Page - Analog Devices AD1888JST-REEL Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
REV. 0
–10–
AD1888
Master Volume Register (Index 02h)
Reg
No.
Name
D15
D14 D13
1
D12
D11
D10
D9
D8
D7
D6 D5
1
D4
D3
D2
D1
D0
Default
02h
Master
MM
X
LMV5
LMV4
LMV3
LMV2
LMV1 LMV0 MMRM
2 XRMV5 RMV4 RMV3 RMV2 RMV1 RMV0 8000h
Volume
NOTES
1Refer to Table I for examples. This register controls the Line_Out volume controls for both stereo channels and mute bit. Each volume subregister contains five bits,
generating 32 volume levels with 31 steps of 1.5 dB each. Because AC ’97 defines 6-bit volume registers, to maintain compatibility whenever the D5 or D13 bits are
set to 1, their respective lower five volume bits are automatically set to 1 by the codec logic. On readback, all lower five bits will read 1s whenever these bits are set to 1.
2For AC ’97 compatibility, Bit D7 is available only by setting the MSPLT bit, Register 76h. The MSPLT bit enables separate mute bits for the left and right channels.
If MSPLT is not set, Bit D7 has no effect. All registers not shown and bits containing an X are assumed to be reserved.
Note that depending on the state of the AC97NC bit in Register 0x76, this register has the following additional functionality:
For AC97NC = 0, the register controls the Line_out output Attenuators only.
For AC97NC = 1, the register controls the Line_out, Center, and LFE output Attenuators.
Reset Register (Index 00h)
Reg
No.
Name
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Default
00h
Reset
X
SE4
SE3
SE2
SE1
SE0
ID9
ID8
ID7
ID6
ID5
ID4
ID3
ID2
ID1
ID0
0090h
NOTES
All registers not shown and bits containing an X are assumed to be reserved.
Writing any value to this register performs a register reset, which causes all registers to revert to their default values (except 74h, which forces the serial configuration).
Reading this register returns the ID code of the part and a code for the type of 3D Stereo Enhancement.
ID[9:0] Identify Capability. The ID decodes the capabilities of AD1888 based on the following:
Bit = 1
Function
AD1888
ID0
Dedicated Mic PCM In Channel
0
ID1
Modem Line Codec Support
0
ID2
Bass and Treble Control
0
ID3
Simulated Stereo (Mono to Stereo)
0
ID4
Headphone Out Support
1
ID5
Loudness (Bass Boost) Support
0
ID6
18-Bit DAC Resolution
0
ID7
20-Bit DAC Resolution
1
ID8
18-Bit ADC Resolution
0
ID9
20-Bit ADC Resolution
0
SE[4:0] Stereo Enhancement. The AD1888 does not provide hardware 3D stereo enhancement. (All bits are zeros.)
RMV[5:0]
Right Master Volume Control. The least significant bit represents 1.5 dB. This register controls the output from
0 dB to a maximum attenuation of 46.5 dB.
MMRM
Right Channel Mute. Once enabled by the MSPLT bit in Register 76h, this bit mutes the right channel separately
from the MM bit. Otherwise this bit will always read 0 and will have no effect when set to 1.
LMV[5:0]
Left Master Volume Control. The least significant bit represents 1.5 dB. This register controls the output from 0 dB
to a maximum attenuation of 46.5 dB.
MM
Headphones Volume Mute. When this bit is set to 1, both the left and the right channels are muted, unless the
MSPLT bit in Register 76h is set to 1.


同様の部品番号 - AD1888JST-REEL

メーカー部品番号データシート部品情報
logo
Analog Devices
AD1888JST-REEL AD-AD1888JST-REEL Datasheet
662Kb / 32P
   AC 97 SoundMAX Codec
REV. A
More results

同様の説明 - AD1888JST-REEL

メーカー部品番号データシート部品情報
logo
Analog Devices
AD1888 AD-AD1888_05 Datasheet
662Kb / 32P
   AC 97 SoundMAX Codec
REV. A
AD1885 AD-AD1885_15 Datasheet
292Kb / 27P
   AC 97 SoundMAX Codec
REV. 0
AD1887 AD-AD1887_15 Datasheet
160Kb / 16P
   AC 97 SoundMAX Codec
REV. 0
AD1981A AD-AD1981A_15 Datasheet
188Kb / 24P
   AC 97 SoundMAX Codec
REV. 0
AD1881JST AD-AD1881JST Datasheet
5Mb / 22P
   AC 97 SoundMAX Codec
REV. 0
ADSP-1981BL AD-ADSP-1981BL Datasheet
969Kb / 32P
   AC 97 SoundMAX Codec
REV. A
AD1980JST-REEL AD-AD1980JST-REEL Datasheet
524Kb / 32P
   AC 97 SoundMAX Codec
REV. 0
AD1886A AD-AD1886A_15 Datasheet
261Kb / 28P
   AC 97 SoundMAX Codec
REV. 0
ADSP-1981BL AD-ADSP-1981BL_15 Datasheet
970Kb / 32P
   AC 97 SoundMAX Codec
REV. A
AD1881A AD-AD1881A_15 Datasheet
261Kb / 26P
   AC 97 SoundMAX Codec
REV. 0
AD1981BBSTZ AD-AD1981BBSTZ Datasheet
979Kb / 32P
   AC 97 SoundMAX Codec
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com