データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

K1050G データシート(PDF) 5 Page - Galaxy Semi-Conductor Holdings Limited

部品番号 K1050G
部品情報  SIDAC
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  BILIN [Galaxy Semi-Conductor Holdings Limited]
ホームページ  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

K1050G データシート(HTML) 5 Page - Galaxy Semi-Conductor Holdings Limited

  K1050G Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited K1050G Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited K1050G Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited K1050G Datasheet HTML 4Page - Galaxy Semi-Conductor Holdings Limited K1050G Datasheet HTML 5Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
INPUT
50Ω
50Ω
VBB1=10V
VBB2=0
2N6127
(or equivalent)
(See Note B)
RBB2=100Ω
VCE MONITOR
TIP-47
VCC=20V
RS=0.1Ω
IC MONITOR
100mH
+
-
+
-
SIDAC VBO
0
0.63 A
5 V
0 V
INPUT
VOLTAGE
COLLECTOR
CURRENT
10 V
VCE(sat)
 
tw≈3 ms
(See Note A)
tw
100 mS
COLLECTOR
CURRENT
RBB1=150Ω
VOLTAGE AND CURRENT WAVEFORMS
TEST CIRCUIT
NOTE A: Input pulse width is increased until ICM = 0.63A.
NOTE B: Sidac (or Diac or series of Diacs) chosen so that VBO is just below VCEO rating of transistor to be protected.
The Sidac (or Diac) eliminates a reverse breakdown of the transistor in inductive switching circuits where otherwise the
transistor could be destroyed.
DC(IN)
V
VBO
(a) Circuit
R
Vc
C
IL
SIDAC
RL
(b) Waveforms
VBO
VC
IL
t
t
VIN-VTM
Rmin
IH(MIN)
VIN-VBO
Rmax
IBO
100-250
VAC
60Hz
IH
VBO
LOAD
VBO
VBO
120-145°
CONDUCTION
ANGLE
LOAD CURRENT
IH
IH
www.galaxycn.com
BLGALAXY ELECTRICAL
Document Number 029000
1
5.
FIG.16 -- SIDAC ADDED TO PROTECT TRANSISTOR FOR TYPICAL TRANSISTOR INDUCTIVE
VVVVVVVVVVVVVVVVVLOAD SWITCHING REQUIREMENTS
RATINGS AND CHARACTERISTIC CURVES
KG --- SERIES
FIG.14 -- BASIC SIDAC CIRCUIT
FIG.15 -- RELAXATION OSCILLATOR USING a SIDAC


同様の部品番号 - K1050G

メーカー部品番号データシート部品情報
logo
Teccor Electronics
K1050G TECCOR-K1050G Datasheet
269Kb / 6P
   silicon bilateral voltage triggered switch
K1050G TECCOR-K1050G Datasheet
2Mb / 224P
   Thyristor Product Catalog
logo
Littelfuse
K1050G LITTELFUSE-K1050G Datasheet
181Kb / 7P
   High-voltage lamp ignitors
logo
Changzhou Shunye Electr...
K1050G SY-K1050G Datasheet
502Kb / 5P
   Bilateral Voltage triggered Switch Breakover Voltage:95-280Volts
logo
UN Semiconducctor INC
K1050G UNSEMI-K1050G Datasheet
3Mb / 5P
   Sidac
Revision March 1,2022
More results

同様の説明 - K1050G

メーカー部品番号データシート部品情報
logo
Shindengen Electric Mfg...
K1V10 SHINDENGEN-K1V10 Datasheet
413Kb / 10P
   Sidac
K1V10 SHINDENGEN-K1V10_10 Datasheet
293Kb / 2P
   SIDAC
K1V36 SHINDENGEN-K1V36 Datasheet
419Kb / 10P
   Sidac
K1V5 SHINDENGEN-K1V5 Datasheet
413Kb / 10P
   Sidac
K1V14 SHINDENGEN-K1V14_10 Datasheet
288Kb / 2P
   SIDAC
logo
UN Semiconducctor INC
KXXXXSD1 UNSEMI-KXXXXSD1 Datasheet
2Mb / 5P
   Sidac
Revision March 1,2022
logo
Shindengen Electric Mfg...
K1V5 SHINDENGEN-K1V5_10 Datasheet
291Kb / 2P
   SIDAC
K1VA16 SHINDENGEN-K1VA16 Datasheet
416Kb / 10P
   Sidac
K1V16 SHINDENGEN-K1V16 Datasheet
414Kb / 10P
   Sidac
K1V26 SHINDENGEN-K1V26 Datasheet
415Kb / 10P
   Sidac
K1V8 SHINDENGEN-K1V8 Datasheet
413Kb / 10P
   Sidac
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com