データシートサーチシステム |
|
LM2326SLBX データシート(PDF) 7 Page - National Semiconductor (TI) |
|
|
LM2326SLBX データシート(HTML) 7 Page - National Semiconductor (TI) |
7 / 19 page 1.0 Functional Description The simplified block diagram below shows the 21-bit data register, a 14-bit R Counter, an 18-bit N Counter, and a 18-bit Function Latch (intermediate latches are not shown). The data stream is shifted (on the rising edge of LE) into the DATA input, MSB first. The last two bits are the Control Bits. The DATA is transferred into the counters as follows: Control DATA Location C1 C2 0 0 R Counter 1 0 N Counter 0 1 Function Latch 1 1 Initialization 1.1 PROGRAMMABLEREFERENCE DIVIDER If the Control Bits are [C 1,C2] = [0,0], data is transferred from the 21-bit shift register into a latch that sets the 14-bit R Counter. The 4 bits R15–R18 are for test modes, and should be set to 0 for normal use. The LD precision bit, R19, is described in the LOCK DETECT OUTPUT CHARACTERISTICS section. Serial data format is shown below. 1.1.1 14-BIT PROGRAMMABLE REFERENCE DIVIDER RATIO (R COUNTER) Divide RRRRR RRRRRRRRR Ratio 14 13 12 11 10 987654321 3 00000 000000011 4 00000 000000100 • ••••• ••••••••• 16383 11111 111111111 Notes: Divide ratios less than 3 are prohibited. Divide ratio: 3 to 16383 R1 to R14: These bits select the divide ratio of the programmable reference divider. DS100127-4 DS100127-5 Note: R15 to R18 are test modes and should be zero for normal operation. Data is shifted in MSB first. www.national.com 7 |
同様の部品番号 - LM2326SLBX |
|
同様の説明 - LM2326SLBX |