データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MTV121 データシート(PDF) 2 Page - List of Unclassifed Manufacturers

部品番号 MTV121
部品情報  Super On-Screen-Display for LCD Monitor
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC - List of Unclassifed Manufacturers

MTV121 データシート(HTML) 2 Page - List of Unclassifed Manufacturers

  MTV121 Datasheet HTML 1Page - List of Unclassifed Manufacturers MTV121 Datasheet HTML 2Page - List of Unclassifed Manufacturers MTV121 Datasheet HTML 3Page - List of Unclassifed Manufacturers MTV121 Datasheet HTML 4Page - List of Unclassifed Manufacturers MTV121 Datasheet HTML 5Page - List of Unclassifed Manufacturers MTV121 Datasheet HTML 6Page - List of Unclassifed Manufacturers MTV121 Datasheet HTML 7Page - List of Unclassifed Manufacturers MTV121 Datasheet HTML 8Page - List of Unclassifed Manufacturers MTV121 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
2/18
MTV121 Revision 5.0 06/29/1999
MTV121
MYSON
TECHNOLOGY
1.0 PIN CONNECTION
2.0 PIN DESCRIPTIONS
Name
I/O
Pin No.
Descriptions
N16 N20 N24
VSS
-
1
1
1
Ground. This ground pin is used to internal circuitry.
XIN
I
2
2
2
Pixel clock input. This is a clock input pin. MTV121 is driven by an exter-
nal pixel clock source for all the logics inside. The frequency of XIN must
be the integral time of pin HFLB.
NC
I
3
3
3
No connection.
VDD
-
4
4
4
Power supply. Positive 5 V DC supply for internal circuitry. And a 0.1uF
decoupling capacitor should be connected across to VDD and VSS.
HFLB
I
5
5
5
Horizontal input. This pin is used to input the horizontal synchronizing
signal. It is a leading edge triggered and has an internal pull-up resistor.
SSB
I
6
6
6
Serial interface enable. It is used to enable the serial data and is also
used to select the operation of I2C or SPI bus. If this pin is left floating, I2C
bus is enabled, otherwise the SPI bus is enabled.
SDA
I
7
7
7
Serial data input. The external data transfer through this pin to internal
display registers and control registers. It has an internal pull-up resistor.
SCK
I
8
8
8
Serial clock input. The clock-input pin is used to synchronize the data
transfer. It has an internal pull-up resistor.
PWM0
O
-
9
9
Open-Drain PWM D/A converter 0. The output pulse width is program-
mable by the register of Row 15, Column 23.
PWM1
O
-
10
10
Open-Drain PWM D/A converter 1. The output pulse width is program-
mable by the register of Row 15, Column 24.
PWM2
O
-
-
11
Open-Drain PWM D/A converter 2. The output pulse width is program-
mable by the register of Row 15, Column 25.
PWM3
O
-
-
12
Open-Drain PWM D/A converter 3. The output pulse width is program-
mable by the register of Row 15, Column 26.
VSSA
XIN
NC
VDDA
HFLB
SSB
SDA
SCK
VSS
ROUT
GOUT
BOUT
FBKG
HTONE/PWMCK
VFLB
VDD
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
MTV121
VSSA
XIN
NC
VDDA
HFLB
SSB
SDA
SCK
PWM0
PWM1
PWM2
PWM3
VSS
ROUT
GOUT
BOUT
FBKG
HTONE/PWMCK
VFLB
VDD
PWM7
PWM6
PWM5
PWM4
24
23
22
21
20
19
18
17
16
15
14
13
1
2
3
4
5
6
7
8
9
10
11
12
MTV121N24
VSSA
XIN
NC
VDDA
HFLB
SSB
SDA
SCK
PWM0
PWM1
VSS
ROUT
GOUT
BOUT
FBKG
HTONE/PWMCK
VFLB
VDD
PWM7
PWM6
20
19
18
17
16
15
14
13
12
11
1
2
3
4
5
6
7
8
9
10
MTV121N20


同様の部品番号 - MTV121

メーカー部品番号データシート部品情報
logo
ITT Industries
MTV1-16PAL5701 ITT-MTV1-16PAL5701 Datasheet
174Kb / 6P
   Microstrips .050 Contact Spacing
MTV1-16PAL5702 ITT-MTV1-16PAL5702 Datasheet
174Kb / 6P
   Microstrips .050 Contact Spacing
MTV1-16PAL5703 ITT-MTV1-16PAL5703 Datasheet
174Kb / 6P
   Microstrips .050 Contact Spacing
MTV1-16PAL5704 ITT-MTV1-16PAL5704 Datasheet
174Kb / 6P
   Microstrips .050 Contact Spacing
MTV1-16PAL6101 ITT-MTV1-16PAL6101 Datasheet
174Kb / 6P
   Microstrips .050 Contact Spacing
More results

同様の説明 - MTV121

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
MTV130 ETC2-MTV130 Datasheet
347Kb / 18P
   On-Screen Display for LCD Monitor
MTV118 ETC-MTV118 Datasheet
291Kb / 30P
   On-Screen-Display for LCD Monitor
MTV038 ETC1-MTV038 Datasheet
554Kb / 25P
   On-Screen Display Controller for CRT/LCD Monitor
MTV048 ETC-MTV048 Datasheet
234Kb / 19P
   On-Screen-Display Controller for CRT/LCD Monitor
WT6801 ETC2-WT6801 Datasheet
64Kb / 3P
   Monitor On-Screen Display
logo
STMicroelectronics
STV9420 STMICROELECTRONICS-STV9420 Datasheet
228Kb / 16P
   MULTISYNC ON-SCREEN DISPLAY FOR MONITOR
logo
List of Unclassifed Man...
WT6805 ETC2-WT6805 Datasheet
35Kb / 3P
   Monitor On-Screen Display
logo
Motorola, Inc
MC141540 MOTOROLA-MC141540 Datasheet
190Kb / 12P
   Monitor on-Screen Display
logo
List of Unclassifed Man...
WT6804 ETC1-WT6804 Datasheet
37Kb / 3P
   Monitor On-Screen Display
logo
STMicroelectronics
STV9422 STMICROELECTRONICS-STV9422 Datasheet
232Kb / 15P
   MULTISYNC ON-SCREEN DISPLAY FOR MONITOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com