データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

VS-241NQ045PBF データシート(PDF) 1 Page - Vishay Siliconix

部品番号 VS-241NQ045PBF
部品情報  High frequency operation
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VISHAY [Vishay Siliconix]
ホームページ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-241NQ045PBF データシート(HTML) 1 Page - Vishay Siliconix

  VS-241NQ045PBF Datasheet HTML 1Page - Vishay Siliconix VS-241NQ045PBF Datasheet HTML 2Page - Vishay Siliconix VS-241NQ045PBF Datasheet HTML 3Page - Vishay Siliconix VS-241NQ045PBF Datasheet HTML 4Page - Vishay Siliconix VS-241NQ045PBF Datasheet HTML 5Page - Vishay Siliconix VS-241NQ045PBF Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
VS-241NQ045PbF
www.vishay.com
Vishay Semiconductors
Revision: 19-Mar-15
1
Document Number: 94463
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
High Performance Schottky Rectifier, 240 A
FEATURES
• 175 °C TJ operation
• Low forward voltage drop
• High frequency operation
• Guard ring for enhanced ruggedness and long
term reliability
• Designed and qualified for industrial level
• UL approved file E222165
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
DESCRIPTION
The VS-241NQ.. high current Schottky rectifier module
series has been optimized for low reverse leakage at high
temperature. The proprietary barrier technology allows for
reliable operation up to 175 °C junction temperature. Typical
applications are in high current switching power supplies,
plating
power
supplies,
UPS
systems,
converters,
freewheeling
diodes,
welding,
and
reverse
battery
protection.
PRODUCT SUMMARY
IF(AV)
240 A
VR
45 V
Package
HALF-PAK (D-67)
Circuit
Single diode
Lug terminal
anode
Base
cathode
HALF-PAK (D-67)
MAJOR RATINGS AND CHARACTERISTICS
SYMBOL
CHARACTERISTICS
VALUES
UNITS
IF(AV)
Rectangular waveform
240
A
VRRM
45
V
IFSM
tp = 5 μs sine
25 000
A
VF
240 Apk, TJ = 125 °C
0.64
V
TJ
Range
-55 to +175
°C
VOLTAGE RATINGS
PARAMETER
SYMBOL
VS-241NQ045PbF
UNITS
Maximum DC reverse voltage
VR
45
V
Maximum working peak reverse voltage
VRWM
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum average forward current
See fig. 5
IF(AV)
50 % duty cycle at TC = 144 °C, rectangular waveform
240
A
Maximum peak one cycle
non-repetitive surge current
See fig. 7
IFSM
5 μs sine or 3 μs rect. pulse
Following any rated
load condition and
with rated VRRM
applied
25 000
10 ms sine or 6 ms rect. pulse
3450
Non-repetitive avalanche energy
EAS
TJ = 25 °C, IAS = 26 A, L = 1 mH
324
mJ
Repetitive avalanche current
IAR
Current decaying linearly to zero in 1 μs
Frequency limited by TJ maximum VA = 1.5 x VR typical
48
A


同様の部品番号 - VS-241NQ045PBF

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
VS-241NQ045PBF VISHAY-VS-241NQ045PBF Datasheet
141Kb / 6P
   High Performance Schottky Rectifier, 240 A
Revision: 08-May-17
VS-241NQ045PBF VISHAY-VS-241NQ045PBF Datasheet
149Kb / 6P
   High Performance Schottky Rectifier, 240 A
01-Jan-2022
VS-241NQ045PBF VISHAY-VS-241NQ045PBF_17 Datasheet
141Kb / 6P
   High Performance Schottky Rectifier, 240 A
Revision: 08-May-17
VS-241NQ045PBF VISHAY-VS-241NQ045PBF_V01 Datasheet
149Kb / 6P
   High Performance Schottky Rectifier, 240 A
01-Jan-2022
More results

同様の説明 - VS-241NQ045PBF

メーカー部品番号データシート部品情報
logo
Sangdest Microelectroni...
124NQ-1 SMC-124NQ-1 Datasheet
217Kb / 4P
   High frequency operation
STD20150 SMC-STD20150 Datasheet
208Kb / 5P
   High frequency operation
logo
Littelfuse
DST2080S LITTELFUSE-DST2080S Datasheet
735Kb / 3P
   High frequency operation
DST20150C LITTELFUSE-DST20150C Datasheet
981Kb / 3P
   High frequency operation
DSTB2045C LITTELFUSE-DSTB2045C Datasheet
627Kb / 3P
   High frequency operation
DST2045AX LITTELFUSE-DST2045AX Datasheet
921Kb / 3P
   High frequency operation
DSTF30100S LITTELFUSE-DSTF30100S Datasheet
642Kb / 3P
   High frequency operation
DST2060C LITTELFUSE-DST2060C Datasheet
660Kb / 3P
   High frequency operation
DSTF4060C LITTELFUSE-DSTF4060C Datasheet
695Kb / 3P
   High frequency operation
DSTF20120C LITTELFUSE-DSTF20120C Datasheet
700Kb / 3P
   High frequency operation
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com