データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

VSB1045-E3 データシート(PDF) 2 Page - Vishay Siliconix

部品番号 VSB1045-E3
部品情報  Low forward voltage drop, low power losses
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VISHAY [Vishay Siliconix]
ホームページ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VSB1045-E3 データシート(HTML) 2 Page - Vishay Siliconix

  VSB1045-E3 Datasheet HTML 1Page - Vishay Siliconix VSB1045-E3 Datasheet HTML 2Page - Vishay Siliconix VSB1045-E3 Datasheet HTML 3Page - Vishay Siliconix VSB1045-E3 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
VSB1045-E3
www.vishay.com
Vishay General Semiconductor
Revision: 22-Apr-14
2
Document Number: 89488
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
(1) Pulse test: 300 μs pulse width, 1 % duty cycle
(2) Pulse test: 40 ms pulse width
Notes
(1) Without heatsink, free air; units mounted on PCB with 2 mm x 2 mm copper pad areas at 9.5 mm lead length
(2) Leads clipped at 3 mm lead length from plastic body on 7.0 cm x 2.2 cm x 1.9 cm x 2 heatsink
RATINGS AND CHARACTERISTICS CURVES (TA = 25 °C unless otherwise noted)
Fig. 1 - Forward Current Derating Curve
Notes
(1)
Free
air
mounted
on
recommended
copper
pad
area
(RJA = 45 °C/W)
(2)
With heatsink (RJL = 4 °C/W)
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
TEST CONDITIONS
SYMBOL
TYP.
MAX.
UNIT
Instantaneous forward voltage
IF = 5.0 A
TA = 25 °C
VF (1)
0.42
-
V
IF = 10 A
0.46
0.56
IF = 5.0 A
TA = 125 °C
0.30
-
IF = 10 A
0.33
0.41
Reverse current
VR = 45 V
TA = 25 °C
IR (2)
-
1000
μA
TA = 125 °C
13.8
30
mA
Typical junction capacitance
4.0 V, 1 MHz
CJ
1995
-
pF
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
VSB1045
UNIT
Thermal resistance
RJA (1)
45
°C/W
RJL (1)
9
Typical thermal resistance
RJL (2)
4
ORDERING INFORMATION (Example)
PREFERRED P/N
UNIT WEIGHT (g)
PREFERRED PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
VSB1045-E3/54
1.20
54
1400
13" diameter paper tape and reel
VSB1045-E3/73
1.20
73
1000
Ammo pack packaging
TA - Ambient Temperature (°C)
2
3
4
5
6
7
8
9
10
11
12
0
1
025
50
75
100
125
150
With heatsink T
L = 132 °C
Free air
without heatsink
T
A = 25 °C


同様の部品番号 - VSB1045-E3

メーカー部品番号データシート部品情報
logo
Protek Devices
VSB10P05 PROTEC-VSB10P05 Datasheet
752Kb / 7P
   HIGH POWERED MULTI-LINE VSIP짰 TVS ARRAY
VSB10P05C PROTEC-VSB10P05C Datasheet
752Kb / 7P
   HIGH POWERED MULTI-LINE VSIP짰 TVS ARRAY
VSB10P05LC PROTEC-VSB10P05LC Datasheet
752Kb / 7P
   HIGH POWERED MULTI-LINE VSIP짰 TVS ARRAY
VSB10P05LCI PROTEC-VSB10P05LCI Datasheet
752Kb / 7P
   HIGH POWERED MULTI-LINE VSIP짰 TVS ARRAY
VSB10P08 PROTEC-VSB10P08 Datasheet
752Kb / 7P
   HIGH POWERED MULTI-LINE VSIP짰 TVS ARRAY
More results

同様の説明 - VSB1045-E3

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
V10P45S-M3 VISHAY-V10P45S-M3 Datasheet
90Kb / 5P
   Low forward voltage drop, low power losses
Revision: 28-Nov-13
V15P8-M3 VISHAY-V15P8-M3 Datasheet
97Kb / 5P
   Low forward voltage drop, low power losses
Revision: 05-May-15
V30DM120-M3 VISHAY-V30DM120-M3 Datasheet
103Kb / 5P
   Low forward voltage drop, low power losses
Revision: 09-Mar-15
V30120SG-E3 VISHAY-V30120SG-E3 Datasheet
156Kb / 6P
   Low forward voltage drop, low power losses
Revision: 10-May-16
V10PM12 VISHAY-V10PM12 Datasheet
100Kb / 5P
   Low forward voltage drop, low power losses
Revision: 14-Apr-15
V12P8-M3 VISHAY-V12P8-M3 Datasheet
95Kb / 5P
   Low forward voltage drop, low power losses
Revision: 05-May-15
V20PL60-M3 VISHAY-V20PL60-M3 Datasheet
82Kb / 5P
   Low forward voltage drop, low power losses
Revision: 15-May-14
V12PM12 VISHAY-V12PM12 Datasheet
100Kb / 5P
   Low forward voltage drop, low power losses
Revision: 14-Apr-15
V25PN60 VISHAY-V25PN60 Datasheet
89Kb / 5P
   Low forward voltage drop, low power losses
Revision: 27-Oct-14
V12P6-M3 VISHAY-V12P6-M3 Datasheet
96Kb / 5P
   Low forward voltage drop, low power losses
Revision: 05-May-15
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com