データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

VSSA210-M3 データシート(PDF) 1 Page - Vishay Siliconix

部品番号 VSSA210-M3
部品情報  Ideal for automated placement
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VISHAY [Vishay Siliconix]
ホームページ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VSSA210-M3 データシート(HTML) 1 Page - Vishay Siliconix

  VSSA210-M3 Datasheet HTML 1Page - Vishay Siliconix VSSA210-M3 Datasheet HTML 2Page - Vishay Siliconix VSSA210-M3 Datasheet HTML 3Page - Vishay Siliconix VSSA210-M3 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
VSSA210-M3, VSSA210HM3
www.vishay.com
Vishay General Semiconductor
Revision: 16-Dec-14
1
Document Number: 89404
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Surface Mount Trench MOS Barrier Schottky Rectifier
FEATURES
• Low profile package
• Ideal for automated placement
• Trench MOS Schottky technology
• Low power losses, high efficiency
• Low forward voltage drop
• Meets MSL level 1, per J-STD-020, LF maximum peak
of 260 °C
• AEC-Q101 qualified available
- Automotive ordering code; base P/NHM3
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
TYPICAL APPLICATIONS
For
use
in
low
voltage,
high
frequency
inverters,
freewheeling, DC/DC converters, and polarity protection
applications.
MECHANICAL DATA
Case: DO-214AC (SMA)
Molding compound meets UL 94 V-0 flammability rating
Base
P/N-M3
-
halogen-free,
RoHS-compliant,
and
commercial grade
Base
P/NHM3
-
halogen-free,
RoHS-compliant
and
AEC-Q101 qualified
Base P/NHM3_X - halogen-free, RoHS-compliant and
AEC-Q101 qualified
(“_X” denotes revision code e.g. A, B,.....)
Terminals:
Matte
tin
plated
leads,
solderable
per
J-STD-002 and JESD 22-B102
M3 suffix meets JESD 201 class 2 whisker test, HM3 suffix
meets JESD 201 class 2 whisker test
Polarity: Color band denotes the cathode end
Notes
(1) Mounted on 8 mm x 8 mm pad areas, 1 oz. FR4 PCB
(2) Free air, mounted on recommended copper pad area
PRIMARY CHARACTERISTICS
IF(AV)
2.0 A
VRRM
100 V
IFSM
60 A
VF at IF = 2.0 A
0.56 V
TJ max.
150 °C
Package
DO-214AC (SMA)
Diode variation
Single die
DO-214AC (SMA)
TMBS
®
MAXIMUM RATINGS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
VSSA210
UNIT
Device marking code
V2B
Maximum repetitive peak reverse voltage
VRRM
100
V
Maximum DC forward current
IF (1)
2.0
A
IF (2)
1.7
Peak forward surge current 10 ms single half sine-wave
superimposed on rated load
IFSM
60
A
Operating junction and storage temperature range
TJ, TSTG
-40 to +150
°C


同様の部品番号 - VSSA210-M3

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
VSSA210-M3-5AT VISHAY-VSSA210-M3-5AT Datasheet
81Kb / 4P
   Surface Mount Trench MOS Barrier Schottky Rectifier
Revision: 19-Apr-11
VSSA210-M3-61T VISHAY-VSSA210-M3-61T Datasheet
81Kb / 4P
   Surface Mount Trench MOS Barrier Schottky Rectifier
Revision: 19-Apr-11
More results

同様の説明 - VSSA210-M3

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SE70PB VISHAY-SE70PB Datasheet
100Kb / 5P
   Ideal for automated placement
Revision: 10-Jul-15
VSSAF3N50 VISHAY-VSSAF3N50 Datasheet
110Kb / 5P
   Ideal for automated placement
Revision: 24-Jul-14
SS12-M3 VISHAY-SS12-M3 Datasheet
96Kb / 4P
   Ideal for automated placement
Revision: 04-Aug-15
V8P8-M3 VISHAY-V8P8-M3 Datasheet
96Kb / 5P
   Ideal for automated placement
Revision: 04-May-15
V12P45-M3 VISHAY-V12P45-M3 Datasheet
95Kb / 5P
   Ideal for automated placement
Revision: 05-May-15
logo
Pan Jit International I...
SVM1560UB PANJIT-SVM1560UB Datasheet
175Kb / 5P
   Ideal for automated placement
logo
Vishay Siliconix
SE40PB VISHAY-SE40PB Datasheet
99Kb / 5P
   Ideal for automated placement
Revision: 10-Dec-14
SS3H9-M3 VISHAY-SS3H9-M3 Datasheet
91Kb / 4P
   Ideal for automated placement
Revision: 09-Dec-13
logo
Shanghai Leiditech Elec...
LMKAK10 LEIDITECH-LMKAK10 Datasheet
526Kb / 4P
   Ideal for automated placement
logo
Pan Jit International I...
SVC10120VB PANJIT-SVC10120VB Datasheet
149Kb / 5P
   Ideal for automated placement
logo
Bruckewell Technology L...
SD10PU80 BWTECH-SD10PU80 Datasheet
117Kb / 4P
   Ideal for automated placement
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com