データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

VS-SD803CC データシート(PDF) 2 Page - Vishay Siliconix

部品番号 VS-SD803CC
部品情報  Fast Recovery Diodes (Hockey PUK Version), 845 A
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VISHAY [Vishay Siliconix]
ホームページ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-SD803CC データシート(HTML) 2 Page - Vishay Siliconix

  VS-SD803CC Datasheet HTML 1Page - Vishay Siliconix VS-SD803CC Datasheet HTML 2Page - Vishay Siliconix VS-SD803CC Datasheet HTML 3Page - Vishay Siliconix VS-SD803CC Datasheet HTML 4Page - Vishay Siliconix VS-SD803CC Datasheet HTML 5Page - Vishay Siliconix VS-SD803CC Datasheet HTML 6Page - Vishay Siliconix VS-SD803CC Datasheet HTML 7Page - Vishay Siliconix VS-SD803CC Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
VS-SD803C..C Series
www.vishay.com
Vishay Semiconductors
Revision: 14-Jan-14
2
Document Number: 93180
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• The table above shows the increment of thermal resistance RthJ-hs when devices operate at different conduction angles than DC
FORWARD CONDUCTION
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum average forward current
at heatsink temperature
IF(AV)
180° conduction, half sine wave
Double side (single side) cooled
845 (420)
A
55 (75)
°C
Maximum RMS forward current
IF(RMS)
25 °C heatsink temperature double side cooled
1326
A
Maximum peak, one-cycle forward,
non-repetitive current
IFSM
t = 10 ms
No voltage
reapplied
Sinusoidal half wave,
initial TJ = TJ maximum
11 295
t = 8.3 ms
11 830
t = 10 ms
100 % VRRM
reapplied
9500
t = 8.3 ms
9945
Maximum I2t for fusing
I2t
t = 10 ms
No voltage
reapplied
640
kA2s
t = 8.3 ms
583
t = 10 ms
100 % VRRM
reapplied
451
t = 8.3 ms
412
Maximum I2
t for fusing
I2
t
t = 0.1 to 10 ms, no voltage reapplied
6400
kA2
s
Low level of threshold voltage
VF(TO)1
(16.7 % x
 x I
F(AV) < I <  x IF(AV)), TJ = TJ maximum
1.02
V
High level of threshold voltage
VF(TO)2
(I >
 x I
F(AV)), TJ = TJ maximum
1.32
Low level of forward slope resistance
rf1
(16.7 % x
 x I
F(AV) < I <  x IF(AV)), TJ = TJ maximum
0.38
mW
High level of forward slope resistance
rf2
(I >
 x I
F(AV)), TJ = TJ maximum
0.28
Maximum forward voltage drop
VFM
Ipk = 2655 A, TJ = TJ maximum tp = 10 ms sinusoidal wave
1.89
V
RECOVERY CHARACTERISTICS
CODE
MAXIMUM VALUE
AT TJ = 25 °C
TEST CONDITIONS
TYPICAL VALUES
AT TJ = 125 °C
trr AT 25 % IRRM
(μs)
Ipk
SQUARE
PULSE
(A)
dI/dt
(A/μs)
Vr
(V)
trr AT 25 % IRRM
(μs)
Qrr
(μC)
Irr
(A)
S10
1.0
1000
50
-30
2.0
45
34
S15
1.5
3.2
87
51
THERMAL AND MECHANICAL SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum operating temperature range
TJ
-40 to 125
°C
Maximum storage temperature range
TStg
-40 to 125
Maximum thermal resistance,
case junction to heatsink
RthJ-hs
DC operation single side cooled
0.076
K/W
DC operation double side cooled
0.038
Mounting force, ± 10 %
9800 (1000)
N (kg)
Approximate weight
83
g
Case style
See dimensions - link at the end of datasheet
B-43
R
thJ-hs CONDUCTION
CONDUCTION ANGLE
SINUSOIDAL CONDUCTION
RECTANGULAR CONDUCTION
TEST CONDITIONS
UNITS
SINGLE SIDE
DOUBLE SIDE
SINGLE SIDE
DOUBLE SIDE
180°
0.006
0.007
0.005
0.005
TJ = TJ maximum
K/W
120°
0.008
0.008
0.008
0.008
90°
0.010
0.010
0.011
0.011
60°
0.015
0.015
0.016
0.016
30°
0.026
0.026
0.026
0.026
I
FM
t
rr
dir
dt
I
RM(REC)
Q
rr
t


同様の部品番号 - VS-SD803CC

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
VS-SD803CC VISHAY-VS-SD803CC_V01 Datasheet
346Kb / 8P
   Fast Recovery Diodes (Hockey PUK Version), 845 A
01-Jan-2022
More results

同様の説明 - VS-SD803CC

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
VS-SD803CC VISHAY-VS-SD803CC_V01 Datasheet
346Kb / 8P
   Fast Recovery Diodes (Hockey PUK Version), 845 A
01-Jan-2022
SD803C04S10C VISHAY-SD803C04S10C Datasheet
334Kb / 8P
   Fast Recovery Diodes (Hockey PUK Version), 845 A
Revision: 04-Aug-08
SD803C04S10C VISHAY-SD803C04S10C_12 Datasheet
347Kb / 9P
   Fast Recovery Diodes (Hockey PUK Version), 845 A
Revision: 04-Aug-08
logo
International Rectifier
SD603C IRF-SD603C Datasheet
202Kb / 8P
   FAST RECOVERY DIODES Hockey Puk Version
SD803C IRF-SD803C Datasheet
376Kb / 7P
   FAST RECOVERY DIODES Hockey Puk Version
SD553C IRF-SD553C Datasheet
351Kb / 8P
   FAST RECOVERY DIODES Hockey Puk Version
SD1053C IRF-SD1053C Datasheet
507Kb / 10P
   FAST RECOVERY DIODES Hockey Puk Version
SD303C IRF-SD303C Datasheet
487Kb / 8P
   FAST RECOVERY DIODES Hockey Puk Version
SD403C IRF-SD403C Datasheet
383Kb / 7P
   FAST RECOVERY DIODES Hockey Puk Version
SD853C IRF-SD853C Datasheet
403Kb / 6P
   FAST RECOVERY DIODES Hockey Puk Version
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com