データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

VS-STPS20L15G-M3 データシート(PDF) 1 Page - Vishay Siliconix

部品番号 VS-STPS20L15G-M3
部品情報  High Performance Schottky Rectifier, 20 A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VISHAY [Vishay Siliconix]
ホームページ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-STPS20L15G-M3 データシート(HTML) 1 Page - Vishay Siliconix

  VS-STPS20L15G-M3 Datasheet HTML 1Page - Vishay Siliconix VS-STPS20L15G-M3 Datasheet HTML 2Page - Vishay Siliconix VS-STPS20L15G-M3 Datasheet HTML 3Page - Vishay Siliconix VS-STPS20L15G-M3 Datasheet HTML 4Page - Vishay Siliconix VS-STPS20L15G-M3 Datasheet HTML 5Page - Vishay Siliconix VS-STPS20L15G-M3 Datasheet HTML 6Page - Vishay Siliconix VS-STPS20L15G-M3 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
VS-STPS20L15G-M3
www.vishay.com
Vishay Semiconductors
Revision: 18-Feb-16
1
Document Number: 95735
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
High Performance Schottky Rectifier, 20 A
FEATURES
• 125 °C TJ operation (VR < 5 V)
• Center tap module
• Optimized for OR-ing applications
• Ultralow forward voltage drop
• High frequency operation
• Guard ring for enhanced ruggedness and long
term reliability
• High purity, high temperature epoxy encapsulation for
enhanced mechanical strength and moisture resistance
• Meets MSL level 1, per J-STD-020, LF maximum peak
of 260 °C
• Designed and qualified according to JEDEC®-JESD47
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
DESCRIPTION
The Schottky rectifier module has been optimized for
ultralow forward voltage drop specifically for the OR-ing
of
parallel
power
supplies.
The
proprietary
barrier
technology allows for reliable operation up to 125 °C
junction temperature. Typical applications are in parallel
switching power supplies, converters, reverse battery
protection, and redundant power subsystems.
PRODUCT SUMMARY
Package
TO-263AB (D2PAK)
IF(AV)
20 A
VR
15 V
VF at IF
0.33 V
IRM max.
600 mA at 100 °C
TJ max.
125 °C
EAS
10 mJ
Diode variation
Single die
Anode
1
3
Base
cathode
2
N/C
TO-263AB (D2PAK)
MAJOR RATINGS AND CHARACTERISTICS
SYMBOL
CHARACTERISTICS
VALUES
UNITS
IF(AV)
Rectangular waveform
20
A
VRRM
15
V
IFSM
tp = 5 μs sine
700
A
VF
19 Apk, TJ = 125 °C (typical)
0.25
V
TJ
Range
-55 to +125
°C
VOLTAGE RATINGS
PARAMETER
SYMBOL
TEST CONDITIONS
VS-STPS20L15G-M3
UNITS
Maximum DC reverse voltage
VR
TJ = 100 °C
15
V
Maximum working peak reverse voltage
VRWM
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum average forward current
See fig. 5
IF(AV)
50 % duty cycle at TC = 85 °C, rectangular waveform
20
A
Maximum peak one cycle
non-repetitive surge current
See fig. 7
IFSM
5 μs sine or 3 μs rect. pulse
Following any rated load
condition and with rated
VRRM applied
700
10 ms sine or 6 ms rect. pulse
330
Non-repetitive avalanche energy
EAS
TJ = 25 °C, IAS = 2 A, L = 6 mH
10
mJ
Repetitive avalanche current
IAR
Current decaying linearly to zero in 1 μs
Frequency limited by TJ maximum VA = 1.5 x VR typical
2A


同様の部品番号 - VS-STPS20L15G-M3

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
VS-STPS20L15G-M3 VISHAY-VS-STPS20L15G-M3 Datasheet
164Kb / 7P
   High Performance Schottky Rectifier, 20 A
01-Jan-2022
VS-STPS20L15G-M3 VISHAY-VS-STPS20L15G-M3_V01 Datasheet
164Kb / 7P
   High Performance Schottky Rectifier, 20 A
01-Jan-2022
More results

同様の説明 - VS-STPS20L15G-M3

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
VS-20TQ035SPBF VISHAY-VS-20TQ035SPBF_15 Datasheet
147Kb / 8P
   High Performance Schottky Rectifier, 20 A
Revision: 08-Dec-14
VS-20TQ035-M3 VISHAY-VS-20TQ035-M3_V01 Datasheet
184Kb / 7P
   High Performance Schottky Rectifier, 20 A
01-Jan-2022
VS-20L15TSPBF VISHAY-VS-20L15TSPBF_15 Datasheet
134Kb / 8P
   High Performance Schottky Rectifier, 20 A
Revision: 24-Jul-14
VS-20TQ035THN3 VISHAY-VS-20TQ035THN3_V01 Datasheet
180Kb / 7P
   High Performance Schottky Rectifier, 20 A
01-Jan-2022
VS-20TQ035-M3 VISHAY-VS-20TQ035-M3 Datasheet
168Kb / 7P
   High Performance Schottky Rectifier, 20 A
Revision: 07-May-2020
VS-20TQ035THN3 VISHAY-VS-20TQ035THN3 Datasheet
163Kb / 7P
   High Performance Schottky Rectifier, 20 A
Revision: 27-Jul-2020
VS-20L15TS-M3 VISHAY-VS-20L15TS-M3 Datasheet
148Kb / 7P
   High Performance Schottky Rectifier, 20 A
Revision: 28-Jul-14
VS-STPS20L15GPBF VISHAY-VS-STPS20L15GPBF_V01 Datasheet
121Kb / 7P
   High Performance Schottky Rectifier, 20 A
08-Feb-17
VS-20L15T-M3 VISHAY-VS-20L15T-M3 Datasheet
161Kb / 7P
   High Performance Schottky Rectifier, 20 A
Revision: 23-Nov-17
VS-STPS20L15D-M3 VISHAY-VS-STPS20L15D-M3_V01 Datasheet
166Kb / 7P
   High Performance Schottky Rectifier, 20 A
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com