データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M02069 データシート(PDF) 7 Page - M/A-COM Technology Solutions, Inc.

部品番号 M02069
部品情報  3.3 or 5 Volt VCSEL/FP Laser Driver IC for Applications to 4.3 Gbps
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MA-COM [M/A-COM Technology Solutions, Inc.]
ホームページ  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M02069 データシート(HTML) 7 Page - M/A-COM Technology Solutions, Inc.

Back Button M02069_17 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. M02069_17 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. M02069_17 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. M02069_17 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. M02069_17 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. M02069_17 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. M02069_17 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. M02069_17 Datasheet HTML 10Page - M/A-COM Technology Solutions, Inc. M02069_17 Datasheet HTML 11Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 45 page
background image
M02069-12
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
http://www.macom.com/support
7
3.3 or 5 Volt VCSEL/FP Laser Driver IC for Applications to 4.3 Gbps
Rev V2
1.5
Safety Logic Timing
(VCC = 3.05 V to 3.55V or 4.7V to 5.5V, TA = -40 °C to +95 °C, unless otherwise noted)
Typical values for common anode are at VCC = 3.3 V, IBOUTCA = 20 mA, IMOD = 20 mA, TA = 25 °C, unless otherwise noted.
Typical values for common cathode are at VCC = 3.3 V, IBOUTCC = 5 mA, IMOD = 5 mA, TA = 25 °C, unless otherwise noted.
tr
Modulation output rise time
20% to 80% into 25
Ω(3). For IMOD from 3 mA to 30
mA. Measured using 11110000 pattern at 2.5Gbps.
–67
80
ps
tf
Modulation output fall time
67
80
ps
OSOFF
Overshoot of modulation output current in
the “off” direction
into 25
Ω load
--
1
2
%
RJ
Random jitter
0.8
psrms
DJ
Deterministic jitter
K28.5 pattern at 4.3 Gbps
(includes pulse width distortion)
10
23
pspp
Notes:
1. Minimum voltage at OUT+ > 0.7V.
2. The current through the laser in this state can be made negligible by adding a 1k
Ω or less resistor in parallel with the laser.
3. The M02069 is designed to drive 25
Ω loads. External resistance should be added in series or parallel to the Laser to create this load impedance. In common
cathode mode, 50
Ω resistors internal to the M02069 are in parallel with the laser..
Table 1-5.
Safety Logic Timing
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units.
t_off
DIS assert time
Rising edge of DIS to fall of output signal below
10% of nominal(1)
10
μs
t_on
DIS negate time
Falling edge of DIS to rise of output signal above
90% of nominal(1)
1ms
t_init
Time to initialize(2)
Includes reset of FAIL; from power on after
Supply_OK or from negation of DIS during reset of
FAIL condition
23
5
ms
t_fault
Laser fault time - from fault condition to
assertion of FAIL
From occurrence of fault condition or when
Supply_OK is beyond specified range
100
μs
t_reset
DIS time to start reset
DIS or ENA pulse width required to initialize safety
circuitry or reset a latched fault
10(3)
μs
Table 1-4.
AC Characteristics
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units.


同様の部品番号 - M02069_17

メーカー部品番号データシート部品情報
logo
M/A-COM Technology Solu...
M02069-12 MA-COM-M02069-12 Datasheet
751Kb / 44P
   3.3 or 5 Volt VCSEL/FP Laser Driver IC for Applications to 4.3 Gbps
More results

同様の説明 - M02069_17

メーカー部品番号データシート部品情報
logo
M/A-COM Technology Solu...
02069-DSH-001-D MA-COM-02069-DSH-001-D Datasheet
751Kb / 44P
   3.3 or 5 Volt VCSEL/FP Laser Driver IC for Applications to 4.3 Gbps
M02069 MA-COM-M02069 Datasheet
751Kb / 44P
   3.3 or 5 Volt VCSEL/FP Laser Driver IC for Applications to 4.3 Gbps
M02094 MA-COM-M02094 Datasheet
768Kb / 44P
   3.3 or 5 Volt VCSEL/FP Laser Driver IC for Applications to 2 Gbps
M02066 MA-COM-M02066_17 Datasheet
681Kb / 20P
   3.3 Volt Laser Driver IC for Applications to 3 Gbps
02066-DSH-001-D MA-COM-02066-DSH-001-D Datasheet
681Kb / 20P
   3.3 Volt Laser Driver IC for Applications to 3 Gbps Data Sheet
M02066 MA-COM-M02066 Datasheet
681Kb / 20P
   3.3 Volt Laser Driver IC for Applications to 3 Gbps Data Sheet
M02061 MA-COM-M02061 Datasheet
600Kb / 37P
   3.3 or 5 Volt Laser Driver
02061-DSH-001-G MA-COM-02061-DSH-001-G Datasheet
600Kb / 37P
   3.3 or 5 Volt Laser Driver
M02061 MA-COM-M02061_17 Datasheet
699Kb / 45P
   3.3 or 5 Volt Laser Driver
M02067 MA-COM-M02067_17 Datasheet
414Kb / 20P
   3.3 Volt Laser Driver IC for GbE and Fibre Channel to 2.1 Gbps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com