データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M02066G-82 データシート(PDF) 10 Page - M/A-COM Technology Solutions, Inc.

部品番号 M02066G-82
部品情報  3.3 Volt Laser Driver IC for Applications to 3 Gbps
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MA-COM [M/A-COM Technology Solutions, Inc.]
ホームページ  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M02066G-82 データシート(HTML) 10 Page - M/A-COM Technology Solutions, Inc.

Back Button M02066G-82 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. M02066G-82 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. M02066G-82 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. M02066G-82 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. M02066G-82 Datasheet HTML 10Page - M/A-COM Technology Solutions, Inc. M02066G-82 Datasheet HTML 11Page - M/A-COM Technology Solutions, Inc. M02066G-82 Datasheet HTML 12Page - M/A-COM Technology Solutions, Inc. M02066G-82 Datasheet HTML 13Page - M/A-COM Technology Solutions, Inc. M02066G-82 Datasheet HTML 14Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
Functional Description
02066-DSH-001-D
Mindspeed Technologies
®
8
Preliminary Information / Mindspeed Proprietary and Confidential
3.2
Features
High speed operation; suitable for applications to 3 Gbps.
Typical rise/fall times of 90 ps.
DC or AC coupled modulation drive.
Differential data and clock inputs to minimize pattern dependent jitter.
Independently Programmable Laser Bias and Modulation currents.
Bias current to 100 mA and modulation current to 85 mA at VCC = 3.3 V
Automatic Laser Power Control, with programmable temperature compensation and ‘Slow-Start’.
Bias and modulation current monitor
Operates with +3.3 Volt supply
Functionally compatible with MAX 3869
The M02066-21 and M02066-51 are available in a BCC+24 package. The M02066-82 is available in a TQFP32
package.
Available in RoHS compliant packages


同様の部品番号 - M02066G-82

メーカー部品番号データシート部品情報
logo
M/A-COM Technology Solu...
M02066G-82 MA-COM-M02066G-82 Datasheet
681Kb / 20P
   3.3 Volt Laser Driver IC for Applications to 3 Gbps Data Sheet
More results

同様の説明 - M02066G-82

メーカー部品番号データシート部品情報
logo
M/A-COM Technology Solu...
02066-DSH-001-D MA-COM-02066-DSH-001-D Datasheet
681Kb / 20P
   3.3 Volt Laser Driver IC for Applications to 3 Gbps Data Sheet
M02066 MA-COM-M02066 Datasheet
681Kb / 20P
   3.3 Volt Laser Driver IC for Applications to 3 Gbps Data Sheet
M02069 MA-COM-M02069_17 Datasheet
653Kb / 45P
   3.3 or 5 Volt VCSEL/FP Laser Driver IC for Applications to 4.3 Gbps
02069-DSH-001-D MA-COM-02069-DSH-001-D Datasheet
751Kb / 44P
   3.3 or 5 Volt VCSEL/FP Laser Driver IC for Applications to 4.3 Gbps
M02094 MA-COM-M02094 Datasheet
768Kb / 44P
   3.3 or 5 Volt VCSEL/FP Laser Driver IC for Applications to 2 Gbps
M02069 MA-COM-M02069 Datasheet
751Kb / 44P
   3.3 or 5 Volt VCSEL/FP Laser Driver IC for Applications to 4.3 Gbps
M02067 MA-COM-M02067_17 Datasheet
414Kb / 20P
   3.3 Volt Laser Driver IC for GbE and Fibre Channel to 2.1 Gbps
02067-DSH-001-G MA-COM-02067-DSH-001-G Datasheet
349Kb / 20P
   3.3 Volt Laser Driver IC for GbE and Fibre Channel to 2.1 Gbps
CX02066 MA-COM-CX02066 Datasheet
105Kb / 2P
   3.3 Volt Highly Integrated, Programmable Laser Driver IC for SONET/SDH Applications
M02068 MA-COM-M02068_17 Datasheet
632Kb / 18P
   3.3 Volt Laser Driver IC for 155/622 Mbps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com