データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TA1316AN データシート(PDF) 3 Page - Toshiba Semiconductor

部品番号 TA1316AN
部品情報  YCbCr/YPbPr Signal and Sync Processor for Digital TV, Progressive Scan TV and Double Scan TV
Download  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOSHIBA [Toshiba Semiconductor]
ホームページ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA1316AN データシート(HTML) 3 Page - Toshiba Semiconductor

  TA1316AN Datasheet HTML 1Page - Toshiba Semiconductor TA1316AN Datasheet HTML 2Page - Toshiba Semiconductor TA1316AN Datasheet HTML 3Page - Toshiba Semiconductor TA1316AN Datasheet HTML 4Page - Toshiba Semiconductor TA1316AN Datasheet HTML 5Page - Toshiba Semiconductor TA1316AN Datasheet HTML 6Page - Toshiba Semiconductor TA1316AN Datasheet HTML 7Page - Toshiba Semiconductor TA1316AN Datasheet HTML 8Page - Toshiba Semiconductor TA1316AN Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 115 page
background image
TA1316AN
2002-10-04
3
Pin Assignment
APL FILTER
56
Y/C VCC
VSM OUT
ABCL IN
YM/P-MUTE/BLK
YS 1 (analog OSD)
55
54
53
52
51
50
DARK AREA DET FILTER
1
2
3
4
5
6
7
BPH FILTER
Y1 IN
Cb1/Pb1 IN
Cr1/Pr1 IN
Y/C GND
MATRIX SW
YS 2 (analog OSD)
Y2 IN
8
9
10
11
12
13
14
Cb2/Pb2 IN
Cr2/Pr2 IN
COLOR LIMITER
VD2 IN
HD2 IN
SYNC IN
VD1 IN 15
16
17
18
19
20
21
HD1 IN
SCP IN
SCP OUT
DEF/DAC VCC
AFC FILTER
HVCO
HORIZONTAL FREQUENCY SW 22
23
24
25
26
27
28
H CURVE CORRECTION
FBP IN
DEF/DAC GND
H-OUT
VP OUT
YS 3 (analog RGB)
49
R S/H
G S/H
48
47
B S/H
46
IK IN
RGB GND
R OUT
G OUT
B OUT
45
44
43
42
41
40
RGB VCC
ANALOG OSD R IN
39
ANALOG OSD G IN
ANALOG OSD B IN
38
37
DAC2 (ACB pulse)
36
ANALOG R IN
ANALOG G IN
ANALOG B IN
I
2
L GND
SDA
35
34
33
32
31
30
SCL
I
2
L VDD
29
TA1316AN


同様の部品番号 - TA1316AN

メーカー部品番号データシート部品情報
logo
Pico Technology Ltd.
TA131 PICO-TA131 Datasheet
2Mb / 26P
   PicoScope® 3000 Series PC oscilloscopes and MSOs
2013-2016
logo
Beijing Yaohuadechang E...
TA1310-01 YHDC-TA1310-01 Datasheet
1Mb / 1P
   Primary core built-in type current transformer
TA1310-03 YHDC-TA1310-03 Datasheet
1Mb / 1P
   Primary core built-in type current transformer
logo
TAI-SAW TECHNOLOGY CO.,...
TA1310A TAI-SAW-TA1310A Datasheet
195Kb / 8P
   SAW Filter 1588.655MHz
logo
Golledge Electronics Lt...
TA1310A GOLLEDGE-TA1310A Datasheet
164Kb / 6P
   SAW Filter 1586.360MHz
More results

同様の説明 - TA1316AN

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TA1360AFG TOSHIBA-TA1360AFG_05 Datasheet
1Mb / 110P
   YCbCr/YPbPr Signal and Sync Processor for Digital TV, Progressive Scan TV and Double Scan TV
TA1360ANG TOSHIBA-TA1360ANG_05 Datasheet
1Mb / 108P
   YCbCr/YPbPr Signal and Sync Processor for Digital TV, Progressive Scan TV and Double Scan TV
TA1360AFG TOSHIBA-TA1360AFG Datasheet
1Mb / 110P
   YCbCr/YPbPr Signal and Sync Processor for Digital TV, Progressive Scan TV and Double Scan TV
logo
New Japan Radio
NJU26123 NJRC-NJU26123 Datasheet
215Kb / 19P
   Digital Signal Processor for TV
NJU26124 NJRC-NJU26124 Datasheet
278Kb / 22P
   Digital Signal Processor for TV
NJU26120 NJRC-NJU26120 Datasheet
192Kb / 10P
   Digital Signal Processor for TV
NJU26040-08B NJRC-NJU26040-08B Datasheet
192Kb / 9P
   Digital Signal Processor for TV
logo
Sanyo Semicon Device
LC74982W SANYO-LC74982W Datasheet
99Kb / 14P
   LCD TV Scan Converter IC
logo
Harris Corporation
CA3154 HARRIS-CA3154 Datasheet
83Kb / 6P
   TV Sync/AGC/Horizontal Signal Processor
logo
NTE Electronics
NTE1550 NTE-NTE1550 Datasheet
60Kb / 2P
   Integrated Circuit TV Sync Signal Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com