データシートサーチシステム
Selected language   Japanese  ▼
品番検索
         詳細検索


2SC5788 データシート(Datasheet) 1 Page - Panasonic Semiconductor

部品番号. 2SC5788
部品情報  Silicon NPN epitaxial planar type
ダウンロード  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
メーカー  PANASONIC [Panasonic Semiconductor]
ホームページ  http://www.panasonic.com/industrial/
Logo 

   
 1 page
background image
Power Transistors
1
Publication date: November 2002
SJD00290AED
2SC5788
Silicon NPN epitaxial planar type
Power supply for Audio & Visual equipments
such as TVs and VCRs
Industrial equipments such as DC-DC converters
■ Features
• High-speed switching (t
stg: storage time/tf: fall time is short)
• Low collector to emitter saturation voltage V
CE(sat)
• Superior forward current transfer ratio h
FE linearity
• Allowing automatic insertion with radial taping
■ Absolute Maximum Ratings T
C
= 25°C
■ Electrical Characteristics T
C = 25°C ± 3°C
10.0±0.2
0.65±0.1
0.35±0.1
2.5±0.2
123
0.65±0.1
1.2±0.1
1.48±0.2
2.25±0.2
C 1.0
0.55±0.1
0.55±0.1
2.5±0.2
1.05±0.1
5.0±0.1
1.0
±0.2
Unit: mm
1: Base
2: Collector
3: Emitter
MT-4-A1 Package
Rank
P
Q
hFE1
160 to 320
120 to 250
Internal Connection
B
C
E
Marking Symbol: C5788
Parameter
Symbol
Rating
Unit
Collector-base voltage (Emitter open)
VCBO
60
V
Collector-emitter voltage (Base open)
VCEO
60
V
Emitter-base voltage (Collector open)
VEBO
6V
Collector current
IC
3A
Peak collector current
ICP
6A
Collector power
TC = 25°CPC
15
W
dissipation
Ta = 25°C2
Junction temperature
Tj
150
°C
Storage temperature
Tstg
−55 ∼ +150
°C
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Collector-emitter voltage (Base open)
VCEO
IC = 10 mA, IB = 060
V
Collector-base cutoff current (Emitter open)
ICBO
VCB
= 60 V, I
E
= 0
100
µA
Collector-emitter cutoff current (Base open)
ICEO
VCE = 60 V, IB = 0
100
µA
Emitter-base cutoff current (Collector open)
IEBO
VEB = 6 V, IC = 01
mA
Forward current transfer ratio
hFE1*
VCE
= 4 V, I
C
= 1 A
120
320
hFE2
VCE = 4 V, IC = 3 A
40
Collector-emitter saturation voltage
VCE(sat)
IC = 3 A, IB = 375 mA
0.8
V
Transition frequency
fT
VCE
= 10 V, I
C
= 0.1 A, f = 10 MHz
180
MHz
Turn-on time
ton
IC = 1 A, Resistance loaded
0.2
0.3
µs
Storage time
tstg
IB1 = 0.1 A, IB2 = − 0.1 A
0.55
0.7
µs
Fall time
tf
VCC
= 50 V
0.1
0.15
µs
Note) 1. Measuring methods are based on JAPANESE INDUSTRIAL STANDARD JIS C 7030 measuring methods for transistors.
2. *: Rank classification




Html ページ

1  2  3 


Datasheet Download



関連電子部品番号

部品番号コンポーネントの説明Html Viewメーカー
XP01211Silicon NPN epitaxial planar type 1 2 3 Panasonic Semiconductor
2SD1752Silicon NPN epitaxial planar type 1 2 3 Panasonic Semiconductor
XN0F256Silicon NPN epitaxial planar type 1 2 3 Panasonic Semiconductor
2SC5845Silicon NPN epitaxial planar type 1 2 3 Panasonic Semiconductor
2SC5505Silicon NPN epitaxial planar type 1 2 3 Panasonic Semiconductor
2SD2504Silicon NPN epitaxial planar type 1 2 3 Panasonic Semiconductor
UP03390Silicon NPN epitaxial planar type 1 2 3 4 5 Panasonic Semiconductor
XP01554Silicon NPN epitaxial planar type 1 2 3 Panasonic Semiconductor
2SD2051Silicon NPN epitaxial planar type Darlington For low-frequency amplification 1 2 Panasonic Semiconductor
SUR503EFEpitaxial Planar Type NPN Silicon Transistor 1 2 3 AUK corp

リンク URL

ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ]  

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   ブックマーク   |   リンク交換   |   メーカーリスト
All Rights Reserved© Alldatasheet.com 2003 - 2015    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl