データシートサーチシステム |
|
AD5530 データシート(PDF) 8 Page - Analog Devices |
|
AD5530 データシート(HTML) 8 Page - Analog Devices |
8 / 16 page REV. 0 –8– AD5530/AD5531–Typical Performance Characteristics code 1 0 –0.8 –1 –0.4 0.6 0.8 500 1000 1500 2000 2500 3000 3500 4000 0.4 0.2 –0.6 –0.2 0 VDD = +15V VSS = –15V REFIN = +5V REFAGND = 0V TA = +25 C TPC 1. AD5530 Typical INL Plot code 0.5 0 –0.4 –0.5 –0.2 0.3 0.4 500 1000 1500 2000 2500 3000 3500 4000 0.2 0.1 –0.3 –0.1 0 VDD = +15V VSS = –15V REFIN = +5V REFAGND = 0V TA = +25 C TPC 2. AD5530 Typical DNL Plot code 2 0 –1.5 –2 1.5 2000 4000 6000 8000 10000 12000 14000 16000 1 0.5 –0.3 –1 0 VDD = +15V VSS = –15V REFIN = +5V REFAGND = 0V TA = +25 C TPC 3. AD5531 Typical INL Plot code 0 2000 4000 6000 8000 10000 12000 14000 16000 –0.5 1 0.5 –1 0 VDD = +15V VSS = –15V REFIN = +5V REFAGND = 0V TA = +25 C 0.75 0.25 –0.75 –0.25 TPC 4. AD5531 Typical DNL Plot TEMPERATURE – C 2.0 –40 1.5 –1.5 –2.0 –1.0 –0.5 0 0.5 1.0 –20 0 20406080 VDD = +15V VSS = –15V REFIN = +5V REFAGND = 0V TPC 5. AD5531 Typical INL Error vs. Temperature TEMPERATURE – C 1.0 –40 0.8 –0.8 –1.0 –0.6 –0.4 –0.2 0 0.4 –20 0 20406080 VDD = +15V VSS = –15V REFIN = +5V REFAGND = 0V 0.6 0.2 TPC 6. AD5531 Typical DNL Error vs. Temperature |
同様の部品番号 - AD5530 |
|
同様の説明 - AD5530 |