データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

J0B-0368NL データシート(PDF) 1 Page - Pulse A Technitrol Company

部品番号 J0B-0368NL
部品情報  2xN Gigabit PoE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PULSE [Pulse A Technitrol Company]
ホームページ  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

J0B-0368NL データシート(HTML) 1 Page - Pulse A Technitrol Company

  J0B-0368NL Datasheet HTML 1Page - Pulse A Technitrol Company J0B-0368NL Datasheet HTML 2Page - Pulse A Technitrol Company J0B-0368NL Datasheet HTML 3Page - Pulse A Technitrol Company J0B-0368NL Datasheet HTML 4Page - Pulse A Technitrol Company J0B-0368NL Datasheet HTML 5Page - Pulse A Technitrol Company J0B-0368NL Datasheet HTML 6Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
J429.D (09/14)
1
pulseelectronics.com
PulseJack®
2xN Gigabit PoE
U.S. Patent#7241181
RoHS peak wave solder temperature rating 260°C
Suitable for CAT 5 & 6 UTP cable or better
Power over Ethernet enabled-compatible to IEEE
802.3af standard
350µH minimum OCL with 8mA bias current
High performance for maximum EMI suppression
USA 858 674 8100
Germany 49 7032 7806 0
Singapore 65 6287 8998
Shanghai 86 21 62787060
China 86 755 33966678
Taiwan 886 3 4356768
RoHS
Compliant
Part Number
(Number of Ports)
LEDs
(L/R)
Insertion
TX/RX
(dB TYP)
Hipot
(Vdc MIN)
1-125
MHz
1-40
MHz
60
MHz
100
MHz
1-10
MHz
30-60
MHz
60-100
MHz
1-10
MHz
10-150
MHz
1 MIN
J0B-0364NL (2X4)
G-Y/G-Y
-0.8
-20
-17
-14
-40
-35
-30
-50
-40
2250
J0B-0366NL (2X6)
G-Y/G-Y
-0.8
-20
-17
-14
-40
-35
-30
-50
-40
2250
J0B-0368NL (2X8)
G-Y/G-Y
-0.8
-20
-17
-14
-40
-35
-30
-50
-40
2250
Notes: 1. Bi-color LEDs: G-Y = green/yellow. Contact Pulse for LED options
Description:
10/100/1000Base-T RJ45 2xN PoE Integrated Connectors with Magnetics, with the addition of
power feeding over signal pairs.
Features and Benefits:
Return Loss
(dB TYP)
100
Ω (±15Ω)
Common
Mode
Rejection
(dB TYP)
Crosstalk
(dB TYP)
Electrical Specifications @ 25°C - Operating Temperature 0°C to +70°C
RJ45 Durability Test Rating
Part Number
Mating Force
(MAX)
Unmating Force
(MAX)
Durability
J0B Series
5 Ibs./2.268 kgs.
5 Ibs./2.268 kgs.
750 Insertions
RJ45 Material Specification
Part
Number
Shield
Contact
MSL
Rating
Material
Finish
Material
Plating Area
Solder Area
Material
Specification
J0B Series
Brass
20-40µ inches thick nickel
over brass
5 Ibs./2.268
kgs.
50µ inches gold over
30-50µ inches nickel
75-300µ inches tin-lead
over 50-100µ inches nickel
Thermoplastic
UL 94 V-0
1
Housing
Notes:
1. Connector dimensions comply with FCC dimension requirements.


同様の部品番号 - J0B-0368NL

メーカー部品番号データシート部品情報
logo
Pulse A Technitrol Comp...
J0B-0384NL PULSE-J0B-0384NL Datasheet
674Kb / 5P
   2xN PoE Plus Gigstack
J0B-0384NL PULSE-J0B-0384NL Datasheet
1Mb / 5P
   2xN Gigabit PoE Plus
J0B-0386NL PULSE-J0B-0386NL Datasheet
674Kb / 5P
   2xN PoE Plus Gigstack
J0B-0386NL PULSE-J0B-0386NL Datasheet
1Mb / 5P
   2xN Gigabit PoE Plus
J0B-0388NL PULSE-J0B-0388NL Datasheet
674Kb / 5P
   2xN PoE Plus Gigstack
More results

同様の説明 - J0B-0368NL

メーカー部品番号データシート部品情報
logo
Pulse A Technitrol Comp...
J427 PULSE-J427 Datasheet
1Mb / 5P
   2xN Gigabit PoE Plus
J405 PULSE-J405 Datasheet
1Mb / 6P
   PulseJack 2xN GIGABIT
J0B-0386NL PULSE-J0B-0386NL Datasheet
674Kb / 5P
   2xN PoE Plus Gigstack
logo
Level One
POI-3000 LVL1-POI-3000 Datasheet
628Kb / 3P
   Gigabit PoE Injector
POR-0120 LVL1-POR-0120 Datasheet
714Kb / 2P
   Gigabit PoE Repeater
POI-2001 LVL1-POI-2001 Datasheet
1Mb / 2P
   Gigabit PoE Injector
POR-0220 LVL1-POR-0220 Datasheet
446Kb / 3P
   Gigabit PoE-Plus Repeater
logo
Pulse A Technitrol Comp...
J428 PULSE-J428 Datasheet
258Kb / 5P
   Single-Port Gigabit PoE
logo
Level One
POR-0122 LVL1-POR-0122 Datasheet
715Kb / 2P
   2-Port Gigabit PoE Repeater
logo
SL Power Electronics
PENB1020B SLPOWER-PENB1020B Datasheet
247Kb / 2P
   Universal 15.4W Gigabit PoE Adapter
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com