データシートサーチシステム |
|
BA178M10FP データシート(PDF) 4 Page - Rohm |
|
BA178M10FP データシート(HTML) 4 Page - Rohm |
4 / 11 page BA178M!!T / BA178M!!FP series Regulator ICs <BA178M06T / FP individual specifications> (unless otherwise noted, Ta=25 °C, VIN=11V, IO=350mA) Parameter Symbol Min. Typ. Max. Unit Conditions Measurement circuit VO1 5.75 6.0 6.25 V IO =350mA VO2 5.7 − 6.3 V Reg.I1 − 3 100 mV Reg.I2 − 150 mV R.R. 60 74 − dB Reg.L1 − 20 120 mV IO =5~500mA Reg.L2 − 10 60 mV IO =5~200mA TCVO −−0.5 − Vn − 60 −µVf=10Hz~100kHz Vd − 2.0 − VIO =500mA Ib − 4.5 6.0 mA IO =0mA Ib1 −− 0.5 mA IO =5~350mA Ib2 −− 0.8 mA IO −P − 875 − mA Tj =25 °C IOS − 0.4 − AVIN =25V VIN =8.5~21V, IO=5~350mA VIN =8~25V, IO=200mA VIN =9~25V, IO=200mA eIN =1Vrms, f=120Hz, IO=100mA IO =5mA, Tj=0~125 °C VIN =9~25V, IO=200mA mV/ °C Output voltage 1 Output voltage 2 Input stability 1 Input stability 2 Ripple rejection ratio Load regulation 1 Load regulation 2 Temperature coefficient of output voltage Output noise voltage Minimum I/O voltage differential Bias current Bias current change 1 Bias current change 2 Peak output current Output short-circuit current Fig.1 Fig.1 Fig.1 Fig.1 Fig.2 Fig.1 Fig.1 Fig.1 Fig.3 Fig.4 Fig.5 Fig.5 Fig.5 Fig.1 Fig.6 <BA178M07T / FP individual specifications> (unless otherwise noted, Ta=25 °C, VIN=13V, IO=350mA) Parameter Symbol Min. Typ. Max. Unit Conditions Measurement circuit VO1 6.7 7.0 7.3 V IO =350mA VO2 6.65 − 7.35 V Reg.I1 − 4 100 mV Reg.I2 − 150 mV R.R. 57 71 − dB Reg.L1 − 20 140 mV IO =5~500mA Reg.L2 − 10 70 mV IO =5~200mA TCVO −−0.5 − Vn − 70 −µVf=10Hz~100kHz Vd − 2.0 − VIO =500mA Ib − 4.5 6.0 mA IO =0mA Ib1 −− 0.5 mA IO =5~350mA Ib2 −− 0.8 mA IO −P − 875 − mA Tj =25 °C IOS − 0.4 − AVIN =25V VIN =9.5~22V, IO=5~350mA VIN =9~25V, IO=200mA VIN =10~25V, IO=200mA eIN =1Vrms, f=120Hz, IO=100mA IO =5mA, Tj=0~125 °C VIN =10~25V, IO=200mA mV/ °C Output voltage 1 Output voltage 2 Input stability 1 Input stability 2 Ripple rejection ratio Load regulation 1 Load regulation 2 Temperature coefficient of output voltage Output noise voltage Minimum I/O voltage differential Bias current Bias current change 1 Bias current change 2 Peak output current Output short-circuit current Fig.1 Fig.1 Fig.1 Fig.1 Fig.2 Fig.1 Fig.1 Fig.1 Fig.3 Fig.4 Fig.5 Fig.5 Fig.5 Fig.1 Fig.6 |
同様の部品番号 - BA178M10FP |
|
同様の説明 - BA178M10FP |