データシートサーチシステム |
|
BA178M15T データシート(PDF) 5 Page - Rohm |
|
BA178M15T データシート(HTML) 5 Page - Rohm |
5 / 11 page BA178M!!T / BA178M!!FP series Regulator ICs <BA178M08T / FP individual specifications> (unless otherwise noted, Ta=25 °C, VIN=14V, IO=350mA) Parameter Symbol Min. Typ. Max. Unit Conditions Measurement circuit VO1 7.7 8.0 8.3 V IO =350mA VO2 7.6 − 8.4 V Reg.I1 − 4 100 mV Reg.I2 − 150 mV R.R. 56 69 − dB Reg.L1 − 20 160 mV IO =5~500mA Reg.L2 − 10 80 mV IO =5~200mA TCVO −−0.5 − Vn − 80 −µVf=10Hz~100kHz Vd − 2.0 − VIO =500mA Ib − 4.5 6.0 mA IO =0mA Ib1 −− 0.5 mA IO =5~350mA Ib2 −− 0.8 mA IO −P − 875 − mA Tj =25 °C IOS − 0.4 − AVIN =25V VIN =10.5~23V, IO=5~350mA VIN =10.5~25V, IO=200mA VIN =11~12V, IO=200mA eIN =1Vrms, f=120Hz, IO=100mA IO =5mA, Tj=0~125 °C VIN =10.5~25V, IO=200mA mV/ °C Output voltage 1 Output voltage 2 Input stability 1 Input stability 2 Ripple rejection ratio Load regulation 1 Load regulation 2 Temperature coefficient of output voltage Output noise voltage Minimum I/O voltage differential Bias current Bias current change 1 Bias current change 2 Peak output current Output short-circuit current Fig.1 Fig.1 Fig.1 Fig.1 Fig.2 Fig.1 Fig.1 Fig.1 Fig.3 Fig.4 Fig.5 Fig.5 Fig.5 Fig.1 Fig.6 <BA178M09T / FP individual specifications> (unless otherwise noted, Ta=25 °C, VIN=15V, IO=350mA) Parameter Symbol Min. Typ. Max. Unit Conditions Measurement circuit VO1 8.6 9.0 9.4 V IO =350mA VO2 8.55 − 9.45 V Reg.I1 − 4 100 mV Reg.I2 − 250 mV R.R. 56 67 − dB Reg.L1 − 20 180 mV IO =5~500mA Reg.L2 − 10 90 mV IO =5~200mA TCVO −−0.5 − Vn − 90 −µVf=10Hz~100kHz Vd − 2.0 − VIO =500mA Ib − 4.5 6.0 mA IO =0mA Ib1 −− 0.5 mA IO =5~350mA Ib2 −− 0.8 mA IO −P − 875 − mA Tj =25 °C IOS − 0.17 − AVIN =30V VIN =11.5~24V, IO=5~350mA VIN =11.5~26V, IO=200mA VIN =12~25V, IO=200mA eIN =1Vrms, f=120Hz, IO=100mA IO =5mA, Tj=0~125 °C VIN =12~25V, IO=200mA mV/ °C Output voltage 1 Output voltage 2 Input stability 1 Input stability 2 Ripple rejection ratio Load regulation 1 Load regulation 2 Temperature coefficient of output voltage Output noise voltage Minimum I/O voltage differential Bias current Bias current change 1 Bias current change 2 Peak output current Output short-circuit current Fig.1 Fig.1 Fig.1 Fig.1 Fig.2 Fig.1 Fig.1 Fig.1 Fig.3 Fig.4 Fig.5 Fig.5 Fig.5 Fig.1 Fig.6 |
同様の部品番号 - BA178M15T |
|
同様の説明 - BA178M15T |