データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

J1006F01PNL データシート(PDF) 1 Page - Pulse A Technitrol Company

部品番号 J1006F01PNL
部品情報  1x1 Tab-UP RJ45
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PULSE [Pulse A Technitrol Company]
ホームページ  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

J1006F01PNL データシート(HTML) 1 Page - Pulse A Technitrol Company

  J1006F01PNL Datasheet HTML 1Page - Pulse A Technitrol Company J1006F01PNL Datasheet HTML 2Page - Pulse A Technitrol Company J1006F01PNL Datasheet HTML 3Page - Pulse A Technitrol Company J1006F01PNL Datasheet HTML 4Page - Pulse A Technitrol Company J1006F01PNL Datasheet HTML 5Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
J402.G (10/12)
1
pulseelectronics.com
PulseJack™
1x1 Tab-UP RJ45
RoHS peak wave solder temperature rating 260°C
Suitable for CAT 5 & 6 UTP cable or better
Meets IEEE 802.3 specification
350µH minimum OCL with 8mA bias current
High performance for maximum EMI suppression
USA 858 674 8100
Germany 49 7032 7806 0
Singapore 65 6287 8998
Shanghai 86 21 62787060
China 86 755 33966678
Taiwan 886 3 4356768
RoHS
Compliant
Part Number
(Number of Ports)
Hipot
(Vrms)
TX
RX
1-65
MHz
1-10
MHz
10-30
MHz
30-60
MHz
60-80
MHz
1-30
MHz
30-60
MHz
60-100
MHz
1-50
MHz
50-150
MHz
@60Hz
1 MIN
J1006F01PNL
1CT:1
1CT:1
No
G/Y
-1.0
-20
-16
-12
-10
-40
-35
-30
-30
-20
1500
J1006F21NL
1CT:1
1CT:1
YES
NONE
-1.0
-20
-16
-12
-10
-40
-35
-30
-30
-20
1500
J1011F01PNL
1CT:1
1CT:1
No
G/Y
-1.0
-20
-16
-12
-10
-40
-35
-30
-30
-20
1500
J1011F21PNL
1CT:1
1CT:1
YES
G/Y
-1.0
-20
-16
-12
-10
-40
-35
-30
-30
-20
1500
J1012F01CNL
1CT:1
1CT:1
No
Y/G
-1.0
-20
-16
-12
-10
-40
-35
-30
-30
-20
1500
J1012F21CNL
1CT:1
1CT:1
YES
Y/G
-1.0
-20
-16
-12
-10
-40
-35
-30
-30
-20
1500
J1012F21KNL
1CT:1
1CT:1
YES
G/G
-1.0
-20
-16
-12
-10
-40
-35
-30
-30
-20
1500
J1012F21RNL
1CT:1
1CT:1
YES
RG/RY
-1.0
-20
-16
-12
-10
-40
-35
-30
-30
-20
1500
J1026F01NL
1CT:1
1CT:1
No
NONE
-1.0
-20
-16
-12
-10
-40
-35
-30
-30
-20
1500
J1026F01PNL
1CT:1
1CT:1
No
G/Y
-1.0
-20
-16
-12
-10
-40
-35
-30
-30
-20
1500
J1026F21CNL
1CT:1
1CT:1
YES
Y/G
-1.0
-20
-16
-12
-10
-40
-35
-30
-30
-20
1500
JP006821UNL
1CT:1
1CT:1
YES
G_O/Y
-1.0
-20
-16
-12
-10
-40
-35
-30
-30
-20
1500
JP011821UNL
1CT:1
1CT:1
YES
G_O/Y
-1.0
-20
-16
-12
-10
-40
-35
-30
-30
-20
1500
JP026821UNL
1CT:1
1CT:1
YES
G_O/Y
-1.0
-20
-16
-12
-10
-40
-35
-30
-30
-20
1500
Notes:
1. LEDs Left/Right: G = green, Y = yellow, G_O =
green/orange bi-color LED, R = LEDs with resistors.
Description:
100 Base-TX (Fast Ethernet) RJ45 1x1 Tab-UP with LEDs 8-pin (J1 series) and 6-pin (JP series)
integrated magnetics connector, designed to support applications, such as ADSL modems,
LAN-on-Motherboard, and Hub and Switches.
Features and Benefits:
Return Loss
(dB TYP)
100
Ω (±15Ω)
Common Mode
Rejection
(dB TYP)
Crosstalk
(dB TYP)
Electrical Specifications @ 25°C - Operating Temperature 0°C to +70°C
Insertion
Loss
(dB TYP)
LEDs
L/R
EMI
Fingers
Turns
Ratios


同様の部品番号 - J1006F01PNL

メーカー部品番号データシート部品情報
logo
Pulse A Technitrol Comp...
J1006F01PNL PULSE-J1006F01PNL Datasheet
200Kb / 5P
   integrated magnetics connector
More results

同様の説明 - J1006F01PNL

メーカー部品番号データシート部品情報
logo
Pulse A Technitrol Comp...
J437 PULSE-J437 Datasheet
740Kb / 5P
   1X1 Tab-Up RJ45
JXR1-0015NL PULSE-JXR1-0015NL Datasheet
897Kb / 5P
   PulseJack??1X1 Tab-Up RJ45
logo
HALO Electronics, Inc.
HFJT1-10G06C3RL HALO-HFJT1-10G06C3RL Datasheet
402Kb / 2P
   1x1 Tab-Up 10G Integrated RJ45
logo
SUYIN USA, INC.
101111FHAA4M408ZA SUYIN-USA-101111FHAA4M408ZA Datasheet
203Kb / 9P
   RJ45 1X1 TAB UP W/LED & TRANSFORMER
101111F9094M406ZA SUYIN-USA-101111F9094M406ZA Datasheet
206Kb / 9P
   RJ45 1X1 TAB UP W/LED & TRANSFORMER
101111FHAH4M406ZA SUYIN-USA-101111FHAH4M406ZA Datasheet
207Kb / 9P
   RJ45 1X1 TAB UP W/LED & TRANSFORMER
101111FHAA4M406ZA SUYIN-USA-101111FHAA4M406ZA Datasheet
207Kb / 9P
   RJ45 1X1 TAB UP W/LED & TRANSFORMER
logo
VITALCONN ELECTRONICS H...
J11RT1146D601 VITALCONN-J11RT1146D601 Datasheet
443Kb / 3P
   10 Gigabit Tab UP 1X1 RJ45 CONNECTOR
REV: A
logo
SUYIN USA, INC.
101111FHAAAM406ZA SUYIN-USA-101111FHAAAM406ZA Datasheet
207Kb / 9P
   RJ45 1X1 TAB UP W/LED & TRANSFORMER
101111FHAABM406ZA SUYIN-USA-101111FHAABM406ZA Datasheet
206Kb / 9P
   RJ45 1X1 TAB UP W/LED & TRANSFORMER
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com