データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

J0006D01BNL データシート(PDF) 6 Page - Pulse A Technitrol Company

部品番号 J0006D01BNL
部品情報  1x1 Tab-DOWN RJ45
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PULSE [Pulse A Technitrol Company]
ホームページ  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

J0006D01BNL データシート(HTML) 6 Page - Pulse A Technitrol Company

  J0006D01BNL Datasheet HTML 1Page - Pulse A Technitrol Company J0006D01BNL Datasheet HTML 2Page - Pulse A Technitrol Company J0006D01BNL Datasheet HTML 3Page - Pulse A Technitrol Company J0006D01BNL Datasheet HTML 4Page - Pulse A Technitrol Company J0006D01BNL Datasheet HTML 5Page - Pulse A Technitrol Company J0006D01BNL Datasheet HTML 6Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
6
pulseelectronics.com
PulseJack™
1x1 Tab-DOWN RJ45
J403.K (08/12)
For More Information
Pulse Worldwide
Headquarters
12220 World Trade Drive
San Diego, CA
92128
U.S.A.
Tel: 858 674 8100
Pulse Europe
Einsteinstrasse 1
D-71083 Herren-
berg
Germany
Tel: 49 7032 7806
Pulse China Headquarters
B402, Shenzhen Academy of
Aerospace Technol-
ogy Bldg.
10th Kejinan Road
High-Tech Zone
Nanshan District
Shenzen, PR China
518057
Pulse North China
Room 2704/2705
Super Ocean Finance
Ctr.
2067 Yan An Road
West
Shanghai 200336
China
Pulse South Asia
135 Joo Seng Road
#03-02
PM Industrial Bldg.
Singapore 368363
Tel: 65 6287 8998
Fax: 65 6287 8998
Pulse North Asia
3F, No. 198
Zhongyuan Road
Zhongli City
Taoyuan County 320
Taiwan R. O. C.
Tel: 886 3 4356768
Fax: 886 3 4356823
(Pulse)
Performance warranty of products offered on this data sheet is limited to the parameters specified. Data is subject to change without notice. Other brand and product names mentioned herein may be
trademarks or registered trademarks of their respective owners. © Copyright, 2012. Pulse Electronics, Inc. All rights reserved.
Yellow
585 nm
2.5 V
2.1 V
Green
565 nm
2.5 V
2.2
Standard LED
Wavelength
Forward* V(MAX)
(TYP)
* Using an internal resistor within the LED increases the voltage rating of the
diode from 2.5 V to 5.0 V (assumes bias current = 20 mA).
LED Configuration


同様の部品番号 - J0006D01BNL

メーカー部品番号データシート部品情報
logo
Pulse A Technitrol Comp...
J0006D01BNL PULSE-J0006D01BNL Datasheet
373Kb / 6P
   10/100 Base-TX RJ45 1x1 Tab-DOWN with LEDs 8-pin (J0 series) integrated magnetics connector (ICM), designed to
J0006D01BNL PULSE-J0006D01BNL Datasheet
1Mb / 6P
   RoHS peak wave solder temperature rating 260C
More results

同様の説明 - J0006D01BNL

メーカー部品番号データシート部品情報
logo
Pulse A Technitrol Comp...
J436 PULSE-J436 Datasheet
568Kb / 5P
   1X1 Tab-Down RJ45
J00-0025 PULSE-J00-0025 Datasheet
143Kb / 3P
   1x1 Tab-DOWN RJ45
J434 PULSE-J434 Datasheet
576Kb / 3P
   1x1 Tab-DOWN RJ45
JXR0-0011NL PULSE-JXR0-0011NL Datasheet
742Kb / 5P
   PulseJack 1X1 Tab-Down RJ45
logo
HALO Electronics, Inc.
HFJ11-CMC1ERL HALO-HFJ11-CMC1ERL Datasheet
421Kb / 3P
   1x1 Tab-Down Common Mode Choke RJ45
logo
SUYIN USA, INC.
101110F9017M447ZA SUYIN-USA-101110F9017M447ZA Datasheet
210Kb / 9P
   RJ45 1X1 TAB DOWN W/LED & TRANSFORMER
101110F9012M440ZA SUYIN-USA-101110F9012M440ZA Datasheet
211Kb / 9P
   RJ45 1X1 TAB DOWN W/LED & TRANSFORMER
101110FD0V7M442ZA SUYIN-USA-101110FD0V7M442ZA Datasheet
204Kb / 9P
   RJ45 1X1 TAB DOWN W/LED & TRANSFORMER
logo
List of Unclassifed Man...
HFJ11-2450ERL ETC2-HFJ11-2450ERL Datasheet
356Kb / 2P
   1x1 Tab-Down 10/100BASE-T RJ45
logo
HALO Electronics, Inc.
HFJ11-2450HRL HALO-HFJ11-2450HRL Datasheet
478Kb / 3P
   1x1 Tab-Down 10/100BASE-TX RJ45
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com