データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

J1012F21RNL データシート(PDF) 5 Page - Pulse A Technitrol Company

部品番号 J1012F21RNL
部品情報  1x1 Tab-UP RJ45
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PULSE [Pulse A Technitrol Company]
ホームページ  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

J1012F21RNL データシート(HTML) 5 Page - Pulse A Technitrol Company

  J1012F21RNL Datasheet HTML 1Page - Pulse A Technitrol Company J1012F21RNL Datasheet HTML 2Page - Pulse A Technitrol Company J1012F21RNL Datasheet HTML 3Page - Pulse A Technitrol Company J1012F21RNL Datasheet HTML 4Page - Pulse A Technitrol Company J1012F21RNL Datasheet HTML 5Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
5
pulseelectronics.com
PulseJack™
1x1 Tab-UP RJ45
J402.G (10/12)
For More Information
Pulse Worldwide
Headquarters
12220 World Trade Drive
San Diego, CA
92128
U.S.A.
Tel: 858 674 8100
Pulse Europe
Einsteinstrasse 1
D-71083 Herren-
berg
Germany
Tel: 49 7032 7806
Pulse China Headquarters
B402, Shenzhen Academy of
Aerospace Technol-
ogy Bldg.
10th Kejinan Road
High-Tech Zone
Nanshan District
Shenzen, PR China
518057
Pulse North China
Room 2704/2705
Super Ocean Finance
Ctr.
2067 Yan An Road
West
Shanghai 200336
China
Pulse South Asia
135 Joo Seng Road
#03-02
PM Industrial Bldg.
Singapore 368363
Tel: 65 6287 8998
Fax: 65 6287 8998
Pulse North Asia
3F, No. 198
Zhongyuan Road
Zhongli City
Taoyuan County 320
Taiwan R. O. C.
Tel: 886 3 4356768
Fax: 886 3 4356823
(Pulse)
Performance warranty of products offered on this data sheet is limited to the parameters specified. Data is subject to change without notice. Other brand and product names mentioned herein may be
trademarks or registered trademarks of their respective owners. © Copyright, 2012. Pulse Electronics, Inc. All rights reserved.
JP006
JP Series Electrical Schematics
JP011
JP026
TD+
CT
TD-
RD+
CT
RD-
TX+
TX-
RX+
RX-
1CT:1
TRANSMIT
1CT:1
TRANSMIT
2
1
3
4
6
8
1
2
6
4
5
7
8
3
Note: Connect CHS GND to PCB ground.
TD+
CT
TD-
RD+
CT
RD-
TX+
TX-
RX+
RX-
1CT:1
TRANSMIT
1CT:1
TRANSMIT
2
1
3
5
4
6
1
2
6
4
5
7
8
3
Note: Connect CHS GND to PCB ground.
75
75
75
75
0.001 µF
SHIELD
TD+
CT
TD-
RD+
CT
RD-
TX+
TX-
RX+
RX-
1CT:1
TRANSMIT
1CT:1
TRANSMIT
2
1
3
5
4
6
1
2
6
4
5
7
8
3
Note: Connect CHS GND to PCB ground.
75
75
75
75
0.001 µF
SHIELD
Yellow
585 nm
2.5 V
2.1 - 2.2 V
Green
565 nm
2.5 V
2.1 - 2.2 V
Orange
610 nm
2.5 V
2.1 - 2.2 V
Standard LED
Wavelength
Forward* V (MAX)
(TYP)
* With a forward current of 20 mA


同様の部品番号 - J1012F21RNL

メーカー部品番号データシート部品情報
logo
Pulse A Technitrol Comp...
J1012F21RNL PULSE-J1012F21RNL Datasheet
200Kb / 5P
   integrated magnetics connector
More results

同様の説明 - J1012F21RNL

メーカー部品番号データシート部品情報
logo
Pulse A Technitrol Comp...
J437 PULSE-J437 Datasheet
740Kb / 5P
   1X1 Tab-Up RJ45
JXR1-0015NL PULSE-JXR1-0015NL Datasheet
897Kb / 5P
   PulseJack??1X1 Tab-Up RJ45
logo
HALO Electronics, Inc.
HFJT1-10G06C3RL HALO-HFJT1-10G06C3RL Datasheet
402Kb / 2P
   1x1 Tab-Up 10G Integrated RJ45
logo
SUYIN USA, INC.
101111FHAA4M408ZA SUYIN-USA-101111FHAA4M408ZA Datasheet
203Kb / 9P
   RJ45 1X1 TAB UP W/LED & TRANSFORMER
101111F9094M406ZA SUYIN-USA-101111F9094M406ZA Datasheet
206Kb / 9P
   RJ45 1X1 TAB UP W/LED & TRANSFORMER
101111FHAH4M406ZA SUYIN-USA-101111FHAH4M406ZA Datasheet
207Kb / 9P
   RJ45 1X1 TAB UP W/LED & TRANSFORMER
101111FHAA4M406ZA SUYIN-USA-101111FHAA4M406ZA Datasheet
207Kb / 9P
   RJ45 1X1 TAB UP W/LED & TRANSFORMER
logo
VITALCONN ELECTRONICS H...
J11RT1146D601 VITALCONN-J11RT1146D601 Datasheet
443Kb / 3P
   10 Gigabit Tab UP 1X1 RJ45 CONNECTOR
REV: A
logo
SUYIN USA, INC.
101111FHAAAM406ZA SUYIN-USA-101111FHAAAM406ZA Datasheet
207Kb / 9P
   RJ45 1X1 TAB UP W/LED & TRANSFORMER
101111FHAABM406ZA SUYIN-USA-101111FHAABM406ZA Datasheet
206Kb / 9P
   RJ45 1X1 TAB UP W/LED & TRANSFORMER
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com