データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

J1026F21CNL データシート(PDF) 3 Page - Pulse A Technitrol Company

部品番号 J1026F21CNL
部品情報  1x1 Tab-UP RJ45
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PULSE [Pulse A Technitrol Company]
ホームページ  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

J1026F21CNL データシート(HTML) 3 Page - Pulse A Technitrol Company

  J1026F21CNL Datasheet HTML 1Page - Pulse A Technitrol Company J1026F21CNL Datasheet HTML 2Page - Pulse A Technitrol Company J1026F21CNL Datasheet HTML 3Page - Pulse A Technitrol Company J1026F21CNL Datasheet HTML 4Page - Pulse A Technitrol Company J1026F21CNL Datasheet HTML 5Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
J402.G (10/12)
3
pulseelectronics.com
PulseJack™
1x1 Tab-UP RJ45
TX+
TX-
RX+
RX-
1
2
3
6
4
5
7
8
TD+
CT
TD-
RD+
CT
RD-
1CT:1
RECEIVE
1CT:1
TRANSMIT
1
3
2
7
4
6
8
5
CHS Ground
Note: Connect CHS GND to PCB ground.
75
75
75
75
C1
0.001 µF
J1006
J1 Series Electrical Schematics
J1011
J1012
J1026
TD+
CT
TD-
RD+
CT
RD-
N/C
1CT:1
TRANSMIT
1CT:1
TRANSMIT
1
3
N/C
2
7
6
8
TX+
TX-
RX+
RX-
1
2
3
6
4
5
7
8
4
5
Note: Connect CHS GND to PCB ground.
1CT:1
TRANSMIT
1CT:1
TRANSMIT
TX+
TX-
RX+
RX-
1
2
3
6
4
5
7
8
TD+
CT
TD-
RD+
CT
RD-
1
3
CHS Ground
2
7
6
8
4
5
75
75
75
C1
0.001 µF
75
Note: Connect CHS GND to PCB ground.
Yellow
585 nm
2.5 V
2.1 V
Green
565 nm
2.5 V
2.2 V
Standard LED
Wavelength
Forward* V(MAX)
(TYP)
* With a forward current of 20 mA
LED = P
Right LED
Left LED
Right LED
Left LED
LED = L or R
LED = C or K
9
10
12
11
10
9
12
11
10
9
12
11
Right LED
Left LED
TD+
CT
TD-
RD+
CT
RD-
1CT:1
RECEIVE
1CT:1
TRANSMIT
1
2
3
4
5
6
TX+
TX-
RX+
RX-
1
2
3
6
4
5
7
8
8
CHS Ground
Note: Connect CHS GND to PCB ground.
75
75
75
75
C1


同様の部品番号 - J1026F21CNL

メーカー部品番号データシート部品情報
logo
Pulse A Technitrol Comp...
J1026F21CNL PULSE-J1026F21CNL Datasheet
200Kb / 5P
   integrated magnetics connector
More results

同様の説明 - J1026F21CNL

メーカー部品番号データシート部品情報
logo
Pulse A Technitrol Comp...
J437 PULSE-J437 Datasheet
740Kb / 5P
   1X1 Tab-Up RJ45
JXR1-0015NL PULSE-JXR1-0015NL Datasheet
897Kb / 5P
   PulseJack??1X1 Tab-Up RJ45
logo
HALO Electronics, Inc.
HFJT1-10G06C3RL HALO-HFJT1-10G06C3RL Datasheet
402Kb / 2P
   1x1 Tab-Up 10G Integrated RJ45
logo
SUYIN USA, INC.
101111FHAA4M408ZA SUYIN-USA-101111FHAA4M408ZA Datasheet
203Kb / 9P
   RJ45 1X1 TAB UP W/LED & TRANSFORMER
101111F9094M406ZA SUYIN-USA-101111F9094M406ZA Datasheet
206Kb / 9P
   RJ45 1X1 TAB UP W/LED & TRANSFORMER
101111FHAH4M406ZA SUYIN-USA-101111FHAH4M406ZA Datasheet
207Kb / 9P
   RJ45 1X1 TAB UP W/LED & TRANSFORMER
101111FHAA4M406ZA SUYIN-USA-101111FHAA4M406ZA Datasheet
207Kb / 9P
   RJ45 1X1 TAB UP W/LED & TRANSFORMER
logo
VITALCONN ELECTRONICS H...
J11RT1146D601 VITALCONN-J11RT1146D601 Datasheet
443Kb / 3P
   10 Gigabit Tab UP 1X1 RJ45 CONNECTOR
REV: A
logo
SUYIN USA, INC.
101111FHAAAM406ZA SUYIN-USA-101111FHAAAM406ZA Datasheet
207Kb / 9P
   RJ45 1X1 TAB UP W/LED & TRANSFORMER
101111FHAABM406ZA SUYIN-USA-101111FHAABM406ZA Datasheet
206Kb / 9P
   RJ45 1X1 TAB UP W/LED & TRANSFORMER
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com