データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

J00-0045NL データシート(PDF) 1 Page - Pulse A Technitrol Company

部品番号 J00-0045NL
部品情報  1x1 Tab-DOWN RJ45
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PULSE [Pulse A Technitrol Company]
ホームページ  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

J00-0045NL データシート(HTML) 1 Page - Pulse A Technitrol Company

  J00-0045NL Datasheet HTML 1Page - Pulse A Technitrol Company J00-0045NL Datasheet HTML 2Page - Pulse A Technitrol Company J00-0045NL Datasheet HTML 3Page - Pulse A Technitrol Company J00-0045NL Datasheet HTML 4Page - Pulse A Technitrol Company J00-0045NL Datasheet HTML 5Page - Pulse A Technitrol Company J00-0045NL Datasheet HTML 6Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
J403.K (08/12)
1
pulseelectronics.com
PulseJack™
1x1 Tab-DOWN RJ45
RoHS peak wave solder temperature rating 260°C
Suitable for CAT 5 & 6 Fast Ethernet Cable or better UTP
Meets or exceeds IEEE 802.3 standard for 100Base-TX
350 µH minimum OCL with 8mA bias current
Minimum 1500Vrms isolation per IEEE 802.3 requirement
USA 858 674 8100
Germany 49 7032 7806 0
Singapore 65 6287 8998
Shanghai 86 21 62787060
China 86 755 33966678
Taiwan 886 3 4356768
Features and Benefits:
Electrical Performance Summary:
Mating Force
Unmating Force
Plug to Jack
Part Number
(MAX)
(MAX)
Durability
Retention (MIN)
J0 Series
5 lbs./2.268 kgs.
5 lbs./2.268 kgs.
750 Insertions
20 lbs./9.072 kgs.
RJ45 Durability Testing Rating
Part
Shield
Contact
Housing
MSL3
Number
Material
Finish
Material
Plating Area
Solder Area2
Material
Specification
Rating
J0
10-20m inches Nickel over
Phosphor
Nickel underplating and
120µ inches SN100
Series
Brass
10-20m inches Brass
Bronze
selective gold plating 15µ inches
over 50µ inches nickel
Thermoplastic
UL 94 V-0
1
RJ45 Material Specification
Electrical Specifications @ 25°C — Operating Temperature 0°C to +70°C
Insertion
Return Loss
Common Mode
RoHS Compliant
Turns
Mech.
EMI
LEDs1
Loss
(dB TYP)
Crosstalk
Rejection
Hipot
Part Number
Ratios
Drawing
Fingers
(L/R)
(dB TYP)
100W ±15W
(dB TYP)
(dB TYP)
(VDC)
TX
RX
1-65
1-10
10-30
30-60
60-80
1-30
30-60
60-100 1-50
50-150
MHz
MHz
MHz
MHz
MHz
MHz
MHz
MHz
MHz
MHz
1 MIN
J0006D01BNL
1CT:1
1CT:1
A
No
G/Y
-1
-20
-16
-12
-10
-40
-35
-30
-30
-20
2250
J0006D21NL
1CT:1
1CT:1
D
YES
N/A
-1
-20
-16
-12
-10
-40
-35
-30
-30
-20
2250
J0006D21BNL
1CT:1
1CT:1
B
YES
G/Y
-1
-20
-16
-12
-10
-40
-35
-30
-30
-20
2250
J0011D01NL
1CT:1
1CT:1
C
No
N/A
-1
-20
-16
-12
-10
-40
-35
-30
-30
-20
2250
J0011D01BNL
1CT:1
1CT:1
A
No
G/Y
-1
-20
-16
-12
-10
-40
-35
-30
-30
-20
2250
J0011D21NL
1CT:1
1CT:1
D
YES
N/A
-1
-20
-16
-12
-10
-40
-35
-30
-30
-20
2250
J0011D21BNL
1CT:1
1CT:1
B
YES
G/Y
-1
-20
-16
-12
-10
-40
-35
-30
-30
-20
2250
J0011D21ENL
1CT:1
1CT:1
B
YES
G/G
-1
-20
-16
-12
-10
-40
-35
-30
-30
-20
2250
J0012D21NL
1CT:1
1CT:1
D
YES
N/A
-1
-20
-16
-12
-10
-40
-35
-30
-30
-20
2250
J0018D21NL
1CT:1.414
1CT:1
D
YES
N/A
-1
-20
-16
-12
-10
-40
-35
-30
-30
-20
2250
J0018D21ENL
1CT:1.414
1CT:1
B
YES
G/G
-1
-20
-16
-12
-10
-40
-35
-30
-30
-20
2250
J0026D01NL
1CT:1
1CT:1
C
No
N/A
-1
-20
-16
-12
-10
-40
-35
-30
-30
-20
2250
J0026D01BNL
1CT:1
1CT:1
A
No
G/Y
-1
-20
-16
-12
-10
-40
-35
-30
-30
-20
2250
J0026D01ENL
1CT:1
1CT:1
A
No
G/G
-1
-20
-16
-12
-10
-40
-35
-30
-30
-20
2250
J0026D21NL
1CT:1
1CT:1
D
YES
N/A
-1
-20
-16
-12
-10
-40
-35
-30
-30
-20
2250
J0026D21BNL
1CT:1
1CT:1
B
YES
G/Y
-1
-20
-16
-12
-10
-40
-35
-30
-30
-20
2250
J0026D21ENL
1CT:1
1CT:1
B
YES
G/G
-1
-20
-16
-12
-10
-40
-35
-30
-30
-20
2250
J0026D21FNL
1CT:1
1CT:1
B
YES
G/Y
-1
-20
-16
-12
-10
-40
-35
-30
-30
-20
2250
J0026D21GNL
1CT:1
1CT:1
B
YES
YG/G
-1
-20
-16
-12
-10
-40
-35
-30
-30
-20
2250
J00-0014NL
1CT:1
1CT:1
C
No
N/A
-1
-20
-16
-12
-10
-40
-35
-30
-30
-20
2250
J00-0045NL
1CT:1
1CT:1
A
No
G/Y
-1
-20
-16
-12
-10
-40
-35
-30
-30
-20
2250
J00-0061NL
1CT:1
1CT:1
F
YES
N/A
-1
-20
-16
-12
-10
-40
-35
-30
-30
-20
2250
J00-0065NL
1CT:1
1CT:1
E
YES
G/Y
-1
-20
-16
-12
-10
-40
-35
-30
-30
-20
2250
Notes: 1. Connector dimensions comply with FCC dimension requirements.
3. MSL = Moisture Sensitivity Level rating from 1 to 5 (highest = 1, lowest = 5)
2. RoHS parts are tin matte finish over nickel.
Notes: 1. LEDs Left/right: G=green, Y=yellow, N/A=none, YG=Bi-color LED Yellow Green. 2. LEDs with internal resistor. 3. Bi-color Left LED.
Description:
100 Base-TX (Fast Ethernet) RJ45 1x1 Tab-DOWN with LEDs 8-pin (J0 series) intergrated magnetics
connector (ICM), designed to support applications, such as SOHO (ADSL modems), LAN-on-Mother-
board (LOM), Hub and Switches.
J0006D21BNL shown
2
3


同様の部品番号 - J00-0045NL

メーカー部品番号データシート部品情報
logo
Pulse A Technitrol Comp...
J00-0045NL PULSE-J00-0045NL Datasheet
143Kb / 3P
   1x1 Tab-DOWN RJ45
J00-0045NL PULSE-J00-0045NL Datasheet
774Kb / 3P
   RoHS peak wave solder temperature rating 260째C Suitable for CAT 5 & 6 Fast Ethernet Cable or better utp
More results

同様の説明 - J00-0045NL

メーカー部品番号データシート部品情報
logo
Pulse A Technitrol Comp...
J436 PULSE-J436 Datasheet
568Kb / 5P
   1X1 Tab-Down RJ45
J00-0025 PULSE-J00-0025 Datasheet
143Kb / 3P
   1x1 Tab-DOWN RJ45
J434 PULSE-J434 Datasheet
576Kb / 3P
   1x1 Tab-DOWN RJ45
JXR0-0011NL PULSE-JXR0-0011NL Datasheet
742Kb / 5P
   PulseJack 1X1 Tab-Down RJ45
logo
HALO Electronics, Inc.
HFJ11-CMC1ERL HALO-HFJ11-CMC1ERL Datasheet
421Kb / 3P
   1x1 Tab-Down Common Mode Choke RJ45
logo
SUYIN USA, INC.
101110F9017M447ZA SUYIN-USA-101110F9017M447ZA Datasheet
210Kb / 9P
   RJ45 1X1 TAB DOWN W/LED & TRANSFORMER
101110F9012M440ZA SUYIN-USA-101110F9012M440ZA Datasheet
211Kb / 9P
   RJ45 1X1 TAB DOWN W/LED & TRANSFORMER
101110FD0V7M442ZA SUYIN-USA-101110FD0V7M442ZA Datasheet
204Kb / 9P
   RJ45 1X1 TAB DOWN W/LED & TRANSFORMER
logo
List of Unclassifed Man...
HFJ11-2450ERL ETC2-HFJ11-2450ERL Datasheet
356Kb / 2P
   1x1 Tab-Down 10/100BASE-T RJ45
logo
HALO Electronics, Inc.
HFJ11-2450HRL HALO-HFJ11-2450HRL Datasheet
478Kb / 3P
   1x1 Tab-Down 10/100BASE-TX RJ45
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com