データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FM18L08 データシート(PDF) 1 Page - List of Unclassifed Manufacturers

部品番号 FM18L08
部品情報  256Kb 2.7-3.6V Bytewide FRAM Memory
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC - List of Unclassifed Manufacturers

FM18L08 データシート(HTML) 1 Page - List of Unclassifed Manufacturers

  FM18L08 Datasheet HTML 1Page - List of Unclassifed Manufacturers FM18L08 Datasheet HTML 2Page - List of Unclassifed Manufacturers FM18L08 Datasheet HTML 3Page - List of Unclassifed Manufacturers FM18L08 Datasheet HTML 4Page - List of Unclassifed Manufacturers FM18L08 Datasheet HTML 5Page - List of Unclassifed Manufacturers FM18L08 Datasheet HTML 6Page - List of Unclassifed Manufacturers FM18L08 Datasheet HTML 7Page - List of Unclassifed Manufacturers FM18L08 Datasheet HTML 8Page - List of Unclassifed Manufacturers FM18L08 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Preliminary
This data sheet contains specifications for a product under development.
Ramtron International Corporation
Characterization is not complete; specifications may change without notice.
1850 Ramtron Drive, Colorado Springs, CO 80921
(800) 545-FRAM, (719) 481-7000, Fax (719) 481-7058
www.ramtron.com
23 March 2001
1/11
FM18L08
256Kb 2.7-3.6V Bytewide FRAM Memory
Features
256K bit Ferroelectric Nonvolatile RAM
Organized as 32,768 x 8 bits
10 year data retention at 85
° C
Unlimited read/write cycles
NoDelay™ write
Advanced high-reliability ferroelectric process
Superior to Battery-backed SRAM
No battery concerns
Monolithic reliability
True surface mount solution, no rework steps
Superior for moisture, shock, and vibration
Resistant to negative voltage undershoots
SRAM & EEPROM Compatible
JEDEC 32Kx8 SRAM & EEPROM pinout
70 ns access time
130 ns cycle time
Equal access & cycle time for reads and writes
Low Power Operation
2.7V to 3.6V operation
15 mA active current
15
µA standby current
Industry Standard Configuration
Industrial temperature -40
° C to +85° C
28-pin SOP or DIP
Description
The FM18L08 is a 256-kilobit nonvolatile memory
employing an advanced ferroelectric process. A
ferroelectric random access memory or FRAM is
nonvolatile but operates in other respects as a RAM.
It provides data retention for 10 years while
eliminating
the
reliability
concerns,
functional
disadvantages and system design complexities of
battery-backed SRAM. Fast-write time and practically
unlimited read/write endurance make it superior to
other types of nonvolatile memory and a good
substitute for ordinary SRAM.
In-system operation of the FM18L08 is very similar to
other RAM based devices. Memory read- and write-
cycles require equal times. The FRAM memory,
however, is nonvolatile due to its unique ferroelectric
memory process. Unlike BBSRAM, the FM18L08 is a
truly monolithic nonvolatile memory. It provides the
same functional benefits of a fast write without the
serious disadvantages associated with modules and
batteries or hybrid memory solutions.
These capabilities make the FM18L08 ideal for
nonvolatile memory applications requiring frequent or
rapid
writes
in
a
bytewide
environment.
The
availability of a true surface-mount package improves
the manufacturability of new designs, while the DIP
package facilitates simple design retrofits. The
FM18L08
offers
guaranteed
operation
over
an
industrial temperature range of -40°C to +85°C.
Pin Configuration
A14
A12
A7
A6
A5
A4
A3
A2
A1
A0
DQ0
DQ1
DQ2
VSS
DQ3
DQ4
DQ5
DQ6
DQ7
CE
A10
OE
A11
A9
A8
A13
WE
VDD
Ordering Information
FM18L08-70-S
70 ns access, 28-pin SOP
FM18L08-70-P
70 ns access, 28-pin DIP


同様の部品番号 - FM18L08

メーカー部品番号データシート部品情報
logo
Ramtron International C...
FM18L08-70-P RAMTRON-FM18L08-70-P Datasheet
126Kb / 13P
   256Kb Bytewide FRAM Memory
FM18L08-70-PG RAMTRON-FM18L08-70-PG Datasheet
126Kb / 13P
   256Kb Bytewide FRAM Memory
FM18L08-70-S RAMTRON-FM18L08-70-S Datasheet
126Kb / 13P
   256Kb Bytewide FRAM Memory
FM18L08-70-SG RAMTRON-FM18L08-70-SG Datasheet
126Kb / 13P
   256Kb Bytewide FRAM Memory
FM18L08-70-TG RAMTRON-FM18L08-70-TG Datasheet
126Kb / 13P
   256Kb Bytewide FRAM Memory
More results

同様の説明 - FM18L08

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
FM1808 ETC-FM1808 Datasheet
89Kb / 12P
   256Kb Bytewide FRAM Memory
logo
Ramtron International C...
FM18L08 RAMTRON-FM18L08_07 Datasheet
126Kb / 13P
   256Kb Bytewide FRAM Memory
FM1608 RAMTRON-FM1608 Datasheet
104Kb / 12P
   64Kb Bytewide FRAM Memory
FM3808 RAMTRON-FM3808_06 Datasheet
230Kb / 27P
   256Kb Bytewide FRAM w/ Real-Time Clock
FM3808 RAMTRON-FM3808 Datasheet
191Kb / 28P
   256Kb Bytewide FRAM w/ Real-Time Clock
FM24C256 RAMTRON-FM24C256_05 Datasheet
98Kb / 12P
   256Kb FRAM Serial Memory
logo
List of Unclassifed Man...
FM24C256 ETC1-FM24C256 Datasheet
102Kb / 13P
   256Kb FRAM Serial Memory
FM20L08 ETC1-FM20L08 Datasheet
130Kb / 14P
   1Mbit Bytewide FRAM Memory - Extended Temp
logo
Ramtron International C...
FM20L08 RAMTRON-FM20L08_07 Datasheet
152Kb / 14P
   1Mbit Bytewide FRAM Memory - Industrial Temp.
logo
List of Unclassifed Man...
FM25256 ETC-FM25256 Datasheet
120Kb / 13P
   256Kb FRAM Serial 5V Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com