データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FM18L08-70-S データシート(PDF) 10 Page - List of Unclassifed Manufacturers

部品番号 FM18L08-70-S
部品情報  256Kb 2.7-3.6V Bytewide FRAM Memory
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC - List of Unclassifed Manufacturers

FM18L08-70-S データシート(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button FM18L08-70-S Datasheet HTML 3Page - List of Unclassifed Manufacturers FM18L08-70-S Datasheet HTML 4Page - List of Unclassifed Manufacturers FM18L08-70-S Datasheet HTML 5Page - List of Unclassifed Manufacturers FM18L08-70-S Datasheet HTML 6Page - List of Unclassifed Manufacturers FM18L08-70-S Datasheet HTML 7Page - List of Unclassifed Manufacturers FM18L08-70-S Datasheet HTML 8Page - List of Unclassifed Manufacturers FM18L08-70-S Datasheet HTML 9Page - List of Unclassifed Manufacturers FM18L08-70-S Datasheet HTML 10Page - List of Unclassifed Manufacturers FM18L08-70-S Datasheet HTML 11Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Ramtron
FM18L08
23 March 2001
10/11
28-pin SOP JEDEC MS -013
Pin 1
Index
Area
E
H
D
A1
A
B
e
.10 mm
.004 in.
α
h
45
°
L
C
Selected Dimensions
For complete dimensions and notes, refer to JEDEC MS-013
Controlling dimensions is in millimeters. Conversions to inches are
not exact.
Symbol
Dim
Min
Nom.
Max
A
mm
in.
2.35
0.0926
2.65
0.1043
A1
mm
in.
0.10
0.004
0.30
0.0118
B
mm
in.
0.33
0.013
0.51
0.020
C
mm
in.
0.23
0.0091
0.32
0.0125
D
mm
in.
17.70
0.6969
18.10
0.7125
E
mm
in.
7.40
0.2914
7.60
0.2992
e
mm
in.
1.27 BSC
0.050 BSC
H
mm
in.
10.00
0.394
10.65
0.419
h
mm
in.
0.25
0.010
0.75
0.029
L
mm
in.
.40
0.016
1.27
0.050
α
0
°
8
°


同様の部品番号 - FM18L08-70-S

メーカー部品番号データシート部品情報
logo
Ramtron International C...
FM18L08-70-S RAMTRON-FM18L08-70-S Datasheet
126Kb / 13P
   256Kb Bytewide FRAM Memory
FM18L08-70-SG RAMTRON-FM18L08-70-SG Datasheet
126Kb / 13P
   256Kb Bytewide FRAM Memory
More results

同様の説明 - FM18L08-70-S

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
FM1808 ETC-FM1808 Datasheet
89Kb / 12P
   256Kb Bytewide FRAM Memory
logo
Ramtron International C...
FM18L08 RAMTRON-FM18L08_07 Datasheet
126Kb / 13P
   256Kb Bytewide FRAM Memory
FM1608 RAMTRON-FM1608 Datasheet
104Kb / 12P
   64Kb Bytewide FRAM Memory
FM3808 RAMTRON-FM3808_06 Datasheet
230Kb / 27P
   256Kb Bytewide FRAM w/ Real-Time Clock
FM3808 RAMTRON-FM3808 Datasheet
191Kb / 28P
   256Kb Bytewide FRAM w/ Real-Time Clock
FM24C256 RAMTRON-FM24C256_05 Datasheet
98Kb / 12P
   256Kb FRAM Serial Memory
logo
List of Unclassifed Man...
FM24C256 ETC1-FM24C256 Datasheet
102Kb / 13P
   256Kb FRAM Serial Memory
FM20L08 ETC1-FM20L08 Datasheet
130Kb / 14P
   1Mbit Bytewide FRAM Memory - Extended Temp
logo
Ramtron International C...
FM20L08 RAMTRON-FM20L08_07 Datasheet
152Kb / 14P
   1Mbit Bytewide FRAM Memory - Industrial Temp.
logo
List of Unclassifed Man...
FM25256 ETC-FM25256 Datasheet
120Kb / 13P
   256Kb FRAM Serial 5V Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com