データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FM18L08-70-P データシート(PDF) 5 Page - List of Unclassifed Manufacturers

部品番号 FM18L08-70-P
部品情報  256Kb 2.7-3.6V Bytewide FRAM Memory
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC - List of Unclassifed Manufacturers

FM18L08-70-P データシート(HTML) 5 Page - List of Unclassifed Manufacturers

  FM18L08-70-P Datasheet HTML 1Page - List of Unclassifed Manufacturers FM18L08-70-P Datasheet HTML 2Page - List of Unclassifed Manufacturers FM18L08-70-P Datasheet HTML 3Page - List of Unclassifed Manufacturers FM18L08-70-P Datasheet HTML 4Page - List of Unclassifed Manufacturers FM18L08-70-P Datasheet HTML 5Page - List of Unclassifed Manufacturers FM18L08-70-P Datasheet HTML 6Page - List of Unclassifed Manufacturers FM18L08-70-P Datasheet HTML 7Page - List of Unclassifed Manufacturers FM18L08-70-P Datasheet HTML 8Page - List of Unclassifed Manufacturers FM18L08-70-P Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Ramtron
FM18L08
23 March 2001
5/11
FRAM Design Considerations
When designing with FRAM for the first time, users
of SRAM will recognize a few minor differences. First,
bytewide FRAM memories latch each address on the
falling edge of chip enable. This allows the address
bus to change after starting the memory access. Since
every access latches the memory address on the
falling edge of /CE, users should not ground it as they
might with SRAM.
Users that are modifying existing designs to use
FRAM
should
examine
the
hardware
address
decoders. Decoders should be modified to qualify
addresses with an address valid signal if they do not
already. In many cases, this is the only change
required. Systems that drive chip enable active, then
inactive for each valid address may need no
modifications. An example of the target signal
relationships are shown in Figure 2. Also shown is a
common SRAM signal relationship that will not work
for the FM18L08.
The main design issue is to create a decoder scheme
that will drive /CE active, then inactive for each
address. This accomplishes the two goals of latching
the new address and creating the precharge period.
Figure 2. Memory Address Relationships
Valid Memory Read Relationship
FRAM
Signaling
CE
Address
A1
A2
Data
D1
D2
Invalid Memory Read Relationship
SRAM
Signaling
CE
Address
A1
A2
Data
D1
D2


同様の部品番号 - FM18L08-70-P

メーカー部品番号データシート部品情報
logo
Ramtron International C...
FM18L08-70-P RAMTRON-FM18L08-70-P Datasheet
126Kb / 13P
   256Kb Bytewide FRAM Memory
FM18L08-70-PG RAMTRON-FM18L08-70-PG Datasheet
126Kb / 13P
   256Kb Bytewide FRAM Memory
More results

同様の説明 - FM18L08-70-P

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
FM1808 ETC-FM1808 Datasheet
89Kb / 12P
   256Kb Bytewide FRAM Memory
logo
Ramtron International C...
FM18L08 RAMTRON-FM18L08_07 Datasheet
126Kb / 13P
   256Kb Bytewide FRAM Memory
FM1608 RAMTRON-FM1608 Datasheet
104Kb / 12P
   64Kb Bytewide FRAM Memory
FM3808 RAMTRON-FM3808_06 Datasheet
230Kb / 27P
   256Kb Bytewide FRAM w/ Real-Time Clock
FM3808 RAMTRON-FM3808 Datasheet
191Kb / 28P
   256Kb Bytewide FRAM w/ Real-Time Clock
FM24C256 RAMTRON-FM24C256_05 Datasheet
98Kb / 12P
   256Kb FRAM Serial Memory
logo
List of Unclassifed Man...
FM24C256 ETC1-FM24C256 Datasheet
102Kb / 13P
   256Kb FRAM Serial Memory
FM20L08 ETC1-FM20L08 Datasheet
130Kb / 14P
   1Mbit Bytewide FRAM Memory - Extended Temp
logo
Ramtron International C...
FM20L08 RAMTRON-FM20L08_07 Datasheet
152Kb / 14P
   1Mbit Bytewide FRAM Memory - Industrial Temp.
logo
List of Unclassifed Man...
FM25256 ETC-FM25256 Datasheet
120Kb / 13P
   256Kb FRAM Serial 5V Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com