データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

GS1508-CKA データシート(PDF) 1 Page - Gennum Corporation

部品番号 GS1508-CKA
部品情報  HDTV Cable Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  GENNUM [Gennum Corporation]
ホームページ  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS1508-CKA データシート(HTML) 1 Page - Gennum Corporation

  GS1508-CKA Datasheet HTML 1Page - Gennum Corporation GS1508-CKA Datasheet HTML 2Page - Gennum Corporation GS1508-CKA Datasheet HTML 3Page - Gennum Corporation GS1508-CKA Datasheet HTML 4Page - Gennum Corporation GS1508-CKA Datasheet HTML 5Page - Gennum Corporation GS1508-CKA Datasheet HTML 6Page - Gennum Corporation GS1508-CKA Datasheet HTML 7Page - Gennum Corporation GS1508-CKA Datasheet HTML 8Page - Gennum Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
GENNUM CORPORATION P.O. Box 489, Stn. A, Burlington, Ontario, Canada L7R 3Y3
Tel. +1 (905) 632-2996
Fax. +1 (905) 632-5946
E-mail: info@gennum.com
www.gennum.com
Revision Date: March 2000
Document No. 522 - 02 - 03
PRELIMINARY DATA SHEET
HD-LINX GS1508
HDTV Cable Driver
FEATURES
• SMPTE 292M compliant
• dual cable driving outputs optimized for driving data
up to 1.485Gb/s
• ±7% tolerance output
• >17dB output return loss
• minimum external components
• seamless interface with the HD-LINX™ family of
products
•low power
• standard packaging
APPLICATIONS
1.485Gb/s HDTV Serial Digital Receiver Interfaces for:
Routers,
Distribution
Amplifiers,
Switchers,
and
other
transmitting equipment.
DESCRIPTION
The GS1508 is a first generation very high speed bipolar
integrated circuit designed to drive two 75
Ω co-axial
cables. The GS1508 is a SMPTE 292M compliant cable
driver that directly interfaces with other Gennum HDTV
devices and can also be used as a general purpose high
speed cable driver.
The GS1508 features two complementary outputs whose
amplitude is controlled within a precise ±7% variation. The
output amplitude can be varied by adjusting the RSET
resistor value.
The serial inputs can be AC coupled. The GS1508 is a low
power device that does not require external pull down
resistors. The GS1508 is packaged in an 8 pin SOIC and
operates from a single 5V power supply.
BLOCK DIAGRAM
ORDERING INFORMATION
PART NUMBER
PACKAGE
TEMPERATURE
GS1508-CKA
8 pin SOIC
0°C to 70°C
GS1508-CTA
8 pin Tape and Reel
0°C to 70°C
SDO
RSET
SDO
SDI
SDI
BANDGAP REFERENCE AND BIASING CIRCUIT
OUTPUT STAGE &
CONTROL
INPUT
DIFFERENTIAL
PAIR
PATENT PENDING


同様の部品番号 - GS1508-CKA

メーカー部品番号データシート部品情報
logo
Gennum Corporation
GS1508-CKAE3 GENNUM-GS1508-CKAE3 Datasheet
780Kb / 14P
   HDTV Cable Driver
More results

同様の説明 - GS1508-CKA

メーカー部品番号データシート部品情報
logo
Gennum Corporation
GS1508 GENNUM-GS1508_10 Datasheet
780Kb / 14P
   HDTV Cable Driver
logo
Faraday Technology
FFC010A075 FARADAY-FFC010A075 Datasheet
46Kb / 2P
   HDTV CABLE CLONE
FPC150A075 FARADAY-FPC150A075 Datasheet
13Kb / 2P
   HDTV CABLE CLONE
logo
SG Micro Corp
SGM9116 SGMICRO-SGM9116_15 Datasheet
283Kb / 10P
   HDTV Video Filter Driver
logo
National Semiconductor ...
LM2421 NSC-LM2421 Datasheet
998Kb / 13P
   Monolithic Triple Channel HDTV Driver
logo
SG Micro Corp
SGM9116 SGMICRO-SGM9116_17 Datasheet
1Mb / 11P
   Triple, 38.5MHz, 6th-Order HDTV Video Filter Driver
SGM9116 SGMICRO-SGM9116 Datasheet
511Kb / 9P
   Triple, 35MHz, 3rd Order HDTV Video Filter Driver
logo
Texas Instruments
LM2432 TI1-LM2432 Datasheet
535Kb / 17P
[Old version datasheet]   Monolithic Single Channel 37 MHz HDTV CRT Driver
logo
KR Electronics, Inc.
2381 KR-2381 Datasheet
19Kb / 1P
   HDTV Filter
2382 KR-2382 Datasheet
19Kb / 1P
   HDTV Filter
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com