データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

Z-500P2J データシート(PDF) 2 Page - Pulse A Technitrol Company

部品番号 Z-500P2J
部品情報  ETSI Compliant VDSL2 Microfilter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PULSE [Pulse A Technitrol Company]
ホームページ  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

Z-500P2J データシート(HTML) 2 Page - Pulse A Technitrol Company

  Z-500P2J Datasheet HTML 1Page - Pulse A Technitrol Company Z-500P2J Datasheet HTML 2Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Z-BLOCKER
® Z-500P2J
ETSI Compliant VDSL2 Microfilter
Z-BLOCKER Z-500P2J Filter Specifications
Terminating Impedances
DSL Termination ZDSL
(120 nF + 100 nF) + (100 Ohm //
0.47 mH
Line Termination Zsl
(68 nF // 600 Ohm) + 82 Ohm
Line and Phone Termination Zrhf
(47 nF // 150 Ohm) + (150 nF //
750 Ohm) + 120 Ohm
Line and Phone Termination Zon
10 KOhm
Phone Termination Zr
(150 nF // 750 Ohm) + 270 Ohm
DC Feeding Current
On-hook
0.4 mA - 2.5 mA
Off-hook
13 mA - 80 mA
DC Resistance to Earth @ 100VDC
≥ 100 Ω
DC Insulation Resistance between A-Wire and B-Wire @ 100VDC
≥ 25 Ω
DC Series Resistance at Line or ISDN port wit other port shorted
≤ 50 Ω
Ringing Frequency
Voltage drop at 25 Hz and 50 Hz
≤ 2 Ω
Impedance at POTS and Line port at 25 Hz and 50 Hz
≥ 40 Ω
Total Harmonic Distortion at 25 Hz and 50 Hz
< 10%
Passband Insertion Loss, on-hook and off-hook at 1 kHz
< 1 dB
Passband Insertion Loss Distortion
On-hook from 200 Hz to 2800 Hz compared to 1 kHz
< 1 dB
Off-hook from 200 Hz to 4000 Hz compared to 1 kHz
< 1 dB
Passband Return Loss with Line Termination Zsl
From 300 Hz to 3400 Hz
≥ 12 dB
From 3400 Hz to 4000 Hz
≥ 8 dB
Passband Return Loss with Phone Termination Zr
From 300 Hz to 3400 Hz
≥ 12 dB
From 3400 Hz to 4000 Hz
≥ 8 dB
Stopband Insertion Loss (Isolation/Attenuation), on-hook, from 25 kHz
2.2 MHz
From -36 dBV down to -51 dBV
linearly
Stopband Insertion Loss (Isolation/Attenuation), off-hook, from 2.2 kHz
30 MHz
≥ 55 dB
Noise from 26 kHz to 1104 kHz at DSL port and Line port with 10 kHz bandwidth
< - 140 dBm/Hz
Passband Intermodulation Distortion, Second and Third Order Harmonics
≥ 57 dB and ≥ 60 dB, resp.
Delay Distortion, compared to 300 Hz to 4000 Hz
From 200 Hz to 600 Hz, and from 3200 Hz to 4000 Hz
< 250 μs
From 600 Hz to 3200 Hz
< 200 μs
Connectors: RJ-11 Jack and RJ-11 Plug
Dimensions: Length = 2.04in (51.9mm), Width = 1.21in (30.8), Height = 0.710in (18.0mm)
Designed to meet IEC 60950 safety requirements for CE Mark
Pulse Singapore - 135 Joo Seng Rd.#03-02PM Industrial Bldg.Singapore 368363 Tel: +65 6287 8998
Pulse Taiwan - 3F, #198, Zhongyuan Rd., Zhongli City Taoyuan, County 32068, Taiwan Tel: +886 3435 6768
Pulse US - 12220 World Trade Drive, San Diego, CA. 92128 Tel: +1 858 674 8100
www.pulseelectronics.com
Specifications subject to change without notice. Excelsus is a registered trade mark of Pulse Electronics.
© 2012 Pulse Electronics.
EX152.A (02/12)


同様の部品番号 - Z-500P2J

メーカー部品番号データシート部品情報
logo
Ohmite Mfg. Co.
Z-50 OHMITE-Z-50 Datasheet
138Kb / 1P
   R. F. Plate Chokes
More results

同様の説明 - Z-500P2J

メーカー部品番号データシート部品情報
logo
Anaren Microwave
A1101R04C ANAREN-A1101R04C Datasheet
616Kb / 2P
   ETSI-compliant, shielded package
A1101R08A ANAREN-A1101R08A Datasheet
837Kb / 2P
   ETSI compliant, shielded package
A20737A-MSDK1 ANAREN-A20737A-MSDK1 Datasheet
779Kb / 2P
   Pre-certified to FCC/IC and ETSI compliant
logo
Bothhand USA, LP.
AD-2063C BOTHHAND-AD-2063C Datasheet
64Kb / 1P
   ADSL MICROFILTER
logo
Delta Electronics, Inc.
DT60-0031A DELTA-DT60-0031A Datasheet
97Kb / 1P
   ADSL MICROFILTER
logo
List of Unclassifed Man...
DT60-1014A ETC-DT60-1014A Datasheet
70Kb / 1P
   VDSL MICROFILTER
logo
Bothhand USA, LP.
AD-3063 BOTHHAND-AD-3063 Datasheet
66Kb / 1P
   ADSL MICROFILTER
logo
Johanson Technology Inc...
2450FM07A0035 JOHANSON-2450FM07A0035 Datasheet
416Kb / 4P
   Ultra Miniature 2.45GHz Impedance Matched FCC / ETSI Compliant Low Pass
logo
Pulse A Technitrol Comp...
T699 PULSE-T699 Datasheet
510Kb / 2P
   VDSL/VDSL2 Transformer
logo
Anaren Microwave
A1101R04C-EM1 ANAREN-A1101R04C-EM1 Datasheet
713Kb / 2P
   The A1101R04C-EM1 is a high-performance, interface board with an ETSI- compliant A1101R04C
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com