データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AK4376AECB データシート(PDF) 11 Page - Asahi Kasei Microsystems

部品番号 AK4376AECB
部品情報  Low-Power Advanced 32-bit DAC with HP
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AKM [Asahi Kasei Microsystems]
ホームページ  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4376AECB データシート(HTML) 11 Page - Asahi Kasei Microsystems

Back Button AK4376AECB Datasheet HTML 7Page - Asahi Kasei Microsystems AK4376AECB Datasheet HTML 8Page - Asahi Kasei Microsystems AK4376AECB Datasheet HTML 9Page - Asahi Kasei Microsystems AK4376AECB Datasheet HTML 10Page - Asahi Kasei Microsystems AK4376AECB Datasheet HTML 11Page - Asahi Kasei Microsystems AK4376AECB Datasheet HTML 12Page - Asahi Kasei Microsystems AK4376AECB Datasheet HTML 13Page - Asahi Kasei Microsystems AK4376AECB Datasheet HTML 14Page - Asahi Kasei Microsystems AK4376AECB Datasheet HTML 15Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 68 page
background image
[AK4376A]
016014206-E-00
2016/11
- 11 -
Parameter
Min.
Typ.
Max.
Unit
Dynamic Range
60 dBFS, A-weighted, HPG = 0 dB
108
116
-
dB
S/N (A-weighted, Noise Gate Enable)
Po = 25 mW, HPG = 0 dB (Data = 0 dBFS /
“0” Data)
-
125
-
dB
S/N (A-weighted, Noise Gate Disable)
Po = 25 mW, HPG = 0 dB (Data = 0 dBFS /
“0” Data)
108
116
-
dB
Output Noise Level
(Noise Gate Enable, A-weighted)
-
126
-
dBV
Output Noise Level
(Noise Gate Disable, A-weighted, HPG
 14 dB)
-
125
-
dBV
Interchannel Isolation
0 dBFS, HPG =
4 dB (Po = 10 mW)
External Impedance = 0.01
Ω (Note 13)
External Impedance = 0.1
Ω (Note 13)
80
-
100
80
-
-
dB
dB
Interchannel Gain Mismatch
-
0
0.8
dB
Load Resistance
14.4
32
-
Ω
Load Capacitance
-
-
1000
pF
Load Inductance
-
-
0.375
H
PSRR (HPG =
4 dB) (Note 14)
217 Hz
-
85
-
dB
1 kHz
-
85
-
dB
DC-offset (Note 15)
HPG = 0 dB
0.25
0
+0.25
mV
HPG = All Gain
0.4
0
+0.4
mV
Headphone Output Volume Characteristics:
Gain Setting
20
-
+6
dB
Step Width
Gain: +6 to
20 dB
1
2
3
dB
Note 13. Impedance between the HPGND pin and the system ground.
Note 14. PSRR is referred to all power supplies with 100 mVpp sine wave.
Note 15. When there is no gain change and temperature drift after HP-Amp is powered up.
Parameter
Value
Unit
ESD Immunity
IEC61000-4-2 Level4, Contact (Note 16)
±8
kV
Note 16. It is measured at the HPL and HPR pins on an evaluation board (AKD4376A-SC Rev.1).


同様の部品番号 - AK4376AECB

メーカー部品番号データシート部品情報
logo
Asahi Kasei Microsystem...
AK4376A AKM-AK4376A Datasheet
1Mb / 68P
   Low-Power Advanced 32-bit DAC with HP
More results

同様の説明 - AK4376AECB

メーカー部品番号データシート部品情報
logo
Asahi Kasei Microsystem...
AK4376ECB AKM-AK4376ECB Datasheet
198Kb / 5P
   Low-Power Advanced 32-bit DAC with HP
AK4377A AKM-AK4377A Datasheet
1Mb / 68P
   Low-Power Advanced 32-bit DAC with HP
AK4376 AKM-AK4376 Datasheet
198Kb / 5P
   Low-Power Advanced 32-bit DAC with HP
AK4376A AKM-AK4376A Datasheet
1Mb / 68P
   Low-Power Advanced 32-bit DAC with HP
AK4375A AKM-AK4375A Datasheet
270Kb / 4P
   Low-Power Advanced 32-bit DAC with HP/SRC
AK4375AECB AKM-AK4375AECB Datasheet
270Kb / 4P
   Low-Power Advanced 32-bit DAC with HP/SRC
AK4331 AKM-AK4331 Datasheet
2Mb / 91P
   Low-Power Advanced 32-bit DAC with HP/SRC
AK4456 AKM-AK4456 Datasheet
2Mb / 84P
   115dB 768kHz Advanced 32-bit DAC
AK4366 AKM-AK4366 Datasheet
266Kb / 30P
   Low Power 24-Bit 2ch DAC with HP-AMP
AK4366 AKM-AK4366_04 Datasheet
339Kb / 31P
   Low Power 24-Bit 2ch DAC with HP-AMP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com