データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AK4376AECB データシート(PDF) 14 Page - Asahi Kasei Microsystems

部品番号 AK4376AECB
部品情報  Low-Power Advanced 32-bit DAC with HP
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AKM [Asahi Kasei Microsystems]
ホームページ  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4376AECB データシート(HTML) 14 Page - Asahi Kasei Microsystems

Back Button AK4376AECB Datasheet HTML 10Page - Asahi Kasei Microsystems AK4376AECB Datasheet HTML 11Page - Asahi Kasei Microsystems AK4376AECB Datasheet HTML 12Page - Asahi Kasei Microsystems AK4376AECB Datasheet HTML 13Page - Asahi Kasei Microsystems AK4376AECB Datasheet HTML 14Page - Asahi Kasei Microsystems AK4376AECB Datasheet HTML 15Page - Asahi Kasei Microsystems AK4376AECB Datasheet HTML 16Page - Asahi Kasei Microsystems AK4376AECB Datasheet HTML 17Page - Asahi Kasei Microsystems AK4376AECB Datasheet HTML 18Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 68 page
background image
[AK4376A]
016014206-E-00
2016/11
- 14 -
Power Consumptions for Each Operation Mode
(Ta = 25
C; AVDD = CVDD = LVDD = TVDD = 1.8 V; VSS1 = VSS2 = VSS3 = VSS4 = 0 V; MCKI =
256fs, BCLK = 64fs; Slave Mode, No data input, RL = 32Ω, X’tal OSC Power-down)
<High Performance Mode>
AVDD
[mA]
CVDD
[mA]
LVDD
[mA]
TVDD
[mA]
Total Power
[mW]
DAC
→ HP (fs = 44.1 kHz)
8.38
11.34
0.47
0.02
36.32
DAC
→ HP (fs = 96 kHz)
8.38
11.34
0.57
0.02
36.55
DAC
→ HP (fs = 192 kHz)
8.38
11.34
0.62
0.02
36.64
<Low Power Mode>
AVDD
[mA]
CVDD
[mA]
LVDD
[mA]
TVDD
[mA]
Total Power
[mW]
DAC
→ HP (fs = 44.1 kHz)
3.23
4.03
0.36
0.02
13.75


同様の部品番号 - AK4376AECB

メーカー部品番号データシート部品情報
logo
Asahi Kasei Microsystem...
AK4376A AKM-AK4376A Datasheet
1Mb / 68P
   Low-Power Advanced 32-bit DAC with HP
More results

同様の説明 - AK4376AECB

メーカー部品番号データシート部品情報
logo
Asahi Kasei Microsystem...
AK4376ECB AKM-AK4376ECB Datasheet
198Kb / 5P
   Low-Power Advanced 32-bit DAC with HP
AK4377A AKM-AK4377A Datasheet
1Mb / 68P
   Low-Power Advanced 32-bit DAC with HP
AK4376 AKM-AK4376 Datasheet
198Kb / 5P
   Low-Power Advanced 32-bit DAC with HP
AK4376A AKM-AK4376A Datasheet
1Mb / 68P
   Low-Power Advanced 32-bit DAC with HP
AK4375A AKM-AK4375A Datasheet
270Kb / 4P
   Low-Power Advanced 32-bit DAC with HP/SRC
AK4375AECB AKM-AK4375AECB Datasheet
270Kb / 4P
   Low-Power Advanced 32-bit DAC with HP/SRC
AK4331 AKM-AK4331 Datasheet
2Mb / 91P
   Low-Power Advanced 32-bit DAC with HP/SRC
AK4456 AKM-AK4456 Datasheet
2Mb / 84P
   115dB 768kHz Advanced 32-bit DAC
AK4366 AKM-AK4366 Datasheet
266Kb / 30P
   Low Power 24-Bit 2ch DAC with HP-AMP
AK4366 AKM-AK4366_04 Datasheet
339Kb / 31P
   Low Power 24-Bit 2ch DAC with HP-AMP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com