データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AK5554VN データシート(PDF) 60 Page - Asahi Kasei Microsystems

部品番号 AK5554VN
部品情報  4-Channel Differential 32-bit ADC
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AKM [Asahi Kasei Microsystems]
ホームページ  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK5554VN データシート(HTML) 60 Page - Asahi Kasei Microsystems

Back Button AK5554VN_16 Datasheet HTML 56Page - Asahi Kasei Microsystems AK5554VN_16 Datasheet HTML 57Page - Asahi Kasei Microsystems AK5554VN_16 Datasheet HTML 58Page - Asahi Kasei Microsystems AK5554VN_16 Datasheet HTML 59Page - Asahi Kasei Microsystems AK5554VN_16 Datasheet HTML 60Page - Asahi Kasei Microsystems AK5554VN_16 Datasheet HTML 61Page - Asahi Kasei Microsystems AK5554VN_16 Datasheet HTML 62Page - Asahi Kasei Microsystems AK5554VN_16 Datasheet HTML 63Page - Asahi Kasei Microsystems AK5554VN_16 Datasheet HTML 64Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 68 page
background image
[AK5554]
015099864-E-00
2016/03
- 60 -
Register Map
Addr
Register Name
D7
D6
D5
D4
D3
D2
D1
D0
00H
Power Management1
1
1
1
1
PW4
PW3
PW2
PW1
01H
Power Management2
0
0
0
0
0
MONO2
MONO1
RSTN
02H
Control 1
0
CKS3
CKS2
CKS1
CKS0
DIF1
DIF0
HPFE
03H
Control 2
0
TDM1
TDM0
0
0
0
0
0
04H
Control 3
DP
0
0
0
0
0
SD
SLOW
05H
DSD
0
0
DCKS
0
PMOD
DCKB
DSDSEL1
DSDSEL0
06H
TEST1
TST7
TST6
TST5
TST4
TST3
TST2
TST1
TST0
07H
TEST2
0
0
0
0
0
0
0
TRST
Note 24. Data must not be written into addresses from
“06H” to “1FH”.
Note 25. The bits
indicated as “0” must contain a “0” value. When RSTN bit is set to “0”, the internal digital
filter and the control block are reset but the register values are not initialized.
Note 26.
When the PDN pin is set to “L”, all registers are initialized to their default values.
Register Definitions
Addr
Register Name
D7
D6
D5
D4
D3
D2
D1
D0
00H
Power Management1
1
1
1
1
PW4
PW3
PW2
PW1
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Default
1
1
1
1
1
1
1
1
PW4-1: Power Down control for channel 4-1
0: power OFF
1: power ON (default)
Addr
Register Name
D7
D6
D5
D4
D3
D2
D1
D0
01H
Power Management2
0
0
0
0
0
MONO2
MONO1
RSTN
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Default
0
0
0
0
0
0
0
1
RSTN: Internal Timing Reset
0: Reset. All registers are not initialized.
1: Normal Operation (default)
Internal clock timings are reset but registers are not reset.
MONO2-1: Channel Summation Mode Select (Table 17-Table 19)
00: Not- Summation mode (default)
01: 4-to-2 mode
10: Not- Summation mode
11: 4-to-1 mode
Addr
Register Name
D7
D6
D5
D4
D3
D2
D1
D0
02H
Control 1
0
CKS3
CKS2
CKS1
CKS0
DIF1
DIF0
HPFE
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Default
0
0
0
0
0
0
0
1
HPFE: High Pass Filter Enable
0: High Pass Filter OFF
1: High Pass Filter ON (default)
When this bit is “1”, digital HPFs for all channels are ON.
DIF1-0: Audio Data Interface Modes Select (Table 8, Table 9)
Select A/D data bit length (24-bit/32-bit) and the format (MSB justified/ I2S Compatible)
CKS3-0: Sampling Speed Mode and MCLK Frequency Select (Table 5)
Select Sampling Speed and MCLK frequency.


同様の部品番号 - AK5554VN_16

メーカー部品番号データシート部品情報
logo
HuaXinAn Electronics CO...
AK5554VN HUAXINAN-AK5554VN Datasheet
125Kb / 5P
   ADC with 4Filters
logo
Asahi Kasei Microsystem...
AK5554VN AKM-AK5554VN Datasheet
125Kb / 5P
   115dB 768kHz 32-bit 4ch ADC with 4Filters
More results

同様の説明 - AK5554VN_16

メーカー部品番号データシート部品情報
logo
Asahi Kasei Microsystem...
AK5574 AKM-AK5574 Datasheet
1Mb / 68P
   4-Channel Differential 32-bit ADC
AK5554 AKM-AK5554 Datasheet
1Mb / 68P
   4-Channel Differential 32-bit ADC
AK5534VN AKM-AK5534VN Datasheet
1Mb / 68P
   4-Channel Differential 32-bit ADC
AK5534 AKM-AK5534 Datasheet
1Mb / 68P
   4-Channel Differential 32-bit ?꾬걪 ADC
AK5574EN AKM-AK5574EN Datasheet
1Mb / 68P
   4-Channel Differential 32-bit ?誇 ADC
AK5556VN AKM-AK5556VN_16 Datasheet
1Mb / 69P
   6-Channel Differential 32-bit ADC
AK5572 AKM-AK5572 Datasheet
1Mb / 68P
   2-Channel Differential 32-bit ADC
AK5576 AKM-AK5576 Datasheet
1Mb / 69P
   6-Channel Differential 32-bit ADC
AK5558VN AKM-AK5558VN_16 Datasheet
1Mb / 70P
   8-Channel Differential 32-bit ADC
AK5538VN AKM-AK5538VN Datasheet
1Mb / 70P
   8-Channel Differential 32-bit ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com