データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AK5556VN データシート(PDF) 25 Page - Asahi Kasei Microsystems

部品番号 AK5556VN
部品情報  6-Channel Differential 32-bit ADC
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AKM [Asahi Kasei Microsystems]
ホームページ  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK5556VN データシート(HTML) 25 Page - Asahi Kasei Microsystems

Back Button AK5556VN_16 Datasheet HTML 21Page - Asahi Kasei Microsystems AK5556VN_16 Datasheet HTML 22Page - Asahi Kasei Microsystems AK5556VN_16 Datasheet HTML 23Page - Asahi Kasei Microsystems AK5556VN_16 Datasheet HTML 24Page - Asahi Kasei Microsystems AK5556VN_16 Datasheet HTML 25Page - Asahi Kasei Microsystems AK5556VN_16 Datasheet HTML 26Page - Asahi Kasei Microsystems AK5556VN_16 Datasheet HTML 27Page - Asahi Kasei Microsystems AK5556VN_16 Datasheet HTML 28Page - Asahi Kasei Microsystems AK5556VN_16 Datasheet HTML 29Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 69 page
background image
[AK5556]
015099857-E-00
2016/03
- 25 -
(Ta=
40 - +105 C; AVDD= 4.5-5.5 V, TVDD= 1.7-1.98 V (LDOE pin=“L”) or 3.0-3.6 V (LDOE pin=“H”),
VDD18= 1.7-1.98 V
(LDOE pin=“L”), C
L= 10 pF)
Note 21. Data must be held for sufficient time to bridge the 300 ns transition time of SCL.
Note 22. The AK5556
can be reset by setting the PDN pin to “L” upon power-up. The PDN pin must held
“L” for more than 150 ns for a certain reset. The AK5556 is not reset by the “L” pulse less than
30 ns.
Note 23. This cycle
is the number of LRCK rising edges from the PDN pin = “H”.
Parameter
Symbol
Min.
Typ.
Max.
Unit
Control Interface Timing (3-Wire Serial mode):
(Figure 25) (Figure 26)
CCLK Period
CCLK Pulse Width Low
Pulse Width High
CDTI Setup Timing
CDTI Hold Timing
CSN
“H” Time
CSN
“↓” to CCLK “↑”
CCLK
“↑” to CSN “↑”
tCCK
tCCKL
tCCKH
tCDS
tCDH
tCSW
tCSS
tCSH
200
80
80
40
40
150
50
50
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
ns
ns
ns
ns
ns
ns
ns
ns
Control Interface Timing (I
2C Bus mode): (Figure 27)
SCL CLOCK Frequency
Bus Free Time Between Transmissions
Start Condition Hold Tune (Prior to First Clock Pulse)
Clock Low Time
Clock High Time
Setup Time for Repeated Start Condition
SDA Hold Time from SCL Falling (Note 21)
SDA Setup Time from SCL Rising
Rise Time of Both SDA and SCL Lines
Fall Time of Both SDA and SCL Lines
Setup Time for Stop Condition
Pulse Width of Spike Noise Suppressed by Input Filter
Capacitive Load on Bus
fSCL
tBUF
tHD STA
tLow
tHIGH
tSU STA
tHD DAT
tSU DAT
tR
tF
tSU STO
tSP
Cb
-
1.3
0.6
1.3
0.6
0.6
0
0.1
-
-
0.6
0
-
-
-
-
-
-
-
-
-
-
-
-
-
-
400
-
-
-
-
-
-
-
1.0
0.3
-
50
400
kHz
µs
µs
µs
µs
µs
µs
µs
µs
µs
µs
ns
pF
Power Down & Reset Timing (Figure 28)
PDN Pulse Width
(Note 22)
PDN Reject Pulse Width
(Note 22)
PDN
“↑” to SDTO1-4 valid
(Note 23)
tPD
tRPD
tPDV
150
-
-
-
-
583
-
30
-
ns
ns
1/fs


同様の部品番号 - AK5556VN_16

メーカー部品番号データシート部品情報
logo
HuaXinAn Electronics CO...
AK5556VN HUAXINAN-AK5556VN Datasheet
135Kb / 5P
   ADC with 4Filters
logo
Asahi Kasei Microsystem...
AK5556VN AKM-AK5556VN Datasheet
135Kb / 5P
   115dB 768kHz 32-bit 6ch ADC with 4Filters
More results

同様の説明 - AK5556VN_16

メーカー部品番号データシート部品情報
logo
Asahi Kasei Microsystem...
AK5576 AKM-AK5576 Datasheet
1Mb / 69P
   6-Channel Differential 32-bit ADC
AK5556 AKM-AK5556 Datasheet
1Mb / 69P
   6-Channel Differential 32-bit ADC
AK5536VN AKM-AK5536VN Datasheet
1Mb / 69P
   6-Channel Differential 32-bit ?꾬걪 ADC
AK5576EN AKM-AK5576EN Datasheet
1Mb / 69P
   6-Channel Differential 32-bit ?꾬걪 ADC
AK5536 AKM-AK5536 Datasheet
1Mb / 69P
   6-Channel Differential 32-bit ?꾬걪 ADC
AK5572 AKM-AK5572 Datasheet
1Mb / 68P
   2-Channel Differential 32-bit ADC
AK5558VN AKM-AK5558VN_16 Datasheet
1Mb / 70P
   8-Channel Differential 32-bit ADC
AK5538VN AKM-AK5538VN Datasheet
1Mb / 70P
   8-Channel Differential 32-bit ADC
AK5574 AKM-AK5574 Datasheet
1Mb / 68P
   4-Channel Differential 32-bit ADC
AK5552VN AKM-AK5552VN_16 Datasheet
1Mb / 68P
   2-Channel Differential 32-bit ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com