データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AK7735EQ データシート(PDF) 92 Page - Asahi Kasei Microsystems

部品番号 AK7735EQ
部品情報  Dual DSP with 4chADC 4chDAC 4chSRC
Download  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AKM [Asahi Kasei Microsystems]
ホームページ  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK7735EQ データシート(HTML) 92 Page - Asahi Kasei Microsystems

Back Button AK7735EQ Datasheet HTML 88Page - Asahi Kasei Microsystems AK7735EQ Datasheet HTML 89Page - Asahi Kasei Microsystems AK7735EQ Datasheet HTML 90Page - Asahi Kasei Microsystems AK7735EQ Datasheet HTML 91Page - Asahi Kasei Microsystems AK7735EQ Datasheet HTML 92Page - Asahi Kasei Microsystems AK7735EQ Datasheet HTML 93Page - Asahi Kasei Microsystems AK7735EQ Datasheet HTML 94Page - Asahi Kasei Microsystems AK7735EQ Datasheet HTML 95Page - Asahi Kasei Microsystems AK7735EQ Datasheet HTML 96Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 142 page
background image
[AK7735]
016014707-E-00
2016/12
- 92 -
BANK size and BANK addressing mode of DRAM, that is assigned, can be set independently for the
DSP1 and the DSP2.
DRAM BANK sizes for DSP1 and DSP2 are controlled by D1DRMBK[1:0] bits and D2DRMBK[1:0] bits,
respectively.
Mode
D1DRMBK[1:0] bits
D2DRMBK[1:0] bits
BANK 1 Size
BANK 0 Size
0
00
1024
Rest of Area
(default)
1
01
2048
Rest of Area
2
10
3072
Rest of Area
3
11
N/A
N/A
Table 39. DRAM BANK Size Setting for DSP1 and DSP2 (N/A: Not Available)
DRAM BANK addressing modes for DSP1 and DSP2 are controlled by D1DRMA[1:0] bits and
D2DRMA[1:0] bits, respectively.
Mode
D1DRMA[1:0] bits
D2DRMA[1:0] bits
BANK 1 (DP1)
BANK 0 (DP0)
0
00
Ring
Ring
(default)
1
01
Ring
Linear
2
10
Linear
Ring
3
11
Linear
Linear
Table 40. DRAM BANK Addressing Mode Setting for DSP1 and DSP2
BANK size and BANK addressing mode of DLRAM, that is assigned, can be set independently for the
DSP1 and DSP2.
DLRAM BANK sizes for DSP1 and DSP2 are controlled by D1DLRMBK[2:0] bits and D2DLRMBK[2:0]
bits, respectively.
Mode
D1DLRMBK [2:0] bits
D2DLRMBK [2:0] bits
BANK 1 Size
BANK 0 Size
0
000
0
Rest of Area
(default)
1
001
2048 word
Rest of Area
2
010
4096 word
Rest of Area
3
011
6144 word
Rest of Area
4
100
8192 word
Rest of Area
5
101
10240 word
Rest of Area
6
110
12288 word
0
7
111
N/A
N/A
Table 41. DLRAM BANK Size Setting for DSP1 and DSP2 (N/A: Not Available)
DLRAM BANK addressing modes for DSP1 and DSP2 are controlled by D1DLRMA bit and D2DLRMA
bit, respectively.
Mode
D1DLRMA bit
D2DLRMA bit
BANK 1
BANK 0
0
0
Ring
Ring
(default)
1
1
Linear
Ring
Table 42. DLRAM BANK Addressing Mode Setting for DSP1 and DSP2


同様の部品番号 - AK7735EQ

メーカー部品番号データシート部品情報
logo
Asahi Kasei Microsystem...
AK7735 AKM-AK7735 Datasheet
3Mb / 142P
   Dual DSP with 4chADC 4chDAC 4chSRC
AK7735A AKM-AK7735A Datasheet
3Mb / 43P
   Dual DSP with 4chADC 4chDAC 4chSRC
More results

同様の説明 - AK7735EQ

メーカー部品番号データシート部品情報
logo
Asahi Kasei Microsystem...
AK7735 AKM-AK7735 Datasheet
3Mb / 142P
   Dual DSP with 4chADC 4chDAC 4chSRC
AK7735A AKM-AK7735A Datasheet
3Mb / 43P
   Dual DSP with 4chADC 4chDAC 4chSRC
logo
Cirrus Logic
CS4953XX_0911 CIRRUS-CS4953XX_0911 Datasheet
536Kb / 36P
   Audio Decoder DSP Family with Dual 32-bit DSP Engine Technology
CS4953XX CIRRUS-CS4953XX Datasheet
629Kb / 38P
   32-bit Audio Decoder DSP Family with Dual DSP Engine Technology
CS49530X CIRRUS-CS49530X Datasheet
1Mb / 37P
   Audio Decoder DSP Family with Dual 32-bit DSP Engine Technology
logo
Analog Devices
ADSP-SC582 AD-ADSP-SC582_V01 Datasheet
3Mb / 173P
   SHARC Dual-Core DSP with Arm Cortex-A5
Rev. B
ADSP-SC595 AD-ADSP-SC595 Datasheet
3Mb / 134P
   SHARC Dual-Core DSP with Arm Cortex-A55
Rev. PrD
ADSP-SC570 AD-ADSP-SC570 Datasheet
3Mb / 142P
   SHARC Dual-Core DSP with ARM Cortex-A5
ADSP-21591 AD-ADSP-21591_V01 Datasheet
3Mb / 145P
   SHARC Dual-Core DSP with Arm Cortex-A5
Rev. A
logo
Cirrus Logic
CS4970X4 CIRRUS-CS4970X4_09 Datasheet
579Kb / 34P
   High Definition Audio Decoder DSP Family with Dual 32-bit DSP Engine Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com