データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AK7735EQ データシート(PDF) 100 Page - Asahi Kasei Microsystems

部品番号 AK7735EQ
部品情報  Dual DSP with 4chADC 4chDAC 4chSRC
Download  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AKM [Asahi Kasei Microsystems]
ホームページ  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK7735EQ データシート(HTML) 100 Page - Asahi Kasei Microsystems

Back Button AK7735EQ Datasheet HTML 96Page - Asahi Kasei Microsystems AK7735EQ Datasheet HTML 97Page - Asahi Kasei Microsystems AK7735EQ Datasheet HTML 98Page - Asahi Kasei Microsystems AK7735EQ Datasheet HTML 99Page - Asahi Kasei Microsystems AK7735EQ Datasheet HTML 100Page - Asahi Kasei Microsystems AK7735EQ Datasheet HTML 101Page - Asahi Kasei Microsystems AK7735EQ Datasheet HTML 102Page - Asahi Kasei Microsystems AK7735EQ Datasheet HTML 103Page - Asahi Kasei Microsystems AK7735EQ Datasheet HTML 104Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 142 page
background image
[AK7735]
016014707-E-00
2016/12
- 100 -
4-1. Input Selector Switching Sequence
The input selector should be changed after enabling soft mute function to avoid the switching noise of
the input selector.
ADC2 Input selector switching sequence:
1) Enable Soft Mute Function before Changing Channel
2) Change Channel
3) Disable Soft Mute Function
Attenuation
Channel
DATT Level
-
(1)
(2)
IN3L/IN3R
IN4L/IN4R
(1)
(3)
AD2MUTE bit
Figure 74. ADC2 Input Channel Switching Sequence Example
The period of (1) varies according to the setting value of the DATT level. Transition time of attenuation
level from 0dB to -
 is shown below.
ATSPAD bit
(1) Period (Max)
LRCK Cycle
fs=48kHz
fs=44.1kHz
fs=8kHz
0
828/fs
17.25ms
18.78ms
103.5ms
(default)
1
828/fs x 4
69ms
75.10ms
414ms
The input channel should be changed during the period (2). An interval around 200ms is needed before
releasing the soft mute after changing the channel (period (3)).
5. ADC Digital Filter Select
The AK7735 has four kinds of digital filters in ADC block. ADSD and ADSL bits select a digital filter.
ADC1 and ADC2 have a common setting for digital filter.
Mode
ADSD bit
ADSL bit
Digital Filter
0
0
0
Sharp Roll-Off Filter
(default)
1
0
1
Slow Roll-Off Filter
2
1
0
Short Delay Sharp Roll-Off Filter
3
1
1
Short Delay Slow Roll-Off Filter
Table 54. ADC Digital Filter Select


同様の部品番号 - AK7735EQ

メーカー部品番号データシート部品情報
logo
Asahi Kasei Microsystem...
AK7735 AKM-AK7735 Datasheet
3Mb / 142P
   Dual DSP with 4chADC 4chDAC 4chSRC
AK7735A AKM-AK7735A Datasheet
3Mb / 43P
   Dual DSP with 4chADC 4chDAC 4chSRC
More results

同様の説明 - AK7735EQ

メーカー部品番号データシート部品情報
logo
Asahi Kasei Microsystem...
AK7735 AKM-AK7735 Datasheet
3Mb / 142P
   Dual DSP with 4chADC 4chDAC 4chSRC
AK7735A AKM-AK7735A Datasheet
3Mb / 43P
   Dual DSP with 4chADC 4chDAC 4chSRC
logo
Cirrus Logic
CS4953XX_0911 CIRRUS-CS4953XX_0911 Datasheet
536Kb / 36P
   Audio Decoder DSP Family with Dual 32-bit DSP Engine Technology
CS4953XX CIRRUS-CS4953XX Datasheet
629Kb / 38P
   32-bit Audio Decoder DSP Family with Dual DSP Engine Technology
CS49530X CIRRUS-CS49530X Datasheet
1Mb / 37P
   Audio Decoder DSP Family with Dual 32-bit DSP Engine Technology
logo
Analog Devices
ADSP-SC582 AD-ADSP-SC582_V01 Datasheet
3Mb / 173P
   SHARC Dual-Core DSP with Arm Cortex-A5
Rev. B
ADSP-SC595 AD-ADSP-SC595 Datasheet
3Mb / 134P
   SHARC Dual-Core DSP with Arm Cortex-A55
Rev. PrD
ADSP-SC570 AD-ADSP-SC570 Datasheet
3Mb / 142P
   SHARC Dual-Core DSP with ARM Cortex-A5
ADSP-21591 AD-ADSP-21591_V01 Datasheet
3Mb / 145P
   SHARC Dual-Core DSP with Arm Cortex-A5
Rev. A
logo
Cirrus Logic
CS4970X4 CIRRUS-CS4970X4_09 Datasheet
579Kb / 34P
   High Definition Audio Decoder DSP Family with Dual 32-bit DSP Engine Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com